Part Number Hot Search : 
20ECB 2SK2514 XBXXX XBXXX 80C49 24AA32A C1145 1236A
Product Description
Full Text Search
 

To Download C1206CXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KEMET
(R)
CERAMIC CHIP/STANDARD
FEATURES
* C0G (NP0), X7R, Z5U and Y5V Dielectrics * 10, 16, 25, 50, 100 and 200 Volts * Standard End Metalization: Tin-plate over nickel barrier * Available Capacitance Tolerances: 0.10 pF; 0.25 pF; 0.5 pF; 1%; 2%; 5%; 10%; 20%; and +80%-20%
* Tape and reel packaging per EIA481-1. (See page 51 for specific tape and reel information.) Bulk Cassette packaging (0402, 0603, 0805 only) per IEC60286-6 and EIAJ 7201.
CAPACITOR OUTLINE DRAWINGS
W T S
ELECTRODES
L B
TIN PLATE
NICKEL PLATE CONDUCTIVE METALLIZATION
DIMENSIONS--MILLIMETERS AND (INCHES)
EIA SIZE CODE
0402* 0603* 0805* 1206* 1210* 1812 1825* 2220 2225 METRIC SIZE CODE (Ref only) 1005 1608 2012 3216 3225 4532 4564 5650 5664
L# LENGTH
1.0 (.04) .05(.002) 1.6 (.063) 0.15 (.006) 2.0 (.079) 0.2 (.008) 3.2 (.126) 0.2 (.008) 3.2 (.126) 0.2 (.008) 4.5 (.177) 0.3 (.012) 4.5 (.177) 0.3 (.012) 5.6 (.220) 0.4 (.016) 5.6 (.220) 0.4 (.016)
W# WIDTH
0.5 (.02) .05 (.002) 0.8 (.032) 0.15 (.006) 1.25 (.049) 0.2 (.008) 1.6 (.063) 0.2 (.008) 2.5 (.098) 0.2 (.008) 3.2 (.126) 0.3 (.012) 6.4 (.252) 0.4 (.016) 5.0 (.197) 0.4 (.016) 6.3 (.248) 0.4 (.016)
T (EIA) # THICKNESS MAX.
0.55 (.022) 0.9 (.035) 1.3 (.051) 1.5 (.059) 1.7 (.067) 1.7 (.067) 1.7 (.067) 1.8 (.071) 2.0 (.079)
B BANDWIDTH
0.20 (0.008)-0.40 (0.016) 0.35 (.014) 0.15 (.006) 0.5 (.02) .25 (.010) 0.5 (.02) .25 (.010) 0.5 (.02) .25 (.010) 0.6 (.024) .35 (.014) 0.6 (.024) .35 (.014) 0.6 (.024) .35 (.014) 0.6 (.024) .35 (.014)
S MIN. SEPARATION
0.3 (.012) 0.7 (.028) 0.75 (.030) N/A N/A N/A N/A N/A N/A
MOUNTING TECHNIQUE
Solder Reflow
Solder Wave or Solder Reflow
Solder Reflow
* Note: Indicates EIA Preferred Case Sizes # Note: Different tolerances apply for 0402, 0603, and 0805 packaged in bulk cassette.
CAPACITOR ORDERING INFORMATION (Standard Chips - For
C 0805 C 103 K 5 R A C*
CERAMIC SIZE CODE SPECIFICATION C - Standard CAPACITANCE CODE Expressed in Picofarads (pF) First two digits represent significant figures. Third digit specifies number of zeros. (Use 9 for 1.0 thru 9.9pF. Use 8 for 0.5 through 0.99pF) (Example: 2.2pF = 229 or 0.50 pF = 508) CAPACITANCE TOLERANCE B - 0.10pF J - 5% C - 0.25pF K - 10% D - 0.5pF M - 20% F - 1% P - (GMV) G - 2% Z - +80%, -20%
* Part Number Example: C0805C103K5RAC
Military see page 45)
END METALLIZATION C-Standard (Tin-plated nickel barrier) FAILURE RATE LEVEL A- Not Applicable TEMPERATURE CHARACTERISTIC Designated by Capacitance Change Over Temperature Range G - C0G (NP0) (30 PPM/C) R - X7R (15%) U - Z5U (+22%, -56%) V - Y5V (+22%, -82%) VOLTAGE 1 - 100V 3 - 25V 2 - 200V 4 - 16V 5 - 50V 8 - 10V
(14 digits - no spaces)
38
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP/STANDARD
C0G CAPACITANCE RANGE - 0402, 0603, 0805, 1206
CAP. PF .50 .75 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 15.0 16.0 18.0 20.0 22.0 24.0 27.0 30.0 33.0 36.0 39.0 43.0 47.0 51.0 56.0 62.0 68.0 75.0 82.0 91.0 100.0 110.0 120.0 130.0 150.0 160.0 180.0 200.0 220.0 240.0 270.0 300.0 330.0 360.0 390.0 430.0 470.0 510.0 560.0 620.0 680.0 750.0 820.0 910.0 1000.0 1100.0 1200.0 1300.0 1500.0 1600.0 1800.0 2000.0 2200.0 2400.0 2700.0 3000.0 3300.0 3600.0 3900.0 4300.0 4700.0 5100.0 5600.0 6200.0 6800.0 7500.0 8200.0 9100.0 10,000.0 CAP. TOL. C ,D C ,D C ,D C ,D C ,D C ,D C ,D C ,D C ,D C ,D C ,D C ,D C ,D K C ,D K C ,D K C ,D K C ,D K C ,D K C ,D K C ,D K C ,D J ,K C ,D J ,K C ,D J ,K C ,D J ,K C ,D J ,K C ,D J ,K C ,D J ,K C ,D J ,K C ,D J ,K C ,D J ,K C ,D G ,J ,K C ,D G ,J ,K C ,D G ,J ,K C ,D G ,J ,K C ,D G ,J ,K C ,D G ,J ,K D,F ,G ,J ,K D,F ,G ,J ,K D,F ,G ,J ,K D,F ,G ,J ,K D,F ,G ,J ,K D,F ,G ,J ,K D,F ,G ,J ,K D,F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K F ,G ,J ,K C0402* 10V 508 758 109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 16V 508 758 109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 25V 508 758 109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 50V 25V 508 758 109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 C0603* 50V 508 758 109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 111 121 131 151 161 181 201 221 241 271 301 331 361 391 431 471 511 100V 508 758 109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 111 121 131 151 161 181 200V 508 758 109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 25V C0805* 50V 508 758 109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 111 121 131 151 161 181 201 221 241 271 301 331 361 391 431 471 511 561 621 681 751 821 911 102 112 122 132 152 162 182 100V 508 758 109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 111 121 131 151 161 181 201 221 241 271 301 331 361 391 431 471 511 561 621 681 751 821 911 102 200V 508 758 109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 111 121 131 151 161 181 201 221 241 271 301 331 361 391 431 471 25V C1206*
KEMET
50V 100V 200V
(R)
561 621 681 751 821 910 1000
202 222 242 272 302 332 362 392
622 682 752 822 912 103
109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 111 121 131 151 161 181 201 221 241 271 301 331 361 391 431 471 511 561 621 681 751 821 911 102 112 122 132 152 162 182 202 222 242 272 302 332 362 392 432 472 512 562
109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 111 121 131 151 161 181 201 221 241 271 301 331 361 391 431 471 511 561 621 681 751 821 911 102 112 122 132 152 162 182 202 222 242 272 302 332 362 392
109 119 129 139 159 169 189 209 229 249 279 309 339 369 399 439 479 519 569 629 689 759 829 919 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 11 1 121 131 151 161 181 201 221 241 271 301 331 361 391 431 471 51 1 561 621 681 751 821 91 1 102 112 122 132 152 162 182
* Indicates EIA preferred chip sizes. NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative. 50 Volt Ceramic Chips can be used for 63 volt applications.
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
39
Ceramic Surface Mount
KEMET
(R)
CERAMIC CHIP/STANDARD
C0G CAPACITANCE RANGE - 1210, 1812, 1825, 2220, 2225
CAP . PF 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 680.0 820.0 1000.0 1200.0 1500.0 1800.0 2200.0 2700.0 3300.0 3900.0 4700.0 5600.0 6800.0 8200.0 10,000.0 12,000.0 15,000.0 18,000.0 22,000.0 27,000.0 33,000.0 CAP . TOL.
C ,D JK C ,D JK C ,D G ,J K C ,D G ,J K C ,D G ,J K D,F,G ,J K D,F,G ,J K D,F,G ,J K D,F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K F,G ,J ,K
C1210* 50V 100V 100 100 120 120 150 150 180 180 220 220 270 270 330 330 390 390 470 470 560 560 680 680 820 820 101 101 121 121 151 151 181 181 221 221 271 271 331 331 391 391 471 471 561 561 681 681 821 821 102 102 122 122 152 152 182 182 222 222 272 272 332 332 392 392 472 472 562 562 682 682 822 103 123
200V 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332
C1812* C1825* C2220 C2225 50V 100V 200V 50V 100V 200V 50V 100V 200V 50V 100V 200V
471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103
471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103
471 561 681 821 102 122 152 182 222 272 332 392 472 562 682
392 472 562 682 822 103 123 153 183 223 273
392 472 562 682 822 103 123 153 183 223 273
392 472 562 682 822 103 123
682 822 103 123 153 183 223 273
682 822 103 123 153 183
472 562 682 822 103 123 153 183 223 273 333
472 562 682 822 103 123 153 183 223 273
472 562 682 822 103 123 153
40
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300


▲Up To Search▲   

 
Price & Availability of C1206CXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X