![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SavantIC Semiconductor Product Specification Silicon NPN Power Transistors BU1507AX www..com DESCRIPTION *With TO-220F package *High voltage *High speed switching APPLICATIONS *For use in horizontal deflection circuits of colour TV receivers and computer monitors. PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION Absolute maximum ratings (Ta=25 ) SYMBOL VCBO VCEO VEBO IC ICM IB IBM PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (peak) Base current Base current (peak) Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 700 7.5 8 15 4 6 45 150 -65~150 UNIT V V V A A A A W SavantIC Semiconductor Product Specification Silicon NPN Power Transistors BU1507AX CHARACTERISTICS www..com Tj=25 unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Collector output capacitance CONDITIONS IE=1mA ;IC=0 IC=100mA ;IB=0;L=25mH IC=4A; IB=0.8A IC=4A; IB=0.8A VCE=rated;VBE=0 Tj=125 VEB=7.5V; IC=0 IC=0.1A ; VCE=5V IC=4.0A ; VCE=5V IE=0;f=1MHz;VCB=10V 5.0 17 7.0 68 9.0 pF MIN 7.5 700 5.0 1.1 1.0 2.0 1.0 TYP. 13.5 MAX UNIT V V V V mA mA SYMBOL V(BR)EBO VCEO(SUS) VCEsat VBEsat ICES IEBO hFE-1 hFE-2 CC 2 SavantIC Semiconductor Product Specification Silicon NPN Power Transistors PACKAGE OUTLINE www..com BU1507AX Fig.2 Outline dimensions 3 |
Price & Availability of BU1507AX
![]() |