Part Number Hot Search : 
N82S123 G30N60 BY1800 00218 BPC1010 C5VDC CT1623 BC548C
Product Description
Full Text Search
 

To Download BD-A403ND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BD-A403ND
1. 2. 3. 4. 5. 6. 7.
Features :
0.40 inch (10.16mm) Digit Height. Continuous uniform segments. Low power requirement. Excellent characters appearance. Solid state reliability. Categorized for luminous intensity. Direct drive common anode.
Package Dimensions :
5.90(.232) 10
10.16(.400)
16.00(.630)
12.7(.500)
PIN 1. 20.20(.795) 1.3(.051)
6.9(.272) 0.50(.020) 4.70.5(.185020) 2.54x7=17.78(.700)
1. 2. 3. 4.
Description :
The BD-A403ND is a 10.16mm(0.40") high dual digit seven segments display. This product use yellow chips, which are made from GaAsP on GaP substrate. This product have a black face and white segments. This product doesn't contain restriction substance, comply ROHS standard.
Notes: 1. All dimensions are in millimeters(inches). 2. Tolerance is 0.25mm(.01")unless otherwise specified. 3. Specifications are subject to change without notice.
Internal Circuit Diagram :
http://www.brtled.com
Ver.1.0 Page 1 of 3
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BD-A403ND
Absolute Maximum Ratings(Ta=25) Parameter
Power Dissipation Per Segment Forward Current Per Segment Peak Forward Current Per Segment Reverse Voltage Per Segment Operating Temperature Storage Temperature Soldering Temperature (1/16" From Body)
Symbol
Pd IF IFP (Duty 1/10, 1KHZ) VR Topr Tstg Tsol
Rating
80 30 150 5 -40~80 -40~85 260 For 5 Seconds
Unit
mW mA mA V -
Electrical And Optical Characteristics(Ta=25) Parameter
Forward Voltage Per Segment Luminous Intensity Per Segment Reverse Current Per Segment Peak Wave Length
Symbol Condition
Vf Iv IR IF=10mA IF=10mA VR=5V
Min.
-
Typ.
2.0 2.5 -
Max.
2.5 -
Unit
V mcd A nm nm nm
Dominant Wave Length
http://www.brtled.com
p IF=10mA 589 d IF=10mA 586 IF=10mA 35 -
100
594
Spectral Line Half-width
Ver.1.0 Page 2 of 3
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BD-A403ND
Typical Electro-Optical Characteristics Curves
(25 Ambient Temperature Unless Otherwise Noted)
Fig.1 Relative Radiant Intensity VS. Wavelength
1.0
Relative Radiant Intensity
0.5
0 500
530
560
590
620
650
680
Wavelength(nm) Fig.3 Relative Luminous Intensity VS. Ambient Temperature
Relative Luminous Intensity (@20mA)
50
Fig.2 Forward Current VS. Forward Voltage
3.0 2.5 2.0 1.5 1.0 0.5
Forward Current (mA)
40 30 20 10 0
Forward Voltage (V) Fig.4 Relative Luminous Intensity VS. Forward Current
1
2
3
4
5
0 -40
Ambient Temperature Ta( C) Fig.5 Forward Current Derating Curve VS. Ambient Temperature
-20
0
20
40
60
Relative Luminous Intensity (@20mA)
3.0
50 40 30 20 10
2.0
1.0
http://www.brtled.com
0 0 10 20 30 40 50 20 40 60 80 100 120
Forward Current(mA)
Forward Current(mA)
Ambient Temperature Ta( C)
Ver.1.0 Page 3 of 3


▲Up To Search▲   

 
Price & Availability of BD-A403ND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X