Part Number Hot Search : 
ADG611YR H8321 C5006 H8321 2SK2177 AD9772A PE6320 MM1025
Product Description
Full Text Search
 

To Download BAV99TPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
APPLICATION
* Ultra high speed switching
BAV99TPT
FEATURE
* Small surface mounting type. (SC-75/SOT-416) * High speed. (TRR=1.5nSec Typ.) * Suitable for high packing density. * Maximum total power disspation is 300mW. * Peak forward current is 450mA.
(3)
SC-75/SOT-416
0.1 0.20.05 0.5 1.60.2 0.5
(2)
1.00.1 0.1 0.30.05
(1)
CONSTRUCTION
* Silicon epitaxial planar
0.1 0.20.05 0.80.1
MARKING
* A7
0.150.05 0.1Min. 0.6~0.9 0~0.1 1.60.2
CIRCUIT
(2)
(1)
(3)
Dimensions in millimeters
SC-75/SOT-416
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current at 1uSec. Typical Junction Capacitance between Terminal (Note 1) Maximum Reverse Recovery Time (Note 2) Maximum Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TRR TJ TSTG BAV99TPT 85 60 75 0.15 4.0 1.5 4.0 +150 -55 to +150 UNITS Volts Volts Volts Amps Amps pF nSec
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at IF= 150mA Maximum Average Reverse Current at VR= 75V SYMBOL VF IR BAV99TPT 1.25 1.0 UNITS Volts uAmps 2002-5
NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 0 volts. 2. Measured at applied froward current of 10mA and reverse voltage of 10.0 volts. 3. ESD sensitive product handling required.
RATING CHARACTERISTIC CURVES ( BAV99TPT )
FIG. 1 - TYPICAL FORWARD CURRENT DERAING CURVE 50 FORWARD CURRENT, (mA) 20 10 5 2 1 0.5 0.2 0.1 0 25 50 75 100
o
FIG. 2 - FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT, (%)
125 100 75 50 25 0
Ta=85oC 50oC 25oC 0oC o - 30 C
125
150
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
AMBIENT TEMPERATURE, ( C)
FORWARD VOLTAGE, (V)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
FIG. 4 - REVERSE CHARACTERISTICS
Ta=100oC
JUNCTION CAPACITANCE, (pF)
f=1MHz
REVERSE CURRENT, (nA)
4
100 10 1
-
75oC 50oC 25oC 0oC 25oC
2
0.1 0.01
0 0 2 4 6 8 10 12 14 16 18 20 REVERSE VOLTAGE, (V)
0
20
30
40
50
60
70
80
REVERSE VOLTAGE, (V)
FIG. 5 - REVERSE RECOVERY TIME 10 REVERSE RECOVERY TIME, (nS) 9 8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6 7 8 9 10 FORWARD CURRENT, (mA)
VR=6V
FIG. 6 - REVERSE RECOVERY TIME MEASUREMENT CIRCUIT
0.01F D.U.T.
5 PULSE GENERATOR OUTPUT 50 50 SAMPLING OSCILLOSCOPE


▲Up To Search▲   

 
Price & Availability of BAV99TPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X