Part Number Hot Search : 
SFA1603G 100MZF KRM21 HES65 VIWT826A KRM21 PZM11N MPS712
Product Description
Full Text Search
 

To Download BAS40-05-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS40/ -04/ -05/ -06
SURFACE MOUNT SCHOTTKY BARRIER DIODE Features
* * * Low Forward Voltage Drop Fast Switching PN Junction Guard Ring for Transient and ESD Protection
TOP VIEW
SOT-23
A
Dim A
B C
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.85 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.80 8
B C D E G
Mechanical Data
* * * * * * * * Case: SOT-23, Molded Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Below Weight: 0.008 grams (approx.) Marking Code: See Diagrams Below & Page 2 Ordering Information: See Page 2
E D G H
K J D L
M
H J K L M a
All Dimensions in mm
BAS40 Marking: K43
BAS40-04 Marking: K44
BAS40-05 Marking: K45
BAS40-06 Marking: K46
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VRRM VRWM VR IFM Pd @ t < 1.0s IFSM RqJA Tj TSTG Value 40 200 350 600 357 -55 to +125 -65 to +150 Unit V mA mW mA C/W C C
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Power Dissipation (Note 1) Forward Surge Current (Note 1) Operating Temperature Range Storage Temperature Range Thermal Resistance, Junction to Ambient Air (Note 1)
Electrical Characteristics @ TA = 25C unless otherwise specified
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage (Note 2) Reverse Leakage Current (Note 2) Total Capacitance Reverse Recovery Time Note: Symbol V(BR)R VF IR CT trr Min 40 -- -- -- -- Typ -- -- 20 4.0 -- Max -- 380 1000 200 5.0 5.0 Unit V mV nA pF ns Test Condition IR = 10mA tp < 300ms, IF = 1.0mA tp < 300ms, IF = 40mA tp < 300ms, VR = 30V VR = 0V, f =1.0MHz IF = IR = 10mA to IR = 1.0mA, RL = 100W
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test used to minimize self-heating effect.
DS11006 Rev. 12 - 2
1 of 2
BAS40 /-04 /-05 /-06
Ordering Information
Device BAS40-7 BAS40-04-7 BAS40-05-7 BAS40-06-7 Notes:
(Note 3) Packaging SOT-23 Shipping 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1 2001 M Feb 2 March 3 Apr 4 2002 N May 5 Jun 6 2003 P Jul 7 Aug 8 2004 R Sep 9 Oct O 2005 S Nov N Dec D
DS11006 Rev. 12 - 2
YM
2 of 2
BAS40 /-04 /-05 /-06


▲Up To Search▲   

 
Price & Availability of BAS40-05-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X