|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features General * High-performance, Low-power, Enhanced RISC Architecture * * * * * * - 120 Powerful Instructions (Most Executed in a Single Clock Cycle) Low-power Idle and Power-down Modes Bond Pad Locations Conforming to ISO 7816-2 ESD Protection to 6000V Operating Ranges: from 2.7V to 5.5V Compliant with GSM, 3GPP and EMV 2000 Specifications; PC Industry Compatible Available in Wafers, Modules and Industry-standard Packages Memory * 48K Bytes of ROM Program Memory * 16K Bytes of EEPROM, Including 64-byte OTP Area and 64-byte Bit-addressable Area - 1 to 64-byte Program/Erase - 1 ms Program, 1 ms Erase - Typically More than 500,000 Write/Erase Cycles at a Temperature of 25oC - 10 Years Data Retention * 1.5K Bytes RAM Secure Microcontroller for Smart Cards AT90SC4816RS Summary Peripherals * I/O Port - Configurable to Support Communication Protocols Including ISO 7816-3 * 16-bit Timer * Random Number Generator (FIPS 140-1) * 2-level, 4-vector Interrupt Controller Security * * * * * Advanced Protection Against Physical Attack Environmental Protection Systems Voltage Monitor Frequency Monitor Secure Memory Management/Access Protection (Supervisor Mode) Development Tools * Voyager Emulation Platform (ATV2 Standard) to Support Software Development * IAR Systems C-Spy Debugger * Software Libraries and Application Notes Description The AT90SC4816RS is a low-power, high-performance, 8-bit microcontroller with ROM and EEPROM memory, based on enhanced RISC architecture. The AT90SC4816RS is code compatible with other members of the AT90SC family (EEPROM drivers). Alternatively, on request, AT90SC4816RS can also be configured to offer 100% compatibility with the AT90SC4816R. By executing powerful instructions in a single clock cycle, the AT90SC4816RS achieves throughputs close to 1 MIPS per MHz. Its Harvard architecture includes 32 general-purpose working registers directly connected to the ALU, allowing two independent registers to be accessed in one single instruction executed in one clock cycle. Rev. 1591AS-SMIC-06/03 Note: This is a summary document. A complete document will be1 available under NDA. For more information, please contact your local Atmel sales office. In addition to the 48K bytes of embedded ROM, the AT90SC4816RS includes 16K bytes of Atmel's high density EEPROM. The ability to map the EEPROM in the code space allows parts of the program memory to be reprogrammed in-system. This technology combined with the versatile 8-bit CPU on a monolithic chip provides a highly flexible and cost-effective solution to many smart card applications. Figure 1. AT90SC4816RS Enhanced RISC Architecture Data Bus 8-bit Access Control Random Number Generator OTP EEPROM User Memory PC ROM Program Memory 16 Instruction Register 16 8 General Purpose Registers x y z Access Control RAM Data Memory VCC 8 ALU Instruction Decoder 16 Control Lines Status Register 8 Interrupt Unit ISO 7816 I/O Port Timer Secure Control GND CLK IN/OUT (c) Atmel Corporation 2003. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. Corporate Headquarters, 2325 Orchard Parkway, San Jose, CA 95131, TEL (408) 441-0311, FAX (408) 487-2600 Atmel Colorado Springs, 1150 E. Cheyenne Mtn. Blvd., Colorado Springs, CO 80906, TEL (719) 576-3300, FAX (719) 540-1759 Atmel Grenoble, Avenue de Rochepleine, BP 123, 38521 Saint-Egreve Cedex, France, TEL (33) 4-7658-3000, FAX (33) 4-7658-3480 Atmel Heilbronn, Theresienstrasse 2, POB 3535, D-74025 Heilbronn, Germany, TEL (49) 71 31 67 25 94, FAX (49) 71 31 67 24 23 Atmel Nantes, La Chantrerie, BP 70602, 44306 Nantes Cedex 3, France, TEL (33) 0 2 40 18 18 18, FAX (33) 0 2 40 18 19 60 Atmel Rousset, Zone Industrielle, 13106 Rousset Cedex, France, TEL (33) 4-4253-6000, FAX (33) 4-4253-6001 Atmel Smart Card ICs, Scottish Enterprise Technology Park, East Kilbride, Scotland G75 0QR, TEL (44) 1355-357-000, FAX (44) 1355-242-743 ATMEL (R) is a registered trademark of Atmel. C-Spy (R) is a registered trademark of IAR Systems AB. Other terms and product names may be the trademark of others. Printed on recycled paper. 1591AS-10Jun03 |
Price & Availability of AT90SC4816RS |