Part Number Hot Search : 
MX929BDW 2SA103 12887A 229600P CA3130EZ MC33063A TM32F MC144
Product Description
Full Text Search
 

To Download AT-220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fixed Attenuators (SMA Type)
AT-100, AT-200, and AT-300 Series
sFeatures
1.Abundant Variations of Attenuators
Attenuation amounts are available in abundant variations from 0 to 4 dB in 0.5 dB steps, from 4 to 10 dB in 1 dB steps, and in 12, 13, 15, 20, 26 and 30 dB so that levels can be finely adjusted.
AT-103
2.SMA Type
The coupling portions are available in all types of plug and jack combinations and stainless steel is used for the external cladding to form a small and durable structure.
AT-206
3.High Degree of Matching and High Reliability
The design of the attenuation element uses a distributed constant circuit and metal film resistor. A high degree of matching is achieved as indicated in the VSWR of the appended tables. Furthermore, these attenuators show stable characteristics for environments of varying temperature, humidity, and gases.
AT-310
sProduct Specifications
Ratings Rated frequency range (Note) Characteristic impedance Maximum Input Power DC to 18.0 GHz 50 ohms 1W Operating temperature range Operating relative humidity -10c to +65c 95% Max.
Note: The frequency range will differ depending on the model.
Item 1.Vibration
Standard
Conditions Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm, acceleration of 98 m/s2 for 2 hours in each of 3 directions Acceleration of 490 m/s2, sine half-wave waveform, 3 cycles in each of the 3 axis
Temperature: -55c +5c to +35c +85c +5c to +35c Time: 30 15 max. 30 15 max. (Minutes) 200 cycles
No electrical discontinuity of 1 s or more No damage, cracks, or parts dislocation 2.Shock
3.Temperature cycle
No damage, cracks, or parts dislocation
qThe test method conforms to MIL-STD-202.
sMaterials
Part Connector Body Insulator Male contacts Female contacts Attenuation element Material Stainless steel PTFE Beryllium copper Beryllium copper Metal film Finish Passivated
----------
sOrdering Information
AT - 1 00-(0)
1 2 3 3 Attenuation
01 06 00-(0) 00-(0.5) 00-(3.5) : 1dB : 6dB : 0dB (Through) : 0.5dB : 3.5dB
Gold plating Gold plating
----------
1 AT: Indicates a fixed attenuator 2 Indicates the Series Name (Coupling Portion)
1: SMA plug - jack 2: SMA plug - plug 3: SMA jack - jack
78
sSpecifications
Part Number Attenuation (dB)
DC~12.4GHz 12.4~18GHz DC~4GHz AT-100-(0) AT-100-(0.5) AT-101 AT-100-(1.5) AT-102 AT-100-(2.5) AT-103 AT-100-(3.5) AT-104 AT-105 AT-106 AT-107 AT-108 AT-109 AT-110 AT-112 AT-113 AT-114 AT-115 AT-120 AT-203 AT-206 AT-210 AT-220 AT-303 AT-306 AT-310 AT-320
+0.5 0000 0 +1.0 0000 0
V.S.W.R.(Max)
4~12.4GHz 2.4~18GHz 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30
Power (W)
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Connectors
Weight (g)
8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 9 9 9 9 7 7 7 7
1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.15
HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-J * P HRM-P * P HRM-P * P HRM-P * P HRM-P * P HRM-J * J HRM-J * J HRM-J * J HRM-J * J
0.50.5 0.10.5 1.50.5 0.20.5 2.50.5 0.30.5 3.50.5 0.40.5 0.50.7 0.60.7 0.70.7 0.80.7 0.91.0 101.0 121.0 131.0 141.2 151.2 201.2 0.30.5 0.60.7 101.0 201.2 0.30.5 0.60.7 101.0 201.2
+1.0 0.5000 _0.5
11.00 1.51.00 21.00 2.51.00 31.00 3.51.00 41.00 51.20 61.20 71.20 81.20 91.25 101.25 121.25 131.25 141.30 151.30 201.30 31.00 61.20 101.25 201.30 31.00 61.20 101.250 201.30
Part Number
Attenuation (dB)
DC~8GHz
V.S.W.R.(Max)
DC~4GHz 1.15 1.15 4~8GHz 1.20 1.20
Power (W)
1 1
Connectors
Weight (g)
8 8
AT-126 AT-130
261.0 301.2
HRM-J * P HRM-J * P
79
sExternal Dimensions
AT-100 Type
AT-126,130 Type
AT-200 Type
AT-300 Type AT-120
sTypical Data
AT-103
AT-130
AT-206
AT-310 Input Power Characteristics
80


▲Up To Search▲   

 
Price & Availability of AT-220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X