|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Optoway InGaAs Avalanche PHOTODIODE InGaAs APD with Mini-Size TO Package FEATURES Data Rate up to 2.7 Gbps 0.9 A/W Typical Responsivity Breakdown Voltage: 40V Typical Wide Wavelength Band: 1260 nm to 1620 nm Case Operating Temperature: -40 to 85oC Hermetically Sealed 2-Pin Metal Case 2.4 mm Mini-Size Package APD-1150 **************************************************************************************************************************************************************** APD-1150 SERIES **************************************************************************************************************************************************************** APPLICATIONSC Receiver supports long distance fiber-optics communication systems with performance up to 2.7 Gb/s data rate, -40 to 85 oC operating temperature. ELECTRICAL AND OPTICAL CHARACTERISTICS (Tc=25C) Symbol Parameter Detection Range VBR VOP dVBR/dT Idark R C BW Breakdown Voltage Operating Voltage Temperature Coefficient of Breakdown Voltage Dark Current Responsivity Capacitance Bandwidth Idark=10A Best Sensitivity 0.06 VR =0.9 VBR =1550nm, M=1 VR =0.9 VBR, f=1MHz RL=50 , -3 dB, M=10 2.5 0.85 Test Conditions Min. 1260 35 VBR-3 0.07 80 0.9 0.6 Typ. Max. 1620 47 VBR-2 0.10 100 Unit nm V V V/oC nA A/W pF GHz Absolute Maximum Ratings (Tc=25 C) Symbol IF IR VR Topr Tstg Parameter APD Forward Current APD Reverse Current APD Reverse Voltage Operating Temperature Storage Temperature -40 -40 Minimum Maximum 2 3 VBR 85 85 Unit mA mA V C C Stress in excess of the absolute Maximum Ratings may cause permanent damage to the device. *************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 E-mail: sales@optoway.com.tw Fax: 886-3-5979737 http: // www.optoway.com.tw 4/9/2009 V2.0 Optoway MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT Focal Plane APD-1150 **************************************************************************************************************************************************************** Photosensitive surface 2.00.3 Convex 0.1 Concave 0.1 Basic Plane Photosensitive surface APD-1150 Note: 1. Specifications subject to change without notice. 2. Other PIN assignment is available upon request. APD-1155 ORDER INFORMATION Part No.: A P D - 1 1 5 Code 0 5 0 Package Flat Window Cap Ball Lens Cap *************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 E-mail: sales@optoway.com.tw Fax: 886-3-5979737 http: // www.optoway.com.tw 4/9/2009 V2.0 Optoway Revision History Version 1.0 2.0 Initial datasheet Revise mechanical drawing APD-1150 **************************************************************************************************************************************************************** Subject Release Date 2005/3/1 2009/4/9 *************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 E-mail: sales@optoway.com.tw Fax: 886-3-5979737 http: // www.optoway.com.tw 4/9/2009 V2.0 |
Price & Availability of APD-115009 |