Part Number Hot Search : 
BFXXXX E003964 ON1331 4730A 3P352LH H8863 CA3078AE 2798D
Product Description
Full Text Search
 

To Download AAT3111IGU-33-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MicroPowerTM Regulated Charge Pump General Description
The AAT3111 ChargePump is a MicroPower switched capacitor voltage converter that delivers a regulated output. No external inductor is required for operation. Using three small capacitors, the AAT3111 can deliver up to 150mA to the voltage regulated output. The AAT3111 features very low quiescent current and high efficiency over a large portion of its load range, making this device ideal for battery-powered applications. Furthermore, the combination of few external components and small package size keeps the total converter board area to a minimum in space-restricted applications. The AAT3111 operates in an output-regulated voltage doubling mode. The regulator uses a pulseskipping technique to provide a regulated output from a varying input supply. The AAT3111 contains a thermal management circuit to protect the device under continuous output short-circuit conditions. The AAT3111 is available in a Pb-free, surfacemount 6-pin SOT23 or 8-pin SC70JW package and is rated over the -40C to +85C temperature range.
AAT3111
Features
* * * * * * * * * * *
ChargePumpTM SmartSwitch
Step-Up Type Voltage Converter Input Voltage Range: -- AAT3111-3.6: 1.8V to 3.6V -- AAT3111-3.3: 1.8V to 3.3V MicroPower Consumption: 20A 3.6V, 3.3V Regulated 4% Output 3.6V Output Current -- 100mA with VIN 3.0V -- 20mA with VIN 2.0V 3.3V Output Current -- 100mA with VIN 2.5V -- 20mA with VIN 1.8V High Frequency 750kHz Operation Shutdown Mode Draws Less Than 1A Short-Circuit/Over-Temperature Protection 2kV ESD Rating SC70JW-8 or SOT23-6 Package
Applications
* * * * * Battery Back-Up Supplies Digital Cameras Handheld Electronics MP3 Players PDAs
Typical Application
AAT3111
VOUT
10uF
COUT VOUT GND SHDN C+ VIN CCIN
1uF
VIN
10uF
ON/OFF
3111.2006.06.1.3
1
MicroPowerTM Regulated Charge Pump Pin Descriptions
Pin #
SOT23-6 SC70JW-8
AAT3111
Symbol
VOUT GND SHDN CVIN C+
Function
Regulated output pin. Bypass this pin to ground with at least 6.8F low Equivalent Series Resistance (ESR) capacitor. Ground connection. Shutdown input. Logic low signal disables the converter. Flying capacitor negative terminal. Input supply pin. Bypass this pin to ground with at least 6.8F low ESR capacitor. Flying capacitor positive terminal.
1 2 3 4 5 6
1 2, 3, 4 5 6 7 8
Pin Configuration
SOT23-6 (Top View) SC70JW-8 (Top View)
6
VOUT GND SHDN
1
C+ VIN C-
2
5
3
4
VOUT GND GND GND
1 2 3 4
8 7 6 5
C+ VIN CSHDN
2
3111.2006.06.1.3
MicroPowerTM Regulated Charge Pump Absolute Maximum Ratings1
TA = 25C, unless otherwise noted. Symbol
VIN VOUT VSHDN tSC TJ TLEAD VESD
AAT3111
Description
VIN to GND VOUT to GND SHDN to GND Output to GND Short-Circuit Duration Operating Junction Temperature Range Maximum Soldering Temperature (at leads, 10 sec) ESD Rating2 -- HBM
Value
-0.3 to 6 -0.3 to 6 -0.3 to 6 Indefinite -40 to 150 300 2000
Units
V V V s C C V
Thermal Information3
Symbol
JA PD
Description
Maximum Thermal Resistance Maximum Power Dissipation
Rating
150 667
Units
C/W mW
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Human body model is a 100pF capacitor discharged through a 1.5k resistor into each pin. 3. Mounted on an FR4 board. 3111.2006.06.1.3
3
MicroPowerTM Regulated Charge Pump Electrical Characteristics
TA = -40C to +85C, unless otherwise noted. Typical values are TA = 25C, CFLY = 1F, CIN = 10F, COUT = 10F. Symbol Description Conditions
VOUT = 3.3V 1.8V < VIN < 3.3V, IOUT = 0mA, SHDN = VIN 1.8V < VIN < 3.3V, IOUT = 20mA 2.5V < VIN < 3.3V, IOUT = 100mA 1.8V < VIN < 3.3V, IOUT = 0mA, VSHDN = 0 VIN = 2.0V, IOUT = 50mA VIN = 1.8V, IOUT = 25mA Oscillator Free Running
AAT3111
Min
1.8 3.17 3.17
Typ
Max
VOUT 30 3.43 3.43 1
Units
V A V A mVP-P % kHz V V A A ms mA V A V A mVP-P % kHz V V A A ms mA
AAT3111-3.3 VIN Input Voltage IQ No Load Supply Current1 VOUT Output Voltage
ISHDN Shutdown Supply Current VRIPPLE Ripple Voltage Efficiency fOSC Frequency VIH SHDN Input Threshold High VIL SHDN Input Threshold Low IIH SHDN Input Current High IIL SHDN Input Current Low tON VOUT Turn-On Time ISC Short-Circuit Current2 AAT3111-3.6 VIN Input Voltage IQ No Load Supply Current1 VOUT ISHDN VRIPPLE fOSC VIH VIL IIH IIL tON ISC Output Voltage Shutdown Supply Current Ripple Voltage Efficiency Frequency SHDN Input Threshold High SHDN Input Threshold Low SHDN Input Current High SHDN Input Current Low VOUT Turn-On Time Short-Circuit Current2
20 3.30 3.30 0.01 20 91 750
1.4 SHDN = VIN SHDN = GND VIN = 1.8V, IOUT = 0mA VIN = 1.8V, VOUT = GND, SHDN = 3V VOUT = 3.6V 1.8V < VIN < 3.6V, IOUT = 0mA, SHDN = VIN 2.0V < VIN < 3.6V, IOUT 20mA 3.0V < VIN < 3.6V, IOUT 100mA 1.8V < VIN < 3.6V, IOUT = 0mA, VSHDN = 0 VIN = 2.5V, IOUT = 50mA VIN = 3V, IOUT = 100mA VIN = 2.0V, IOUT = 20mA Oscillator Free Running -1 -1 0.2 300 1.8 3.46 3.46 20 3.6 3.6 0.01 25 30 90 750 VOUT 30 3.74 3.74 1 0.3 1 1
1.4 SHDN = VIN SHDN = GND VIN = 1.8V, IOUT = 0mA VIN = 1.8V, VOUT = GND, SHDN = 3V -1 -1 0.2 300 0.3 1 1
1. Under short-circuit conditions, the device may enter over-temperature protection mode. 2. IQ = IVIN + IVOUT. VOUT is pulled up to 3.8V to prevent switching.
4
3111.2006.06.1.3
MicroPowerTM Regulated Charge Pump Typical Characteristics -- AAT3111-3.3
Unless otherwise noted, VIN = 3V, CIN = COUT = 10F, CFLY = 1F, TA = 25C.
AAT3111
Output Voltage vs. Output Current
3.40 60
Supply Current vs. Supply Voltage
Output Voltage (V)
3.35
Supply Current (A)
50 40 30 20 10 0
VIN = 2.3V VIN = 2.6V
3.30
No Load, Switching
VIN = 2.0V
3.25
VIN = 1.7V
0.01 0.1 1 10 100 1000
No Load, Not Switching
1.5 2.0 2.5 3.0 3.5
3.20
Output Current (mA)
Supply Voltage (V)
Efficiency vs. Supply Voltage
95 90 100
Efficiency vs. Load Current
5mA
90
Efficiency (%)
Efficiency (%)
85 80 75 70 65 60 55 50 1.8 2.0
50mA
80 70 60 50 40 30 20 10
VIN = 1.8V
VIN = 2.0V VIN = 2.6V
100mA
2.2
2.4
2.6
2.8
3.0
0 0.01
0.1
1
10
100
Supply Voltage (V)
Load Current (mA)
Startup
0.9
VSHDN Threshold vs. Supply Voltage
VSHDN Threshold (V)
SHDN (2V/div) ILOAD = 100mA VIN = 2.3V ILOAD = 50mA VIN = 2.0V ILOAD = 25mA VIN = 2.0V
0.8 0.7 0.6 0.5 0.4 1.5 1.7 1.9 2.1
VIH
VIL
VOUT (1V/div)
2.3
2.5
2.7
2.9
3.1
Time (100s/div)
Supply Voltage (V)
3111.2006.06.1.3
5
MicroPowerTM Regulated Charge Pump Typical Characteristics -- AAT3111-3.3
Unless otherwise noted, VIN = 3V, CIN = COUT = 10F, CFLY = 1F, TA = 25C.
AAT3111
Load Transient Response
(VIN = 2.0V)
Load Transient Response
(VIN = 2.6V)
IOUT (20mA/div)
IOUT (50mA/div)
VOUT AC Coupled (20mV/div) Time (50s/div)
VOUT AC Coupled (20mV/div) Time (50s/div)
Output Ripple
(IOUT = 50mA; VIN = 2.0V)
Output Ripple
(IOUT = 100mA; VIN = 2.5V)
VOUT AC Coupled (10mV/div)
Time (2s/div)
VOUT AC Coupled (10mV/div)
Time (1s/div)
6
3111.2006.06.1.3
MicroPowerTM Regulated Charge Pump Typical Characteristics -- AAT3111-3.6
Unless otherwise noted, VIN = 3V, CIN = COUT = 10F, CFLY = 1F, TA = 25C.
AAT3111
Output Voltage vs. Output Current
3.75 60
Supply Current vs. Supply Voltage
Ooutput Voltage (V)
3.70 3.65 3.60 3.55 3.50 3.45 0.01
Supply Current (A)
VIN = 2.9V
50 40 30 20 10 0
No Load, Switching
VIN = 2.0V
VIN = 2.3V
No Load, Not Switching
0.1
1
10
100
1000
1.6
2.1
2.6
3.1
3.6
Output Current (mA)
Supply Voltage (V)
Efficiency vs. Supply Voltage
100 95 90
100
Efficiency vs. Load Current
Efficiency (%)
Efficiency (%)
85 80 75 70 65 60 55 50 1.8 2.0
50mA 100mA 10mA
90 80 70 60 50 40 30 20 10 0
VIN = 2.0V
VIN = 2.3V
VIN = 2.6V
2.2
2.4
2.6
2.8
3.0
3.2
0.01
0.1
1
10
100
Supply Voltage (V)
Load Current (mA)
Startup
0.9
VSHDN Threshold vs. Supply Voltage
SHDN (2V/div)
VSHDN Threshold (V)
ILOAD = 100mA VIN = 2.1V ILOAD = 50mA VIN = 2.1V
0.8
VIH
0.7 0.6 0.5 0.4 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1
VIL
VOUT (1V/div)
Time (100s/div)
Supply Voltage (V)
3111.2006.06.1.3
7
MicroPowerTM Regulated Charge Pump Typical Characteristics -- AAT3111-3.6
Unless otherwise noted, VIN = 3V, CIN = COUT = 10F, CFLY = 1F, TA = 25C.
AAT3111
Load Transient Response
(VIN = 2.1V)
Load Transient Response
(VIN = 2.4V)
IOUT (20mA/div)
IOUT (50mA/div)
VOUT AC Coupled (20mV/div)
VOUT AC Coupled (20mV/div) Time (50s/div) Time (50s/div)
Output Ripple
(IOUT = 50mA; VIN = 2.5V)
Output Ripple
(IOUT = 100mA; VIN = 3.0V)
VOUT AC Coupled (10mV/div)
VOUT AC Coupled (10mV/div)
Time (2s/div)
Time (1s/div)
8
3111.2006.06.1.3
MicroPowerTM Regulated Charge Pump Functional Block Diagram
AAT3111
VIN S2 SHDN
CONTROL
S1 C+ C-
VREF
S4
S3 VOUT
+
GND
Functional Description
Operation (Refer to block diagram)
The AAT3111 uses a switched capacitor charge pump to boost an input voltage to a regulated output voltage. Regulation is achieved by sensing the charge pump output voltage through an internal resistor divider network. A switched doubling circuit is enabled when the divided output drops below a preset trip point controlled by an internal comparator. The charge pump switch cycling enables four internal switches at two non-overlapping phases. During the first phase, switches S1 and S4 are switched on (short) and switches S2 and S3 are off (open). The flying capacitor CFLY is charged to a level approximately equal to input voltage VIN. On the second phase, switches S1 and S4 are turned off (open), and S2 and S3 are turned on (short). The low side of the flying capacitor CFLY is connected to GND during the first phase. During the second phase, the flying capacitor CFLY is switched so that the low side is connected to VIN. The voltage at the high side of the flying capacitor CFLY is bootstrapped to 2 x VIN and is connected to the output through switch S3. For each cycle phase, charge from input node VIN is transported from a lower voltage to a higher voltage. This cycle repeats itself until the output node voltage is high enough to exceed the preset input threshold of the control comparator. When the output voltage exceeds the internal trip point level, the switching cycle stops and the charge pump circuit is tem3111.2006.06.1.3
porarily placed in an idle state. When idle, the AAT3111 has a quiescent current of 20A or less. The closed loop feedback system containing the voltage sense circuit and control comparator allows the AAT3111 to provide a regulated output voltage to the limits of the input voltage and output load current. The switching signal, which drives the charge pump, is created by an integrated oscillator within the control circuit block. The free-running charge pump switching frequency is approximately 750kHz. The switching frequency under a load is a function of VIN, VOUT, COUT, and IOUT. For each phase of the switching cycle, the charge transported from VIN to VOUT can be approximated by the following formula: VPHASE CFLY * (2 * VIN - VOUT) The relative average current that the charge pump can supply to the output may be approximated by the following expression: IOUT(AVG) CFLY * (2 * VIN - VOUT) * FS The AAT3111 has complete output short-circuit and thermal protection to safeguard the device under extreme operating conditions. An internal thermal protection circuit senses die temperature and will shut down the device if the internal junction temperature exceeds approximately 145C. The charge pump will remain disabled until the fault condition is relieved. 9
MicroPowerTM Regulated Charge Pump
External Capacitor Selection
Careful selection of the three external capacitors CIN, COUT, and CFLY is very important because they will affect turn-on time, output ripple, and transient performance. Optimum performance will be obtained when low ESR ceramic capacitors are used. In general, low ESR may be defined as less than 100m. If desired for a particular application, low ESR tantalum capacitors may be substituted; however, optimum output ripple performance may not be realized. Aluminum electrolytic capacitors are not recommended for use with the AAT3111 due to their inherent high ESR characteristic. Typically as a starting point, a capacitor value of 10F should be used for CIN and COUT with 1F for CFLY when the AAT3111 is used under maximum output load conditions. Lower values for CIN, COUT, and CFLY may be utilized for light load current applications. Applications drawing a load current of 10mA or less may use a CIN and COUT capacitor value as low as 1F and a CFLY value of 0.1F. CIN and COUT may range from 1F for light loads to 10F or more for heavy output load conditions. CFLY may range from 0.01F to 2.2F or more. If CFLY is increased, COUT should also be increased by the same ratio to minimize output ripple. As a basic rule, the ratio between CIN, COUT, and CFLY should be approximately 10 to 1. The compromise for lowering the value of CIN, COUT, and the flying capacitor CFLY is the output ripple voltage may be increased. In any case, if the external capacitor values deviate greatly from the recommendation of CIN = COUT = 10F and CFLY = 1F, the AAT3111 output performance should be evaluated to assure the device meets application requirements. In applications where the input voltage source has very low impedance, it is possible to omit the CIN capacitor. However, if CIN is not used, circuit performance should be evaluated to assure desired operation is achieved. Under high peak current operating conditions that are typically experienced during circuit start-up or when load demands create a large inrush current, poor output voltage regulation can result if the input supply source impedance is high, or if the value of CIN is too low. This situation can be remedied by increasing the value of CIN.
AAT3111
Capacitor Characteristics
Ceramic composition capacitors are highly recommended over all other types of capacitors for use with the AAT3111. Ceramic capacitors offer many advantages over their tantalum and aluminum electrolytic counterparts. A ceramic capacitor typically has very low ESR, is lower cost, has a smaller PCB footprint, and is non-polarized. Low ESR ceramic capacitors help maximize charge pump transient response. Since ceramic capacitors are non-polarized, they are not prone to incorrect connection damage. Equivalent Series Resistance: ESR is a very important characteristic to consider when selecting a capacitor. ESR is a resistance internal to a capacitor that is caused by the leads, internal connections, size or area, material composition, and ambient temperature. Typically capacitor ESR is measured in milliohms for ceramic capacitors and can range to more than several ohms for tantalum or aluminum electrolytic capacitors. Ceramic Capacitor Materials: Ceramic capacitors less than 0.1F are typically made from NPO or C0G materials. NPO and C0G materials generally have tight tolerance and are very stable over temperature. Larger capacitor values are usually composed of X7R, X5R, Z5U, or Y5V dielectric materials. Large ceramic capacitors (i.e., greater than 2.2F) are often available in low-cost Y5V and Z5U dielectrics. If these types of capacitors are selected for use with the charge pump, the nominal value should be doubled to compensate for the capacitor tolerance which can vary more than 50% over the operating temperature range of the device. A 10F Y5V capacitor could be reduced to less than 5F over temperature; this could cause problems for circuit operation. X7R and X5R dielectrics are much more desirable. The temperature tolerance of X7R dielectric is better than 15%. Capacitor area is another contributor to ESR. Capacitors that are physically large will have a lower ESR when compared to an equivalent material smaller capacitor. These larger devices can improve circuit transient response when compared to an equal value capacitor in a smaller package size.
10
3111.2006.06.1.3
MicroPowerTM Regulated Charge Pump
Charge Pump Efficiency
The AAT3111 is a regulated output voltage doubling charge pump. The efficiency () can simply be defined as a linear voltage regulator with an effective output voltage that is equal to two times the input voltage. Efficiency () for an ideal voltage doubler can typically be expressed as the output power divided by the input power. tion temperature. If the thermal protection circuit senses the die temperature exceeding approximately 145C, the thermal shutdown will disable the charge pump switching cycle operation. The thermal limit system has 10C of system hysteresis before the charge pump can reset. Once the overcurrent event is removed from the output and the junction temperature drops below 135C, the charge pump will then become active again. The thermal protection system will cycle on and off if an output short-circuit condition persists. This will allow the AAT3111 to operate indefinitely in a shortcircuit condition without damage to the device.
AAT3111
=
POUT PIN
In addition, with an ideal voltage doubling charge pump, the output current may be expressed as half the input current. The expression to define the ideal efficiency () can be rewritten as:
V POUT VOUT * IOUT = = OUT PIN VIN * 2IOUT 2VIN
Output Ripple and Ripple Reduction
There are several factors that determine the amplitude and frequency of the charge pump output ripple, the values of COUT and CFLY, the load current IOUT, and the level of VIN. Ripple observed at VOUT is typically a sawtooth waveform in shape. The ripple frequency will vary depending on the load current IOUT and the level of VIN. As VIN increases, the ability of the charge pump to transfer charge from the input to the output becomes greater; as it does, the peak-to-peak output ripple voltage will also increase. The size and type of capacitors used for CIN, COUT, and CFLY have an effect on output ripple. Since output ripple is associated with the R/C charge time constant of these two capacitors, the capacitor value and ESR will contribute to the resulting charge pump output ripple. This is why low ESR capacitors are recommended for use in charge pump applications. Typically, output ripple is not greater than 35mVP-P when VIN = 2.0V, VOUT = 3.3V, COUT = 10F, and CFLY = 1F. When the AAT3111 is used in light output load applications where IOUT < 10mA, the flying capacitor CFLY value can be reduced. The reason for this effect is when the charge pump is under very light load conditions, the transfer of charge across CFLY is greater during each phase of the switching cycle. The result is higher ripple seen at the charge pump output. This effect will be reduced by decreasing the value of CFLY. Caution should be observed when decreasing the flying capacitor. If the output load current rises above the nominal level for the reduced CFLY value, charge pump efficiency can be compromised.
=
-or VOUT 2VIN
(%) = 100
For a charge pump with an output of 3.3 volts and a nominal input of 1.8 volts, the theoretical efficiency is 91.6%. Due to internal switching losses and IC quiescent current consumption, the actual efficiency can be measured at 91%. These figures are in close agreement for output load conditions from 1mA to 100mA. Efficiency will decrease as load current drops below 0.05mA or when the level of VIN approaches VOUT. Refer to the Typical Characteristics section for measured plots of efficiency versus input voltage and output load current for the given charge pump output voltage options.
Short-Circuit and Thermal Protection
In the event of a short-circuit condition, the charge pump can draw as much as 100mA to 400mA of current from VIN. This excessive current consumption due to an output short-circuit condition will cause a rise in the internal IC junction temperature. The AAT3111 has a thermal protection and shutdown circuit that continuously monitors the IC junc-
3111.2006.06.1.3
11
MicroPowerTM Regulated Charge Pump
There are several methods that can be employed to reduce output ripple depending upon the requirements of a given application. The most simple and straightforward technique is to increase the value of the COUT capacitor. The nominal 10F COUT capacitor can be increased to 22F or more. Larger values for the COUT capacitor (22F and greater) will by nature have lower ESR and can improve both high and low frequency components of the charge pump output ripple response. If a higher value tantalum capacitor is used for COUT to reduce low frequency ripple elements, a small 1F low ESR ceramic capacitor should be added in parallel to the tantalum capacitor (see Figure 1). The reason for this is tantalum capacitors typically have higher ESR than equivalent value ceramic capacitors and are less able to reduce high-frequency components of the output ripple. The only disadvantage to using large values for the COUT capacitor is the AAT3111 device turn-on time and inrush current may be increased. If additional ripple reduction is desired, an R/C filter can be added to the charge pump output in addition to the COUT capacitor (see Figure 2). An R/C filter will reduce output ripple by primarily attenuating high frequency components of the output ripple waveform. The low frequency break point for the R/C filter will significantly depend on the capacitor value selected.
AAT3111
Layout Considerations
High charge pump switching frequencies and large peak transient currents mandate careful printed circuit board layout. As a general rule for charge pump boost converters, all external capacitors should be located as closely as possible to the device package with minimum length trace connections. Maximize the ground plane around the AAT3111 charge pump and make sure all external capacitors are connected to the immediate ground plane. A local component side ground plane is recommended. If this is not possible due the layout design limitations, assure good ground connections by the use of large or multiple PCB vias. Refer to the AAT3111 evaluation board for an example of good charge pump layout design (Figures 3 through 5).
VOUT (3.3V)
COUT2 1F
COUT1 22F
+
VOUT
C+
AAT3111
GND VIN
CFLY 1F
+
ON/OFF
CIN 10F
V IN (1.8V to 3.3V)
SHDN
C-
Figure 1: Application Using Tantalum Capacitor.
RFILTER 1.5
VOUT C+
VOUT (3.3V)
CFILTER 33F
COUT 10F
AAT3111
GND VIN
CFLY 1F CIN 10F
VIN (1.8V to 3.3V)
ON/OFF
SHDN
C-
Figure 2: Application With Output Ripple Reduction Filter.
12
3111.2006.06.1.3
MicroPowerTM Regulated Charge Pump
AAT3111
Figure 3: Evaluation Board Top Side Silk Screen Layout / Assembly Drawing.
Figure 4: Evaluation Board Component Side Layout.
Figure 5: Evaluation Board Solder Side Layout.
Typical Application Circuit
VOUT
COUT 10F
VOUT
C+
AAT3111
GND VIN
CFLY 1F CIN 10F
VIN
ON/OFF
SHDN
C-
Figure 6: Typical Charge Pump Boost Converter Circuit.
3111.2006.06.1.3
13
MicroPowerTM Regulated Charge Pump Ordering Information
Output Voltage
3.3V 3.6V 3.3V 3.6V
AAT3111
Package
SOT23-6 SOT23-6 SC70JW-8 SC70JW-8
Marking1
BPXYY BOXYY BPXYY BOXYY
Part Number (Tape and Reel)2
AAT3111IGU-3.3-T1 AAT3111IGU-3.6-T1 AAT3111IJS-3.3-T1 AAT3111IJS-3.6-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
1. XYY = assembly and date code. 2. Sample stock is generally held on part numbers listed in BOLD.
14
3111.2006.06.1.3
MicroPowerTM Regulated Charge Pump Package Information
SOT23-6
2.85 0.15 1.90 BSC 0.95 BSC
AAT3111
1.575 0.125
1.10 0.20
2.80 0.20 1.20 0.25
0.075 0.075
0.15 0.07
GAUGE PLANE
10 5 0.40 0.10 x 6
4 4
0.60 REF
0.45 0.15
0.10 BSC
SC70JW-8
0.50 BSC 0.50 BSC 0.50 BSC
1.75 0.10
0.225 0.075 2.00 0.20
2.20 0.20
0.048REF
0.85 0.15
1.10 MAX
0.15 0.05
0.100
7 3
0.45 0.10 2.10 0.30
4 4
All dimensions in millimeters.
0.05 0.05
3111.2006.06.1.3
15
MicroPowerTM Regulated Charge Pump
AAT3111
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech's standard warranty. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed. AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are registered trademarks or trademarks of their respective holders.
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085 Phone (408) 737-4600 Fax (408) 737-4611 16
3111.2006.06.1.3


▲Up To Search▲   

 
Price & Availability of AAT3111IGU-33-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X