Part Number Hot Search : 
TM128160 P4KE15 ATA6612 08A50 ACTF8100 ACT8897 KTA1073T MAX703
Product Description
Full Text Search
 

To Download 3N249-E445 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP005M thru KBP10M, 3N246 thru 3N252
Vishay General Semiconductor
Glass Passivated Single-Phase Bridge Rectifier
FEATURES * UL recognition file number E54214 * Ideal for printed circuit board * High surge current capability
- ~ ~ + Case Style KBPM + ~ ~ -
e4
* High case dielectric strength * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS General purpose use in ac-to-dc bridge full wave rectification for switching power supply, home appliances, office equipment, and telecommunication applications. MECHANICAL DATA Case: KBPM Epoxy meets UL 94V-0 flammability rating Terminals: Silver plated leads, solderable per J-STD-002 and JESD22-B102 E4 suffix for consumer grade Polarity: As marked on body
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM IR VF TJ max. 1.5 A 50 V to 1000 V 60 A 5 A 1.0 V 150 C
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage (1) Maximum RMS voltage (1) Maximum DC blocking voltage (1) Maximum average forward output rectified current at TA = 40 C Peak forward surge current single half sine-wave (1) Rating for fusing (t < 8.3 ms) Operating junction and storage temperature range (1) Note: (1) JEDEC registered values TA = 25 C TJ = 150 C SYMBOL VRRM VRMS VDC IF(AV) IFSM I2t TJ, TSTG KBP 005M 3N246 50 35 50 KBP 01M 3N247 100 70 100 KBP 02M 3N248 200 140 200 KBP 04M 3N249 400 280 400 1.5 60 40 10 - 55 to + 150 KBP 06M 3N250 600 420 600 KBP 08M 3N251 800 560 800 KBP 10M 3N252 1000 700 1000 V V V A A A2s C UNIT
Document Number: 88531 Revision: 15-Apr-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
KBP005M thru KBP10M, 3N246 thru 3N252
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER TEST CONDITIONS 1.0 A 1.57 A TA = 25 C TA = 125 C 4.0 V, 1 MHz SYMBOL KBP 005M 3N246 Maximum instantaneous forward voltage drop per diode (1) Maximum DC reverse current at rated DC blocking voltage per diode (1) Typical junction capacitance per diode Note: (1) JEDEC registered values VF KBP 01M 3N247 KBP 02M 3N248 KBP 04M 3N249 1.0 1.3 5.0 500 15 KBP 06M 3N250 KBP 08M 3N251 KBP 10M 3N252 V UNIT
IR
A
CJ
pF
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER SYMBOL KBP 005M 3N246 Typical thermal resistance (1) RJA RJL KBP 01M 3N247 KBP 02M 3N248 KBP 04M 3N249 40 13 KBP 06M 3N250 KBP 08M 3N251 KBP 10M 3N252 C/W UNIT
Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with, 0.47 x 0.47" (12 x 12 mm) copper pads
ORDERING INFORMATION (Example)
PREFERRED P/N KBP06M-E4/45 KBP06M-E4/51 3N250-E4/45 3N250-E4/51 UNIT WEIGHT (g) 1.895 1.895 1.895 1.895 PREFERRED PACKAGE CODE 45 51 45 51 BASE QUANTITY 30 600 30 600 DELIVERY MODE Tube Anti-static PVC tray Tube Anti-static PVC tray
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
1.6 60
Bridge Output Full Wave Rectified Current Average (A)
Peak Forward Surge Current (A)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 20 40 60 80 Capacitive Load Ipk 5.0 = 10 IAV 20 (per leg)
60 Hz Resistive or Inductive Load P.C.B. Mounted on 0.47 x 0.47" (12 x 12 mm) Copper Pads
Single Half Sine-Wave 50 TA = 25 C
40
30
TJ = 150 C
20
10 1.0 Cycle 0
100
120
140 150
1
10
100
Ambient Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Derating Curve Output Rectified Current
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Diode Document Number: 88531 Revision: 15-Apr-08
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
KBP005M thru KBP10M, 3N246 thru 3N252
Vishay General Semiconductor
100
100 TJ = 25 C Pulse Width = 300 s 1 % Duty Cycle TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Instantaneous Forward Current (A)
10
Junction Capacitance (pF)
1
10
0.1
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
1 0.1
1
10
100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Forward Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
10
Instantaneous Reverse Current (A)
TJ = 125 C 1
TJ = 100 C
0.1
TJ = 25 C 0.01 0 20 40 60 80 100
Percent of Rated Peak Reverse Voltage (%)
Figure 4. Typical Reverse Leakage Characteristics Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Case Style KBPM
0.125 x 45 (3.2) 0.600 (15.24) 0.560 (14.22)
0.460 (11.68) 0.500 (12.70) 0.420 (10.67) 0.460 (11.68)
0.60 (15.2) MIN. 0.060 (1.52) 0.160 (4.1) 0.140 (3.6)
0.50 (12.7) MIN.
0.034 (0.86) 0.028 (0.76) DIA. 0.200 (5.08) 0.180 (4.57)
0.105 (2.67) 0.085 (2.16)
Polarity shown on front side of case: positive lead by beveled corner
Document Number: 88531 Revision: 15-Apr-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 3N249-E445

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X