Part Number Hot Search : 
2SC51 AD8318 2N2854 5MF500 RL30A 1SMB15CA STV6415A STV2180A
Product Description
Full Text Search
 

To Download 395073004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0395073004 Active
3.50mm (.138") Pitch EurostyleTM Vertical Plug, with Retention Screws, Front Wire Entry, 4 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Product Literature Order No Product Name Type Terminal Blocks 39507 Wire-to-Board Front Wire Entry Plug USA-355 ESE, EurostyleTMPluggable Euro Block
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 4 Horizontal Yes 1 Vertical No 0.138 In 3.50 mm Yes No -40C to +105C 16, 18, 20, 22, 24 0.20 - 1.31
Search Parts in this Series 39507Series Mates With Most 3.50mm (.138") Pitch Industry Standard PCB Headers, 39505 Vertical PCB Header with Threaded Retention Inserts, 39506 Horizontal PCB Header with Threaded Retention Inserts
Electrical
Current - Maximum per Contact Voltage - Maximum 8A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39507-001
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Circuit size Printing Options None 395073002 395073003 395073004 395073005 395073006 395073007 395073008 395073009 395073010 395073011 395073012 395073013 395073014 395073015 395073016 395073017 395073018 395073019 395073020 10AV 395073302 395073303 395073304 395073305 395073306 395073307 395073308 395073309 395073310 395073311 395073312 395073313 395073314 395073315 395073316 395073317 395073318 395073319 395073320 11AV 395073402 395073403 395073404 395073405 395073406 395073407 395073408 395073409 395073410 395073411 395073412 395073413 395073414 395073415 395073416 395073417 395073418 395073419 395073420 None 395073502 395073503 395073504 395073505 395073506 395073507 395073508 395073509 395073510 395073511 395073512 395073513 395073514 395073515 395073516 395073517 395073518 395073519 395073520 30 u" Gold Printing Options 10AV 395073802 395073803 395073804 395073805 395073806 395073807 395073808 395073809 395073810 395073811 395073812 395073813 395073814 395073815 395073816 395073817 395073818 395073819 395073820 11AV 395073902 395073903 395073904 395073905 395073906 395073907 395073908 395073909 395073910 395073911 395073912 395073913 395073914 395073915 395073916 395073917 395073918 395073919 395073920 None 395078002 395078003 395078004 395078005 395078006 395078007 395078008 395078009 395078010 395078011 395078012 395078013 395078014 395078015 395078016 395078017 395078018 395078019 395078020 100% Tin Printing Options 10AV 395078302 395078303 395078304 395078305 395078306 395078307 395078308 395078309 395078310 395078311 395078312 395078313 395078314 395078315 395078316 395078317 395078318 395078319 395078320 11AV 395078402 395078403 395078404 395078405 395078406 395078407 395078408 395078409 395078410 395078411 395078412 395078413 395078414 395078415 395078416 395078417 395078418 395078419 395078420 None 395078502 395078503 395078504 395078505 395078506 395078507 395078508 395078509 395078510 395078511 395078512 395078513 395078514 395078515 395078516 395078517 395078518 395078519 395078520 Green 30 u" Gold Printing Options 10AV 395078802 395078803 395078804 395078805 395078806 395078807 395078808 395078809 395078810 395078811 395078812 395078813 395078814 395078815 395078816 395078817 395078818 395078819 395078820 11AV 395078902 395078903 395078904 395078905 395078906 395078907 395078908 395078909 395078910 395078911 395078912 395078913 395078914 395078915 395078916 395078917 395078918 395078919 395078920 Dim. A mm 17.3 20.8 24.3 27.8 31.3 34.8 38.3 41.8 45.3 48.8 52.3 55.8 59.3 62.8 66.3 69.8 73.3 76.8 80.3 inch .68 .82 .96 1.09 1.23 1.37 1.51 1.65 1.78 1.92 2.06 2.20 2.34 2.47 2.61 2.75 2.89 3.02 3.16 Dimensional Information Dim B mm 3.5 7.0 10.5 14.0 17.5 21.0 24.5 28.0 31.5 35.0 38.5 42.0 45.5 49.0 52.5 56.0 59.5 63.0 66.5 inch .14 .28 .41 .55 .69 .83 .97 1.10 1.24 1.38 1.52 1.65 1.79 1.93 2.07 2.21 2.34 2.48 2.62 Dim C mm 12.1 15.6 19.1 22.6 26.1 29.6 33.1 36.6 40.1 43.6 47.1 50.6 54.1 57.6 61.1 64.6 68.1 71.6 75.1 inch .48 .61 .75 .89 1.03 1.17 1.30 1.44 1.58 1.72 1.85 1.99 2.13 2.27 2.41 2.54 2.68 2.82 2.96 Dim D mm 8.1 11.6 15.1 18.6 22.1 25.6 29.1 32.6 36.1 39.6 43.1 46.6 50.1 53.6 57.1 60.6 64.1 67.6 71.1 inch .32 .46 .59 .73 .87 1.01 1.15 1.28 1.42 1.56 1.70 1.83 1.97 2.11 2.25 2.39 2.52 2.66 2.80
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


▲Up To Search▲   

 
Price & Availability of 395073004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X