|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
High Frequency Ceramic Solutions 2.45 GHz, Matched Balun-Filter for CSR BC Series Chipset Detail Specification: 07/15/09 General Specifications Part Number Frequency (MHz) Unbalanced Impedence Differential Balanced Imp. Insertion Loss Return Loss Phase Difference Amplitude Difference 2450FB15K0005 2400~2500 50 Conjucate match to BC series of CSR 3.5 dB max. 9.5 dB min. 180 10 1.5 dB Operating Temperature Storage Temperature Power Capacity Reel Quantity Attenuation (dB) 48 min.@ 880~960MHz 30 min.@1710~1880 MHz 30 min.@1880~1990MHz 25 min.@4800~5000MHz 25 min.@7200~7500MHz -40 to +85C +5 to +35C, Hum. 45 to 75%RH, 12 mos. Max P/N 2450FB15K0005 Page 1 of 2 1 Watt max. 4000 Terminal Configuration No. Mechanical Dimensions In L W T a b c g p 0.079 0.008 0.049 0.008 0.028 0.004 0.012 0.004 0.008 0.004 0.012 +.004/-.008 0.014 0.004 0.026 0.002 mm 2.00 0.20 1.25 0.20 0.70 0.10 0.30 0.10 0.20 0.10 0.30 +0.1/-0.2 0.35 0.10 0.65 0.05 Case size/type 43-3 g b L a c a p T W Function Unbalanced Port NC or DC Feed NC GND Balanced Port GND Balanced Port GND 3 2 1 8 5 6 7 1 2 3 4 5 6 7 8 Mounting Considerations * Line width should be designed to match 50 characteristic impedance, depending on PCB material and thickness. ** By-pass capacitor should be connected when feeding DC power. 1.0 0.35 4 * Solder Resist 0.35 0.8 1.0 Land Through-hole ( 0.3) * 0.30 * Units: mm Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 4001 Calle Tecate * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2009 Johanson Technology, Inc. All Rights Reserved High Frequency Ceramic Solutions 2.45 GHz, Matched Balun-Filter for CSR BC Series Chipset Detail Specification: 07/15/09 Typical Electrical Performance (T=25C) ) P/N 2450FB15K0005 Page 2 of 2 Insertion Loss / Return Loss ) ) ) ) 0 ) ) ) ) ) ) -20 dB(RL) dB(IL) -40 -60 -80 0 1 2 3 ) 4 5 6 7 8 ) freq, GHz ) ) ) Amplitude Difference / Phase Difference ) 2.0 1.5 1.0 0.5 0.0 -0.5 -1.0 -1.5 -2.0 2.40 200 ) ) dif_amplitude 190 180 170 160 2.50 dif_phase 2.42 2.44 2.46 2.48 freq, GHz Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 4001 Calle Tecate * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2009 Johanson Technology, Inc. All Rights Reserved |
Price & Availability of 2450FB15K0005 |