Part Number Hot Search : 
HCT57 607ETD HC273M 20D471K 74VCX1 HER802T DL5223 D2058Y
Product Description
Full Text Search
 

To Download 193-2MS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 193 SMT DIP
(R)
Side actuated, surface mount DIP switches
Features
Optimized Mechanical Features
* Coplanarity: 0.1mm/.004" maximum * Compatible with SMT assembly including IR and Vapor Phase (up to 260C) * Enclosed actuators shield contacts from foreign particles throughout life of switch * Gull-wing terminal configuration * SPST configurations, 2 through 10 and 12 positions * Tube or tape and reel packaging available
Optimized Contact System
* Contact wiping action on make and break * Over center design provides positive detent action * Optimized, active contact design incorporating dimple-to-flat surface wiping interface with high contact force
Materials
* Gold plated, copper alloy contacts. * Solder coated terminals * High temperature body and actuator materials (UL 94V-0)
U.S. Patent # 4,389,549
Electrical and Mechanical Specifications
Switch Function Single pole single throw Switch Contact Resistance 50 milliohms maximum initial 100 milliohms maximum at end of life Insulation Resistance 1,000 megohms minimum across open switch 1,000 megohms minimum between adjacent closed switches Dielectric Strength 500 VAC minimum for 1 minute between adjacent switches Nonswitching Rating 100 mA or 50 VDC Switch Capacitance 5.0 pF maximum between adjacent closed switches Operating Temperature -40C to +85C Actuation Life 7,000 cycles switching 50 mA @ 24 VDC Coplanarity Coplanarity of 0.1mm / .004" max Allowable Solder Time IR and Vapor Phase - up to 60 seconds at 260C Wave - up to 6 seconds at 260C Vibration No mechanical damage or changes of switch settings during or after testing, when tested in three mutually perpendicular planes at 10-50 Hz sweep or at 60 Hz constant vibration Shock No mechanical damage or changes of switch settings with 25 G applied Sealing Bottom epoxy seal standard Marking Special side or top marking available-consult CTS
Technical Data Sheet 4193B
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Powered by ICminer.com Electronic-Library Service CopyRight 2003
CTS SERIES 193
Medium Length Actuator Surface Mount Pad Layouts
DIMENSION:
MM INCH
Ordering Information
"A" Overall Dimension 7.26 / .286 9.80 / .386 12.34 / .486 14.88 / .586 17.42 / .686 19.96 / .786 22.50 / .886 25.04 / .986 27.58 / 1.086 32.66 / 1.286 No. of Switch Sections 2 3 4 5 6 7 8 9 10 12
Part Number Code For Ordering
Part Number 193-2MS 193-3MS 193-4MS 193-5MS 193-6MS 193-7MS 193-8MS 193-9MS 193-10MS 193-12MS
R: Tape and Reel Packaging (optional) XX: Number of Positions M: Medium Length Actuator S: Bottom Epoxy Seal
193
-
XX
M
S
R
Example: 193-2MS
Order From:
CTS CORPORATION, RESISTOR/ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514 North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240 http://www.ctscorp.com CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20 Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China (07) 8216145 / FAX: (07) 8417642.8110040 11-99I
Powered by ICminer.com Electronic-Library Service CopyRight 2003


▲Up To Search▲   

 
Price & Availability of 193-2MS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X