Part Number Hot Search : 
MCP6L1 BCP6925 A30HEVM NTE1362 LA0224CS 33982B AUIRF CP566
Product Description
Full Text Search
 

To Download 15-06-0045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0015060045 Active
minifit_bmi 4.20mm (.165") Pitch Mini-Fit BMITM Plug Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-5556-002 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Comments Crimp Housings 42475 Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 series terminals crimped to 16 AWG wire. . See Molex product specification PS-45750-001 for additional current derating information. Yes minifit_bmi Mini-Fit BMITM
MolexKits Overview Product Name
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 4 Natural 94V-2 Male No None Nylon 2 Bag Yes 0.165 In 4.20 mm Yes No -40C to +105C
Search Parts in this Series 42475Series Mates With 15-06-0040 Mini-Fit BMI Panel Mount Receptacle, 42385 Mini-Fit BMI 4 Circuit, UL 94V-2 Vertical Receptacle Headers, 44475-0411 Mini-Fit BMI HCS Vertical Receptacle Header Use With 46012 Mini-Fit Plus HCSTM Crimp Terminal, 5558 Mini-FitTM Crimp Terminal
Electrical
Current - Maximum per Contact 13A
Material Info
Old Part Number 42475-0411
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-42474-001 PS-5556-002 SD-42475-***1 TS-5556-002
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 15-06-0045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X