Part Number Hot Search : 
AX232CPE L190G 100000 CZRW5222 70N10 MB16CA IRF3007 MYGB64T
Product Description
Full Text Search
 

To Download 016-02-0069 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0016020069 Active
cgrid__sl_products SLTM Crimp Terminal, Series 70058, Female, with Tin (Sn) Plated Contact, 24-30 AWG, Reel
Documents: Drawing (PDF) Product Specification PS-51008-002 (PDF) Product Specification PS-70058 (PDF)
Product Specification PS-70400 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 70058 Yes cgrid__sl_products SLTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female Phosphor Bronze Tin Tin Reel 150 3.75 75.2 1.88 Crimp or Compression 1.52mm (.060") max. 24, 26, 28, 30 N/A
Material Info
Old Part Number 70058-0004
Search Parts in this Series 70058Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # FineAdjustTM 0639001500 Applicator Hand Crimp Tool, UL 0638118800 Approved FineAdjustTM 0639003100 Applicator for SLTM Female Crimp Terminal, 24-30 AWG T2 Terminator 0639103100 Tooling Die Insertion Tool 0011020022 Extraction Tool 0011030036
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-70873-1300 PS-51008-002, PS-70058, PS-70400 SD-70058-0004 TS-70058-001
Japan Description Product # Applicator for M211A 0570143000 Bench Press, 22-30 AWG, for 70058/50083/50084 Crimp Terminal Side-Feed Applicator 0570143200 For Full-Auto Machine Hand Insertion Tool 0570336000
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 016-02-0069

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X