Part Number Hot Search : 
E2SAA18 74HC2G34 AOZ8925 BR24C08 T6251030 CXT491E 1N6270A 28F800
Product Description
Full Text Search
 

To Download WT2220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V ARISTORS
Transient Multilayer Ceramic Transient This product is not recommended Voltage Suppressor for new designs. Please refer to Standard Capacity
Littelfuse series MLA.
TVS 2220 SMD
Specifications
Packaging Material
Tape and Reel T 7 inch reel (1.000 pcs.) Body: Terminals: Ceramic (ZnO) Ni/Sn plated (code "P") Ag/Pt/Pd non plated (code "N" on request)
Features
Thin layer, high precise techniques Lead free Bi-directional clamping Standard and low capacity Available with Nickel/Tin end termination
Temperature Operating Temperature
-55 to +125C
Solderability
Applications
Dimensions (mm)
acc. to IEC 60068-2-58 235C, 2s 260C, 10 sec. (IEC 60068-2-58) 280C, 5 sec. (IEC 60068-2-58) <0.5ns
0.75-0.25
WebLinks
5.70-0.40 3.00 5.00-0.40
Circuit board and ESD, EFT Protection of: * I/O ports * Keyboards * LCD`s * Sensors
Soldering Heat Resistance Time Response Time
( Temperature coefficient (V) of clamping voltage (Vc) @ specified test current
<0.01%/C
Further infos see: www.wickmanngroup.com Further technical infos see technical varistor file: www.wickmanngroup.com/download/ techvaristor.pdf
Power dissipation
1.0W max.
Standards
IEC 61000-4-2 MIL-STD-883C
Maximum Ratings (125C)
Type max. cont. working voltage VM(DC) VM(AC) (V) (V)
WT2220ML050A WT2220ML090A WT2220ML120A WT2220ML140A WT2220ML180A WT2220ML220A WT2220ML260A WT2220ML300A WT2220ML380A WT2220ML450A WT2220ML560A WT2220ML680A WT2220ML850A WT2220ML121A 5,5 9,0 12,0 14,0 18,0 22,0 26,0 30,0 38,0 45,0 56,0 68,0 85,0 120,0 4,0 6,0 9,0 11,0 14,0 17,0 20,0 25,0 30,0 35,0 40,0 50,0 60,0 107,0
Specifications (25C)
typ. capacitance 1KHz C typ. (pF)
26000 19200 15930 11300 10200 9550 8380 4200 3540 3350 2240 1900 1100 420
max. non-repetitive surge current (8/20 s) ITM (A)
1000 1200 1200 1200 1200 1200 1200 1200 1200 1000 1000 800 600 1100
max. non-repetitive max. clamping nominal voltage surge energy voltage at spec. at 1mA (DC) (10/1000 s) current test current (8/20 s) Vc W TM VN(DC)min. V N(DC)max. (V@A) (J) (V) (V)
1,4 3,6 4,2 5,4 5,8 7,3 7,8 9,5 12,0 7,5 9,0 5,5 6,8 10,0 15,5 @ 10 25,0 @ 10 30,0 @ 10 33,0 @ 10 38,0 @ 10 44,0 @ 10 54,0 @ 10 65,0 @ 10 77,0 @ 10 90,0 @ 10 110,0 @ 10 135,0 @ 10 165,0 @ 10 230,0 @ 10 7,1 10,0 14,0 16,0 22,0 24,3 29,5 35,0 42,3 50,0 61,2 74,0 91,0 135,0 9,8 14,5 18,5 21,0 28,0 30,0 38,0 43,0 51,7 61,0 74,0 90,0 115,0 165,0
typ. inductance
1MHz C typ. (pF)
22000 16000 13500 9500 8700 8000 7100 3500 3000 2900 1900 1550 930 350
Ltyp. (nH)
3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0
Order Information
050915
Qty.
OrderNumber
Type Type WT2220ML260 A
Terminal Terminal Code Packaging
P T
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
V ARISTORS
TVS 2220 SMD
120,0 85,0 120,0 68,0 45,0 30,0 22,0 14,0 9,0 85,0 56,0 38,0 26,0 18,0 12,0
5,5
68,0 45,0 30,0 22,0 14,0 9,0
56,0 38,0 26,0
18,0 12,0 5,5
WT2220ML121A WT2220ML850A WT2220ML680A WT2220ML560A WT2220ML450A WT2220ML380A WT2220ML300A WT2220ML260A WT2220ML220A WT2220ML180A WT2220ML140A WT2220ML120A WT2220ML090A WT2220ML050A
V/I Characteristics
Maximum Surge Current: WT2220ML050A, WT2220ML450A - WT2220ML560A
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
V ARISTORS
TVS 2220 SMD
Maximum Surge Current: WT2220ML090A - WT2220ML380A
Maximum Surge Current: WT2220ML680A
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
V ARISTORS
TVS 2220 SMD
Maximum Surge Current: WT2220ML850A
Maximum Surge Current: WT2220ML121A
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of WT2220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X