Part Number Hot Search : 
SA5212 STMP3600 HCU04 HFS2N70S E005643 D6283 2SC5301 B40C3300
Product Description
Full Text Search
 

To Download WE15-218 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
XPiQ inc.
Intelligent Design Quality Product
10/15 Watts WE10/15 Series
*
Industry Standard Package * Designed For Telecom Standards * Low Voltage Outputs to 1.8 Volts * Under Voltage Lockout * Remote On/Off * Output Voltage Adjustment * Conducted EMI level B with External Filtering
Specification
Input
Input Voltage Input Current Start Up Time Remote On/Off * * * * 18-36 VDC 36-75 VDC 0.17 A - 0.82 A typical for WE15 0.21 A - 0.52 A typical for WE10 Less than 10 ms Negative Logic Standard Positive Logic Available. External components required 24 Vin - 11 V min, 14 V typical 48 Vin - 20 V min, 27 V typical Short Circuit Protection * Protected to short circuit conditions
General
Efficiency Isolation Voltage MTBF Package Style Weight * * * * * 80% typical for 5 V models 1500 VDC Input to Output 2.4 million hours per Bellcore Potted module with plastic case 28.3 grams typical
Input Reverse Voltage * Protection Undervoltage Lockout * Protection
Environmental
Operating Temperature Cooling 200 LFM * * -40C to 105C Case Temperature Full power with Convection cooling WE10 - Full power to 80C ambient WE15 - Full power to 60C ambient See derating chart -55C to +125C 70G/6ms 1/2 sine 3 shocks x 6 sides 2.5G RMS, 10-55Hz, sweep vibration 1 hour each axis
Output
Output Voltage Output Voltage Adjustment Minimum Load Line Regulation Load Regulation Output Voltage Accuracy Ripple and Noise Transient Response * * * * * * * * 1.8 - 12 VDC 10% 0.4 Watts 0.5% maximum 1.0% maximum 4% 100 mV typical 5% deviation 0.8 ms recovery time for 25% load change 0.015%C Standard with auto restart see chart continuous with auto restart
Storage Temperature * Shock * Vibration *
Safety
Safety Approvals EMI/EMC Warranty * * * UL1950, EN60950, VDE 0805, CSA 22.2 No. 950, CE marked for LVD EN55022 and FCC level B Part 15 with external filtering 1 Year
Temperature Coefficient Overvoltage * Protection Overcurrent * Protection
www.XP-iQ.com
PH: 508 429.9883 FAX: 800 226.2100 Email: sales@xp-iq.com Holliston, MA 01746 USA
*
*
OUTPUT VOLTAGE & CURRENT RATINGS
Output Voltage Single Output 1.80 2.00 2.50 3.30 3.30 5.00 5.00 12.0 12.0 Dual Output 12.0 Notes Negative logic is standard. For positive logic add "H" suffix to part number. Output Current 3.00 3.00 3.00 2.42 3.00 2.00 3.00 0.83 1.25 0.42 Output Power 5.40 6.00 7.50 8.00 10.00 10.00 15.00 10.00 15.00 10.00 OVP Clamp 2.6-4.0 V 2.6-4.0 V 3.25-4.0 V 3.7-5.70 V 3.7-5.70 V 5.6-7.0 V 5.6-7.0 V 13.2-16.0 V 13.2-16.0 V 13.2-18. 0 V Model 24 V Input WE15-218 WE15-220 WE15-225 WE10-200 WE15-200 WE10-201 WE15-201 WE10-202 WE15-202 WE10-205
WE 10/15
Model 48 V Input WE15-318 WE15-320 WE15-325 WE10-300 WE15-300 WE10-301 WE15-301 WE10-302 WE10-302 WE10-305
Mechanical Details
Derating Curve
WE10 WE15
*
Single Output
Pin 1 2 3 4 5 6 Pin Designation -VIN +VIN On/Off +VOUT TRIM -Vout
Dual Output
Pin 1 2 3 4 5 6 Pin Designation -VIN +VIN On/Off +VOUT Common -Vout
0.110 +0.010
WE10-2xx unit used as a standard curve
WE15-3xx unit used as a standard curve
www.XP-iQ.com
PH: 508 429.9883 FAX: 800 226.2100 Email: sales@xp-iq.com Holliston, MA 01746 USA


▲Up To Search▲   

 
Price & Availability of WE15-218

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X