Part Number Hot Search : 
KA7810E BU4312F SKY65135 ST7FLI S001M20 MT8981DE 2025B T0820
Product Description
Full Text Search
 

To Download VX-500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VX-500
Voltage Controlled Crystal Oscillator
VX-500
Features
* 9X14 J Leaded Surface Mount Package * Re ow Process Compatible Optional * ACMOS, TTL and LVPECL * Frequency Range: 1 MHZ to 800 MHZ * Previous Model: C5300, MC044, MC344, MC046, MC346, MC047, MC347, MC049, MC349, MC048, MC318, MC328, and MC348 * * * *
Applications
Base Stations Test Equipment Telecom & Wireless Infrastructure Digital Switching
Performance Speci cations
Parameter
vs. operating temperature range (absolute pull range) vs. supply voltage change vs. load change vs aging / 1 year vs aging / year (following years) -2 -1 -5 -1 3 +2 +1 +5 +1 Supply Voltage (Vs) Supply voltage 4.75 5.0 5.25 15 20 40 100 3.135 3.3 3.465 6 8 12 16 60 100 VDC mA mA mA mA VDC mA mA mA mA mA mA ACMOS 1.0 to 14.90 MHz ACMOS 15.0 TO 39.9 MHz ACMOS 40.0 TO 59.9 MHz ACMOS 60.0 TO 79.9 MHz ACMOS 80.0 to 125.0 MHz LVPECL No load ACMOS/TTL 1 to 23.9 MHz ACMOS/TTL 24 to 49.9 MHz ACMOS/TTL 50 to 80.0 MHz LVPECL No load ppm ppm ppm ppm
Min
Typ
Max
Units
Condition
-40... +85C 0... +70C Vs 5% Load 5%
Frequency Stabilities1
Current consumption Supply voltage www..com
Current consumption
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Speci cations
Parameter
Signal Load Signal Level (Vol) Signal Level (Voh Rise and fall times for ACMOS (measured 10% to 90%) Duty cycle Signal Load Signal Level (Vol) Signal Level (Voh Rise and fall times for TTL (measured 0.8V to 2.0V) Duty cycle Signal Load Signal Level (Vol) Signal Level (Voh Rise and fall times (measured 20% to 80%) Start-up Time Duty cycle (LVPECL) Jitter (rms) Period Jitter (pk-pk) 45 40 Vs -1.025 1000 600 10 55 60 5 1 40 Frequency Tuning (EFC) Absolute Pull Range Linearity Tuning Slope Control Voltage Range 0.5 0.3 2.5 1.65 30 50 10 15 Positive 4.5 3.0 VDC VDC with Vs=5.0VDC with Vs=3.3VDC ppm ppm % 45 40 4.5 5 3 55 60 PECL/LVPECL 50 Vs -1.62 ohm VDC VDC ps ps ms % % ps ps ps @ 50% Vdd @ 50% Vdd BW = 10Hz to 20 MHz BW = 12 kHz to 20 MHz 10,000 samples- Rising edge <100 MHz >100 MHz Into Vs-2V or There in Equivalent 45 40 4.5 3.0 10 5 3 55 60 TTL 10 0.5 pF VDC VDC ns ns % % Vs= 5.0V and 15pF load Vs= 5.0V and 15pF load 1.0 to 23.9 MHz 24.0 to 125.0 MHz @ 1.4V < 15 MHz @ 1.4V >= 15 MHz 15
Min
Typ
Max
ACMOS 50 0.5 0.3
Units
Condition
RF Output
pF VDC VDC VDC VDC ns ns ns % % Vs= 5.0V and 15pF load Vs= 3.3V and 15pF load Vs= 5.0V and 15pF load Vs= 3.3V and 15pF load 1.0 to 23.9 MHz 24.0 to 79.7 MHz 80.0 to 125.0 MHz @ 50% < 15 MHz @ 50% >= 15 MHz
www..com
Additional Parameters -60 -90 -120 -140 -145 dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz 10 Hz 100 Hz 1 KHz 10 KHz 100 KHz
Phase Noise3 (@ 52 MHz)
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Speci cations
Parameter Min Typ Max
-50 -80 -110 -133 -145 <2.0
Units
dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz g
Condition
10 Hz 100 Hz 1 kHz 10 KHz 100 KHz
Phase Noise3 (@ 155.52 MHz)
Weight Processing & Packing
Handling & processing note Logic "0" input = Outputs disabled (Tri-state) Logic "1" or oating input = Outputs enabled) Logic "0" or oating input = Outputs enabled Logic "1" input = Outputs disabled (Tri-state) Absolute Maximum Ratings ACMOS/TTL Output PECL/LVPECL Output
Output Enable
6
Supply voltage (Vs) Operable temperature range Storage temperature range -55 -55
7.0 +85 +125
V C C
with Vs=5.0 and 3.3 VDC
Outline Drawing / Enclosure
www..com Code
0
Type A (ACMOS/TTL)
Height "H" 3.68 Pin Length 1.09
Pin Connections
1 2 3 4 VCXO input Ground (Case) RF Output Supply
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Outline Drawing / Enclosure
Type B (ACMOS/TTL)
Code 1 Height "H" 3.68 Stand-o 1.09 Code 1
Type B (PECL/LVPECL)
Height "H" 3.68 Stand-o 1.09
Pin Connections
1 2 3 4 5 6 VCXO input Enable/Disable or N/C Ground (Case) RF Output N/C Supply Voltage 1 2 3 4 5 6
Pin Connections
VCXO input Enable/Disable or N/C Ground (Case) RF Output Complementary Output Supply Voltage
www..com
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Ordering Information
VX - 500 0 - D A T - K X X X - 10M0000000
Frequency Product Family VX: VCXO Package 9 x 14 mm Height 0: A 3.68mm (4 lead) 1: B 3.68mm (6 lead) Supply Voltage D: 5 Vdc E: 3.3 Vdc RF Output Code A: ACMOS B: TTL C: PECL/LVPECL Temperature Range E: -40... +85C T: 0... +70C Option Code X: No Option Screening Option X: No Screening
Enable X: No Enable
Pullability Code G: 30ppm K: 50ppm
Notes: 1. Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C). 3. Phase noise degrades with increasing output frequency. 4. Subject to technical modi cation. 5. Contact factory for availability.
For Additional Information, Please Contact
USA:
Vectron International 267 Lowell Road Hudson, NH 03051 www..com Tel: 1.888.328.7661 Fax: 1.888.329.8328
Europe:
Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30
Asia:
Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Rev: 12/12/2008 daf Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com


▲Up To Search▲   

 
Price & Availability of VX-500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X