Part Number Hot Search : 
1B2UM SBH1240 A104J STA1095 TMP86FH L24C32 380HB V1103H
Product Description
Full Text Search
 

To Download TDA5147K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA5147K 12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
Product specification File under Integrated Circuits, IC11 1996 Jul 26
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
FEATURES Spindle motor driver * Internal 1 A peak current power drivers * Low Rds(on) 1 max total for high, low and isolation drivers * Induction sense start-up option * External current sense resistor * Soft switching on both upper and lower drivers * Programmable linear or PWM spindle mode * Provide spindle active dynamic braking mode. Voice coil motor driver * 0.8 Amp VCM power driver * Maximum of 1 V drop across the power driver at 0.8 A * External current sense resistor, with sense amplifier * External current control loop compensation * 15 kHz (typ.) VCM current control loop bandwidth * Three mode operation: enable VCM, retract, and disable. Power monitor and retract circuit * +5 and +12 V power monitor threshold accuracy 2% * Hysteresis on both power monitor comparators * Precision internal voltage generator 2% * Buffered reference voltage output pin QUICK REFERENCE DATA SYMBOL Supply voltage VCCA1 VCCA2 Drivers Ispin(max) IVCM(max) maximum spindle current maximum voice coil motor current - - 1 0.8 - - analog supply voltage 1 analog supply voltage 2 4.5 10.8 5.0 12.0 PARAMETER MIN. TYP. GENERAL DESCRIPTION APPLICATIONS * Hard disk drive for PC products. * Retract circuit operates down to 2 V
TDA5147K
* Internal thermal sense circuitry with an over temperature shut down option * Internal boost voltage generator * Sleep mode.
The TDA5147K is an ASIC combination chip that includes the following functions; spindle motor drive, voice coil motor drive, retract, and power-on. The circuit is contained in a 52-pin PLCC package. The TDA5147K (see Fig.1) is controlled by a custom digital ASIC. The custom ASIC provides the necessary commutation sequences for the spindle drivers via the SCNTL1, SCNTL2 and SCNTL3 inputs. Spindle speed is monitored by comparator outputs SENU, SENV and SENWIS. Motor speed control is accomplished by a PWM signal (input at the SIPWM pin). Control of the VCM circuits is via the VIPWMH and VIPWML input signals. These two inputs provide control of the coil current. The VISENSE2 output signal can be used to monitor the voice coil current.
MAX.
UNIT
5.5 13.2
V V
A A
ORDERING INFORMATION TYPE NUMBER TDA5147K PACKAGE NAME PLCC52 DESCRIPTION plastic leaded chip carrier; 52 leads VERSION SOT238-2
1996 Jul 26
2
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
BLOCK DIAGRAMS
TDA5147K
handbook, full pagewidth
TDA5147K
POR POWER-ON RESET
VPCNTL VIPWMH VIPWML DIGITAL CIRCUIT VISENS2 SCNTL1 to 3
PARK
VOICE COIL MOTOR DRIVE ACTUATORS SPINDLE
SENU, SENV, SENWIS SIPWM
MBH018
Overview No external power drivers; dynamic braking for non-power down situations; 1 A spindle current; 0.8 A VCM power driver; full-wave spindle mode, POR monitors for both 5 and 12 V supplies; auto-park in the event of power-down.
Fig.1 System block diagram.
1996 Jul 26
3
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
TDA5147K
handbook, full pagewidth
BSTCP1 25
VCCS BSTCP2 21 SPWMTC 15 from POR block
BSTFLT
20
UPPER BOOSTER
to the VCM output stages
VCCS PWM/LIN
19
SHPWR3
51 lcomp PWM disable U.H U.H U.H V.H V.L W.H W.L brake disable VCCA1 disable SMODE1 3 VCCA1 M
COMP DRIVER
SHPWR2
24 THERMAL SWITCH disable U.L
DRIVER
SCNTL1 10
SDRVU
SCNTL2 11
LOGIC DECODER
brake disable V.H
DRIVER
SCNTL3 14
29
SHPWR1 Cclamp
12
SDRVV
V.L
DRIVER
brake disable W.H PWM/LIN Iset Isense control amplifier W.L
DRIVER DRIVER
2 disable
SDRVW
SCOMP
23
brake
SISINK1, SISINK2 Iset SIPWM 30 PWM DECODER FILTER
COMP
16 SDRVU
SDRVN
SPWMFLT 26 Vref
TDA5147K
COMP
SDRVV
COMP
SISENL 32 SISENH 31 Rs
AMP
Isense M ICOMP
COMP
SDRUW 18 17 8 SENV SENU SENWIS
multiplexer 13 VCCS 34 PGND1 50 VCCA2 9 SISINK2 27 SISINK1 45 PGND2
MBH024
Fig.2 Block diagram of spindle motor drivers.
1996 Jul 26
4
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
TDA5147K
handbook, full pagewidth
VCCS VCCV VCCA2 39 CPOR 13 4 POR 5 VDD POR12ADJ 6 PWM DETECTOR VDD SHPWR park PARK CICUITRY to spindle section UNDER VOLTAGE GENERATOR VCCAI disable Vref Vref(o) POWER 36 VCMN autopark SDRU VPCNTL 35 RETADJ 22
POR5ADJ
7
TDA5147K
M
VCCA2 37 Vref(o) POWER 42 VCMP Rs
Vref(o)
POWER AMPLIFIERS
43 VISENL
Vref(i)
38 SENSE 46 SENSE Vref(o) 40 VISENH
VIPWML VIPWMH 47
PWM DECODER
Vref(o) Vref(o)
28
52 AGND2
48 VFLTINP
49 VFLTOUT
33
41
44 VISEN1
VCMINP VISEN2
AGND1
MBH023
Fig.3 Block diagram of voice coil motor driver.
1996 Jul 26
5
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
PINNING SYMBOL VCCA1 SDRVW SMODE1 CPOR POR POR12ADJ POR5ADJ SENWIS SISINK2 SCNTL1 SCNTL2 SDRVV VCCS SCNTL3 SPWMTC SDRVN SENU SENV SHPWR3 BSTFLT BSTCP2 RETADJ SCOMP SDRVU BSTCP1 SPWMFLT SISINK1 AGND1 SHPWR1 SIPWM SISENH SISENL VCMINP PGND1 VPCNTL VCMN Vref(o) Vref(i) VCCV VISENH 1996 Jul 26 PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 I/O - O I I/O O O O O - I I O - I O O O O O O O I/O O O O O - - O I O O I - I O O I - I analog supply voltage 1 (+5 V) phase 3 output for spindle motor 3-state level input for spindle mode power-on reset delay capacitor power-on reset digital output (active LOW) adjustment of POR threshold (for +12 V) adjustment of POR threshold (for +5 V) digital output of back EMF sense 3/inductive sense connection 2 to the sense resistor digital input 1 for spindle decoder digital input 2 for spindle decoder phase 2 output for spindle motor power supply of spindle motor drivers (+12 V) digital input 3 for spindle decoder capacitor for spindle low side PWM time off centre TAP connection to spindle motor digital output of back EMF sense 1 digital output of back EMF sense 2 capacitor 3 for PARK supply voltage booster filter output booster capacitor 2 output retract voltage adjustment pin control amplifier pole adjustment phase 1 output for spindle motor booster capacitor 1 output capacitor for spindle PWM filter connection 1 to the sense resistor analog ground 1 capacitor 1 for PARK supply voltage digital PWM input for spindle current sense resistor for spindle current isolated ground connection for spindle sense amplifier closed loop voltage compensation of VCM power ground of VCM driver PARK enable 3-state voltage level input negative output voltage of H-bridge reference voltage output for external ADC reference voltage input for the 2nd sense amplifier power supply of VCM driver (+12 V) positive input voltage of sense resistor amplifier 6 DESCRIPTION
TDA5147K
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
SYMBOL VISENS2 VCMP VISENL VISENS1 PGND2 VIPWML VIPWMH VFLTINP VFLTOUT VCCA2 SHPWR2 AGND2 PIN 41 42 43 44 45 46 47 48 49 50 51 52 I/O O O I O - I I O O - O - DESCRIPTION voltage output 2 of sense resistor amplifier positive output voltage of H-bridge negative input voltage of sense resistor amplifier voltage output 1 of sense resistor amplifier power ground 2 of voice coil motor driver PWM input voltage (LSB) PWM input voltage (MSB) voice coil motor PWM filter capacitor PWM filter output voltage analog supply voltage 2 (+12 V) capacitor for PARK supply voltage analog ground 2
TDA5147K
49 VFLTOUT
51 SHPWR2
44 VISENS1
46 VIPWML
VCCA1 SDRVW SMODE1 CPOR POR POR12ADJ POR5ADJ SENWIS SISINK2
1 2 3 4 5 6 7 8 9
40 VISENH 39 VCCV 38 Vref(i) 37 Vref(o) 36 VCMN 35 VPCNTL 34 PGND1 33 VCMINP 32 SISENL 31 SISENH 30 SIPWM 29 SHPWR1 28 AGND1 27 SISINK1 SPWMFLT 26
MBH017
43 VISENL
52 AGND2
45 PGND2
50 VCCA2
handbook, full pagewidth
TDA5147K
SCNTL1 10 SCNTL2 11 SDRVV 12 VCCS 13 SCNTL3 14 SPWMTC 15 SDRVN 16 SENU 17 SENV 18 SHPWR3 19 BSTFLT 20 BSTCP2 21 RETADJ 22 SCOMP 23 SDRVU 24 BSTCP1 25
Fig.4 Pinning configuration.
1996 Jul 26
7
41 VISENS2
48 VFLTINP
47 VIPWMH
42 VCMP
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
FUNCTIONAL DESCRIPTION Spindle drivers The spindle section contains both the low and high side drivers (configured as H bridges) for a three-phase DC brushless motor. Back EMF (BEMF) sensing of the commutation rate needs to be output to an external digital ASIC circuit. This digital circuit also provides the input commutation control. Consequently, all speed control, start-up routine and commutation control will be generated by the digital circuit. The SIPWM signal from the digital circuit is used to control the spindle current. This PWM signal is internally filtered. The output of this filter is duty factor dependent only. The filter characteristics is that of a 1-pole low-pass filter, with the pole location being controlled by the external capacitor connected to pin SPWMFLT. Dynamic braking is possible only during non power-down situations and must be initiated by the digital circuit. SMODE1 A 3-state level mode line (SMODE1) has been included to allow for; 1. An induction sensing algorithm in pre-start-up (VCCA1). 2. PWM control during start-up (0.5VCCA1). 3. Linear control (0 V). SENSING MODE The induction sensing mode is used for two purposes. Firstly one of the BEMF sensor outputs (SENWIS) will be shared with the voltage comparator that is used for the induction sensing function. Prior to start-up each phase can be excited for a short period of time. The current from each coil can be monitored via the multiplexed output (SENWIS). By comparing the rise times of each phase the rotor position can be determined. Secondly, in situations where the spindle motor requires more current to spin-up, this mode is used with the exception that the output SENWIS is ignored. Since, in the induction sense mode, the output drivers are operated in saturation mode, the motor current is limited only by the power supply. This condition of induction sense mode can be used to overcome the head friction and must be used only when needed. PWM MODE The PWM mode is normally used during the start-up phase. Maximum drive voltage is applied to the low drivers
TDA5147K
to obtain high start-up torque. The purpose of the PWM mode is to drive the low drivers into saturation (saturation reduces the power dissipation in the TDA5147K during start-up). When the spindle current reaches the programmed set current (SIPWM) value, a one-shot is fired. The output of the one-shot remains high for the programmed off-time (toff) set by the capacitor/resistor network at the SPWMTC pin. The one-shot is not retriggerable for approximately 10% of the off-time, this gives a minimum of (10% toff) time-on. During the off-time, the lower spindle output drivers are switched off. The on-time of the drivers is not fixed but is determined by the charging time of the coil current to reach the program set current. The turn-off time is calculated by the equation: toff = R x Cln(2) Where R = 68 k and C = 220 pF, toff = 10.4 s. The minimum on-time can be calculated by the equation: CV t on = -------I LINEAR MODE The linear mode is used when the motor is near to its intended speed. It can also be used at start-up, but higher power dissipation will occur. In the linear mode the linear drivers are controlled by a sensing amplifier. A Miller network is used to obtain soft switching on the lower drivers. This prevents large voltage spikes on the motor coils when the lower drivers are switching. The high drivers are switched into the linear (resistive) region. The transconductance gain of the low driver current to filter voltage can be calculated as follows: I coil 1 V SISENH 1 1 G m = --------------------------- = ------ --------------------------- = ------ = -- = A/V V SPWMFLT R s V SPWMFLT R s 5 For a 100% duty factor at SIPWM, the nominal voltage at SPWMFLT = 1.74 V. The calculated coil current for a 100% duty factor (sense resistors Rs = 0.33 ) is: 1 1 I coil = ---------- x -- x 1.74 = 1.05 A -0.33 5 Referencing to the duty factor, the coil current is: 1 0% duty 0% duty 1 1 I coil = ------ = -- x 1.74 x -------------------- = ------ ( 0.348 ) x -------------------Rs 100 100 5 Rs
1996 Jul 26
8
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
TDA5147K
The duty factor is arranged so that at 100%, the voltage SPWMFLT = 1.74 V and at a 5% duty factor SPWMFLT = 0 V. This is to ensure that at 0% duty factor the current will be zero (allowances for circuit tolerances). The input decoder is driven by three lines which define the windings to be energized. The input decoder must then translate these lines to six lines to drive the six output drivers. The truth table is given in Table 1. Table 1 Input decoder truth table CONDITION Disable Dynamic brake State 1 State 2 State 3 State 4 State 5 State 6 Under voltage Note 1. X = 3-state. VCM driver The VCM driver is a linear, class AB, H-bridge type power driver with all power devices internal to the chip. In addition to the power stage a sense resistor enables VCM current to be measured and brought out to a separate ADC via the VISENS2 pin. The reference voltage for the VISENS2 output is provided externally. The current level to the VCM is controlled via two PWM signals that are generated by the digital circuit. The input voltage at pin 47 (VIPWMH) represents a weighting of 32 times more than the input voltage at pin 46 (VIPWML), thus the current command is equal to 32 x duty factor (VIPWML + VIPWMH). These PWM signals are filtered by an internal 3rd-order low-pass filter (Butterworth filter). The bandwidth of this low-pass filter is nominally 40 kHz (less than 2 degrees lag at 500 Hz), but the real pole may be adjustable by an external capacitor. The analog output of the filter depends on the duty factor of the PWM signal and not on the logic level. SCNTL1 LOW HIGH HIGH HIGH HIGH LOW LOW LOW - SCNTL2 LOW HIGH HIGH LOW LOW LOW HIGH HIGH - SCNTL3 LOW HIGH LOW LOW HIGH HIGH HIGH LOW - SDRVU(1) X HIGH LOW X HIGH HIGH X LOW X SDRVV(1) X HIGH X LOW LOW X HIGH HIGH X SDRVW(1) X HIGH HIGH HIGH X LOW LOW X X
handbook, full pagewidth
Vref
PWM (MSD)
LEVEL CONVERTOR
SUM
UNITY GAIN LOW-PASS
analog output
PWM (LSB)
LEVEL CONVERTOR
32 : 1 ATTENUATION
MBH019
Fig.5 Block diagram of the PWM filter.
1996 Jul 26
9
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
PARK ENABLE A 3-state-level mode line (VPCNTL) has been included that will: 1. Enable VCM drivers; VCCA1 (normal). 2. Disable VCM drivers; 0.5VCCA1. 3. PARK (soft retract the actuator); 0 V. Enable VCM drivers When the enable signal is HIGH, the VCM drivers are controlled by the two PWM inputs. The two digital signals convert the duty factor to a voltage level at VFLTOUT. At a 100% duty factor the VFLTINP voltage is approximately 1 V above Vref(o). At a 0% duty factor the VFLTINP voltage is approximately -1 V below Vref(o). At a 50% duty factor, the voltage level is equal to Vref(o) (typical 4 V). The VFLTINP voltage is amplified, filtered and output at VFLTOUT. The voltage at VFLTOUT varies between 2 V about Vref(o). The VFLTOUT voltage, in conjunction with the sense resistor amplifier, drives the two VCM drivers as illustrated in Fig.8. The transconductance equation that governs the voltage from VFLTINP to Icoil is: I coil I coil G m = -------------------------------------------- = ----------------------------------------------------V FLTINP - V ref ( o ) ( V FLTOUT - V ref ( o ) ) 1 R2 1 = 2 x ----------- x ------- x ------ Amps per Volt gain R1 R s In a typical application: I coil 2 6.6 k 1 -------------------------------------------- = -- x ----------------- x ---------- = 1 Amp per Volt -V FLTINP - V ref ( o ) 4 10 k 0.33 The transconductance is variable by selecting external resistors R2/R1 and sense resistors Rs Disable VCM drivers With the PARK enable signal at 0.5V the VCM drivers are disabled while the rest of the circuits remain enabled. A sleep mode is initiated when the spindle and VCM are disabled (this places the TDA5147K in its lowest power setting). ACTUATOR PARK
TDA5147K
Retracting the actuator can be accomplished by driving VPCNTL LOW in conjunction with either the spindle is turning or a brake voltage has been applied. An adjustable retract voltage of 1.2 V (max.) is applied between the VCMN and VCMP outputs. The retract circuit obtains its retract current from the spindle SDRVU phase. If the SDRVU phase is zero there will be no retract voltage. The retract voltage is determined by two external resistors. One end is tied to VCMN and the other to ground. The common point is tied to pin 22 (RETADJ); see Fig.1 for additional information. The calculation of VRETRACT is as follows: 1 + R2 R2 V RETRACT = 0.65 x ----------------- + --------------- R1 50 k Where 0.65 is VBE at 25 C VBE/T = -2 mV/C; 50 k can vary by 30% It should be noted that R2 has to be less than 10 k. Power-on reset The power-on reset circuit monitors the voltage levels of both the +5 V and the +12 V supply voltages as shown in Fig.6. The POR (active LOW) logic line is set HIGH following a supply voltage rise above a specified voltage threshold plus a hysteresis, and delayed by a time, tC that is controlled by an external capacitor. This POR signal should remain HIGH until either the +5 or +12 V supplies drop below the voltage threshold, at which point the POR line should be asserted LOW. The tC timing is set by the following equation: C x V th t C = -----------------I Where Vth = 2.5 V and I is 12 A (typ.). A negative going pulse width of 5 s on either the +5 or +12 V rail will provide a full output pulse. If another trigger pulse occurs before the output is completed a new output pulse will be originated. This implies the power-on reset circuit is a retriggerable one-shot with a maximum trigger pulse of 5 s (see Fig.7).
1996 Jul 26
10
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
TDA5147K
handbook, full pagewidth
VCC
Vhys
MBH021
threshold
0.8 V t
POR
tC
tC
t
Fig.6 Power-on reset timing.
handbook, full pagewidth
threshold VCC 1V
hysteresis slopes 1 s/V 5 s
POR
tC
MBH020
Fig.7 Trigger pulse requirement.
1996 Jul 26
11
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
During a power-down situation the power-on reset circuit must not only generate a POR output signal, but must also activate the VCM retract circuitry. In doing so, the VCM driver draws power from the BEMF of the SDRVU output during spin-down, and uses this power to bias the VCM against one of the hard stops of the actuator. This prevents the heads from landing on data zones. This BEMF supply is isolated from the supply voltage for the drive, and is half-wave rectified. An external retract capacitor is used to provide the supply voltage for the retract circuit. It should be noted that in both power-down retract and command retract situations, the voltage across the VCM is nominally limited to 1.2 V (to limit the velocity of the actuator). Additional information is given in Fig.6. SLEEP MODE
TDA5147K
A sleep mode is used to save power when the spindle drivers and the VCM drivers are in a disabled state. These two conditions automatically turn off all drivers and amplifiers that are not required. The total power dissipation is approximately 100 mW. The sleep mode is activated when both the spindle is disabled (SCNTL1, 2 and 3 = 0) and the VCM is disabled (VPCNTL left open-circuit). THERMAL SHUTDOWN When the TDA5147K chip temperature is greater than 150 C all power drivers will be automatically disabled. This is to ensure that no fire hazard occurs due to chip overheating.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCCA1 VCCA2 Vo Vn Tstg Tj Tamb Note 1. Stress beyond these levels may cause permanent damage to the device. This is a stress rating only and functional operation of the device under this condition is not implied. HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling MOS devices. THERMAL CHARACTERISTICS See report AA94052 (dated 94-02-03): "PLCC52 - Thermal resistance evaluation". SYMBOL Tth j-a PARAMETER thermal resistance from junction to ambient in free air VALUE 30 UNIT K/W PARAMETER analog supply voltage 1 analog supply voltage 2 output voltage (pins 2, 12 and 24) output voltage on other pins IC storage temperature maximum junction temperature operating ambient temperature CONDITIONS indefinite time period note 1 indefinite time period note 1 MIN. -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -55 - 0 MAX. 6.0 7.0 13.5 15.0 20 - +125 150 70 V V V V V V C C C UNIT
1996 Jul 26
12
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
OPERATING CHARACTERISTICS VCCA1 = 5 V; VCCS = VCCA2 = VCCV = 12 V; Tamb = 0 to 70 C; unless otherwise specified. SYMBOL Supplies VCCA1 VCCS VCCV VCCA2 analog supply voltage 1 supply voltage for spindle motor drivers supply voltage for VCM driver analog supply voltage 2 4.5 10.8 10.8 10.8 5 12 12 12 - PARAMETER CONDITIONS MIN. TYP.
TDA5147K
MAX.
UNIT
5.5 13.2 13.2 13.2
V V V V
Reference voltage; pin 38 (Vref(i)) Vref(i) CO CCP reference voltage input 1.75 - - 2.75 - - V
Upper booster external output capacitor charge pump capacitor connected between BSTCP1 and BSTCP2 connected between BSTFLT and ground 10 22 nF nF
Spindle low side; pin 15 (SPWMTC) Csl Rsl Cclamp VIH VIL VIH Voh ViZ capacitor for spindle low side resistor for spindle low side - - - 220 68 - - - pF k F
Capacitors for PARK voltage supply; pins 19 and 51 (SHPWR3 and SHPWR2) clamp capacitor 22
Digital PWM input; pin 30 (SIPWM) HIGH level input voltage LOW level input voltage 3 -0.3 5 0 - - 0.50VCCA1 5.5 2 - - 0.75VCCA1 - 150 mV 0.25VCCA1 - 150 mV - V V
Digital inputs of spindle decoder; pins 10, 11 and 14 (SCNTL1, 2 and 3) HIGH level input voltage see Table 1; VCCA1 = 5 V 3.5 V
3-state level input; pin 3 (SMODE1) 3-state voltage level for current sense in non PWM mode 3-state voltage level for BEMF see Table 1; state also sense and PWM switch control achieved with floating input 3-state voltage level for BEMF sense and linear control 0.75VCCA1 + 150 mV 0.25VCCA1 + 150 mV - V V
Vol
-
V
Control amplifier; pin 23 (SCOMP) CSCOMP control loop capacitor - 47 nF
1996 Jul 26
13
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
SYMBOL PARAMETER CONDITIONS MIN. TYP.
TDA5147K
MAX.
UNIT
PARK enable; pin 35 (VPCNTL) Voh ViZ voltage level for enable voltage level for disable see Table 1; state also achieved with floating input 0.75VCCA1 + 150 mV 0.25VCCA1 + 150 mV - - 0.50VCCA1 - 0.75VCCA1 - 150 mV 0.25VCCA1 - 150 mV - 2.0 625 - V V
Vol
voltage level for retract
-
V
PWM decoder; pins 46 and 47 (VIPWML and VIPWMH) VIH VIL fPWM TPWM HIGH level input voltage LOW level input voltage frequency range at the inputs of the PWM PWM pulse width CFLTINP = 1.8 nF 3.0 - - 25 - - - - - 0.33 V V kHz ns
Sense resistor amplifier; pins 40 and 43 (VISENH and VISENL) ViCM Rs(S) CPOR CFLTINP VCM driver Rs(VCM) VCM sense resistor - 0.33 - common mode input sense voltage spindle sense resistor 0 - - - 2 - - - V
Power-on reset generator power-on reset capacitor see Fig.6 220 nF
VCM PWM filter filter capacitor 1.8 nF
ELECTRICAL CHARACTERISTICS VCCA1 = 5 V; VCCS = VCCA2 = VCCV = 12 V; Tamb = 0 to 70 C; note 1; unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN. - - - - - - TYP. MAX. UNIT
Analog supply current (nominal voltage) ICCA1 ICCA2 analog supply current 1 analog supply current 2 linear (no spindle or VCM load) sleep mode (no spindle or VCM load) linear (no spindle or VCM load) sleep mode (no spindle or VCM load) sense resistor output sleep mode (no spindle or VCM load) sense resistor input Ptot total power dissipation sleep mode 5.0 3.0 20 2.3 6.0 - 8.0 - 33 - - 150 mA mA mA mA mA mW
1996 Jul 26
14
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
SYMBOL PARAMETER CONDITIONS MIN.
TDA5147K
TYP.
MAX.
UNIT
Voltage booster; pin 20 (BSTFLT) VoCP IoCP charge pump output voltage charge pump output current nominal voltages 18.2 19.2 1.5 19.8 - V mA
voltage drop of 100 mV across booster -
Power monitor comparators; pins 6 and 7 (POR12ADJ and POR5ADJ) Vth12 Vth5 Vhys1 Vhys2 V12adj V5adj threshold voltage level adjustment for +12 V threshold voltage level adjustment for +5 V hysteresis on VCCA1 comparator hysteresis on VCCA2 comparator power-on reset 12 V adjustable voltage power-on reset 5 V adjustable voltage hysteresis in positive direction. hysteresis in positive direction. normal power supply to resistor divider 25.4 and 9.7 k normal power supply to resistor divider 7.86 and 10 k 8.7 4.4 40 130 3.25 2.74 9.0 4.5 60 200 3.32 2.8 9.3 4.6 80 270 3.39 2.86 V V mV mV V V
Power-on reset generator; pins 4 and 5 (CPOR and POR); see Fig.6 VOL VOH Isource Vth tdPOR tRPULSE LOW level input voltage HIGH level input voltage source current for charging capacitor (pin 4) threshold voltage (pin 4) power-on reset delay power supply maximum pulse duration C = 220 nF see Fig.7 IOL = 2 mA; VCC = 5 or 12 V (below threshold voltage) VCC = 5 or 12 V (above hysteresis voltage) - 4.85 8.2 - - - - - 12 2.5 45 2.5 0.7 - 15.3 - - 5.0 V V A V ms s
Thermal protection TSoff T Note 1. VCCA2, VCCV, VCCS and VCCA1 are connected together; the outputs SDRVU, SDRVV, SDRVW, VCMP and VCMN are not loaded. Sleep mode defined by 000 as spindle code and VCM disable. switch-off temperature thermal hysteresis prevents fire hazard (junction temperature) 150 - - 30 164 - C C
1996 Jul 26
15
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
SPINDLE MOTOR DRIVER CHARACTERISTICS VCCA1 = 5 V; VCCS = VCCA2 = VCCV = 12 V; Tamb = 0 to 70 C; unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN. - TYP. -
TDA5147K
MAX.
UNIT
Overvoltage protection; pins 2, 12 and 24 (SDRVW, SDRVV and SDRVU) VCLP overvoltage protection clamping voltage power supply off; apply voltage to outputs; check clamping voltage is at 100 mA 19 V
Spindle state control inputs; pins 10, 11 and 14 (SCNTL1, 2 and 3) Ii VCM input current -10 -0.5 - - +10 A
Back EMF comparators common mode input voltage comparators will be for centre TAP connection operational with other inputs (pin 16) at VCCA2 - 1 V common mode clamping current comparator offset voltage relative to pin 16 variation in comparator voltages comparators output drive sink voltage comparators output drive source voltage V16 = 0 V SDRVN voltage range from 3 to 10 V for the same IC Io(sink) = 1 mA Io(source) = 40 A VCCA2 + 0.7 V
ICLP VCos VCos Vsink Vsource
-1.6 -5 -7 - 2.7
- - - - -
-0.2 +5 +7 0.5 -
mA mV mV V V
Spindle output drivers; pins 2, 12 and 24 (SDRVW, SDRVV and SDRVU) Rds(on) ILO VF SRT total resistance at output (source + sink + isolation) off-state output leakage current recirculating diode forward voltage slew rate test Io = 1 A at Tamb = 25 C Io = 1 A at Tj = 125 C Tj = 125 C IF = 1 A test for Miller network - - - - 0.12 -200 23 100% duty factor at pin 30 50% duty factor at pin 30 0% duty factor at pin 30 - - - 0.8 1.3 0.3 0.8 - - 34 1.75 0.85 0 1.0 1.7 1.0 - 0.24 mA V V/s
Spindle current control PWM DAC and filter; pins 26 and 30 (SPWMFLT and SIPWM) I30 R26 V26 input current at pin 30 output resistance at pin 26 output voltage at HIGH-to-LOW voltage transition +200 45 - - - mA k V V V
1996 Jul 26
16
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
SYMBOL PARAMETER CONDITIONS MIN. TYP.
TDA5147K
MAX.
UNIT A A V V s s
PWM one-shot; pin 15 (SPWMTC) Isink Isource VthST VthEND toff ton(min) output sink current output source current threshold voltage start level threshold voltage end level one-shot off time one-shot minimum on time Vo = 3 V Vo = 1 V voltage for discharging voltage for charging external network of R = 68 k and C = 220 pF external network of R = 68 k and C = 220 pF 600 - 2.0 - - 1 850 -12 2.56 0.1 10 - 1100 - 3.0 0.2 - -
Current control loop and sense amplifier; pins 23 and 31 (SCOMP and SISENH) Vi ISENSE Vratio V31 current sense amplifier current sense amplifier common mode input voltage operational over range current sense amplifier input current voltage ratio between SPWMFLT and SISENH output voltage at SENSH (pin 31) over sense resistance = 0.1 to 1 for 100% duty factor; Rs = 0.33 ; note 1 for 50% duty factor; Rs = 0.33 for 5% duty factor; Rs = 0.33 ; note 2 for 0% duty factor; Rs = 0.33 ; note 3 BWD Notes 1. Maximum current will be activated at 100% duty factor. 2. 5% duty factor guarantees current output. 3. Zero duty factor guarantees zero current output. current loop bandwidth for SPWMFLT to motor current Rs = 0.33 , Lmotor = 1 mH, Rmotor = 12.0 0 -10 4.9 0.317 - 0 0 - - - 5.0 0.335 0.174 0.018 0 1 3.0 - 5.1 0.353 - 0.026 1.0 - V A V/V V V V mV kHz
1996 Jul 26
17
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
VOICE COIL MOTOR DRIVER CHARACTERISTICS VCCA1 = 5 V; VCCS = VCCA2 = VCCV = 12 V; Tamb = 0 to 70 C; unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN. TYP.
TDA5147K
MAX.
UNIT
Retract control voltage; pin 22 (RETADJ) IRET th;RET VRET retract voltage load current retract voltage hold time (power down) retract voltage regulation V29 = 9 V; power supplies off retract capacitor = 2.2 F nominal power supply at Tamb = 25 C - 5 - 3.0 - 1.0 1.0 - - - - A s V V
- power supply off; V24 = 9 to 2 V; V29 = 7.5 V VCM current control PWM DAC; pins 46 to 48 (VIPWML, VIPWMH and VFLTINP) I47, 46 VFL(p) input current at pins 47 and 46 positive full scale DAC output voltage at pin 48 relative to pin 37 negative full scale DAC output voltage at pin 48 relative to pin 37 current ratio between MSB and LSB Zo output impedance from pin 48 to pin 37 V49 = Vo + 10 mV measured at 500 Hz; Cfilter = 1.8 nF voltage range 0 to 5 V 100% duty factor -200 -
- +1.0
+200 -
A V
FLI(n)
0% duty factor
-
-1.0
-
V
31.5 1.40
32 2.0
32.5 2.6 k
VCM PWM filter; pins 48 and 49 (VFLTINP and VFLTOUT) Io fco filter V49 output current on pin 49 maximum phase shift from pin 48 to pin 49 filter cut-off frequency from pin 48 to pin 49 filter attenuation at 1 MHz measured from pin 48 to pin 49 output voltage range measured at pin 49 pins 46 and 47 at 0% duty factor pins 46 and 47 at 50% duty factor pins 46 and 47 at 100% duty factor Reference voltage; pin 37 (Vref(o)) Vref(o) output reference voltage Io = 4 mA; CL = 10 nF 3.8 4.0 4.2 V 500 - - - V37 - 2.06 0.065 - - 40 70 - 2 - - A deg kHz dB V V V
V37 - 1.98 V37 - 1.90 V37 0.065
V37 + 1.90 V37 + 1.98 V37 + 2.06
1996 Jul 26
18
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
SYMBOL PARAMETER CONDITIONS MIN. TYP.
TDA5147K
MAX.
UNIT
Current sense amplifier; pins 38, 40, 41, 43 and 44 (Vref(i), VISENH, VISENS2, VISENL and VISENS1) I40, 43 Isink1 input current at pins 40 and 43 output sink current 1 (pin 44) overvoltage range of 0 to 12 V force V40 - V43 to equal -250 mV; allow output drop of 100 mV between no load and full load force V40 - V43 to equal -250 mV; allow output drop of 100 mV between no load and full load gain and offset valid under all conditions V40 - V43 = 0 V at 0.5VCC fi < 20 kHz gain and offset valid force V40 - V43 to equal -250 mV; allow output drop of 100 mV between no load and full load force V40 - V43 to equal -250 mV; allow output drop of 100 mV between no load and full load under all conditions V40 - V43 = 0 V at 0.5VCC -200 +400 415 - 540 - A A
Isource1
output source current 1 (pin 43)
-
-
-400
A
V40, 43 G1 Vos1 BG1 PSRR V40, 43 Isink2
operating voltage range (pins 40 and 43) amplifier gain for V44 - V37/V40 - V43 output offset voltage unity gain bandwidth power supply rejection ratio operating voltage range (pins 40 and 43) output sink current 2 (pin 41)
0 3.8 -15 - - 0 +400
- 4.0 - 10 60 - -
12 4.2 +15 - - 12 -
V V/V mV MHz dB V A
Isource2
output source current 2 (pin 43)
-
-
-400
A
G2 Vos2 BG2 Vref(i) Iref(i)
amplifier gain for V41 - V38/V40 - V43 output offset voltage unity gain bandwidth input voltage level (pin 38) input current range (pin 38)
3.8 -23 - -
4.0 - 10 - 0.06
4.2 +23 - 4.5 1
V/V mV MHz V A mA MHz s
Vi = 0 to 4.5 V Tamb = 25 C Tj = 125 C Tj = 125 C from pin 33 to pins 36 and 42 ramp input pin 33 = 20 s
- - - - - -
VCM output drivers; pins 33, 36 and 42 (VCMINP, VCMN and VCMP) Rtot ILO BG tcro total output resistance (source + sink + isolation) output leakage current unity gain bandwidth crossover distortion time 1.0 1.5 - 2 2 1.25 1.9 1 - 5
1996 Jul 26
19
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
SYMBOL RATIO = /2 ---/1 PARAMETER symmetry of VCM drivers (pins 33 and 36) CONDITIONS MIN. 1 TYP.
TDA5147K
MAX. 1.03
UNIT
I2 = IRVCM at duty 0.93 factor = 10%; I1 = IRCVM at duty factor = 90%; I0 = IRCVM at duty factor = 50%; RS = 0.33 ; R1 = 10 k, R2 = 6.6 k, RL = 15 0.97 I2 = IRVCM at duty factor = 10%; I1 = IRCVM at duty factor = 90%; I0 = IRCVM at duty factor = 50%; RS = 0.33 ; R1 = 10 k, R2 = 6.6 k, RL = 15 pins 47 and 46 at 50% duty factor; RS = 0.33 ; R1 = 10 k, R2 = 6.6 k, RL = 15 Vi = 0 to 10 V from pin 33 to pin 37 -28
L= /2 - /0 --------------/1 - /0
linearity of VCM drivers (pins 33 and 36)
1
1.03
Ios
VCM output offset current
0
+28
mA
I33 V33
input current (pin 33) input offset voltage (pin 33)
- -10
0.07 -
0.2 +10
A mV
1996 Jul 26
20
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
MODE TABLES Table 2 VPCNTL and SCNTL modes VPCNTL INPUT STATE(1) HIGH high impedance LOW X X X high impedance
TDA5147K
MODES OF OPERATION AT POWER GOOD (POR = HIGH) VCM enable VCM disable Park Spindle enable Spindle disable Spindle brake Spindle mode Note 1. X = Don't care. Table 3
SCNTL INPUT STATES(1) SCNTL1 X X X see Table 3 LOW HIGH LOW SCNTL2 X X X see Table 3 LOW HIGH LOW SCNTL3 X X X see Table 3 LOW HIGH LOW
Booster, driver, comparator, decoder, amplifier and filter modes UPPER BOOSTER ON ON OFF OFF UPPER DRIVERS ON ON OFF OFF LOWER DRIVERS ON ON ON ON COMPARATOR ON ON ON ON CONTROL AMPLIFIER ON ON OFF OFF
FUNCTION Spindle enable Spindle disable POR LOW Sleep Table 4 FUNCTION Spindle enable Spindle disable POR LOW Sleep
ONE-SHOT ON ON ON ON
CURRENT COMPARATOR ON ON ON ON
PWM DECODER FILTER ON ON ON ON
SMODE COMPARATOR ON ON ON ON
CURRENT SENSE AMPLIFIER ON ON OFF OFF
LOGIC DECODER ON ON ON ON
1996 Jul 26
21
Table 5 12 AND 5 V COMPARATOR RETRACT CIRCUIT OFF OFF ON OFF ON ON ON ON ON ON OFF ON OFF ON ON ON ON ON ON ON FILTER AMPLIFIER POR DETECTOR
VISBUF, PWM, power, POR, retract, reference, sense, thermal, voltage and sleep modes
1996 Jul 26 ON ON ON OFF OFF Vref OUTPUT SENSE2 ON ON ON OFF OFF OFF OFF ON OFF OFF ON ON OFF ON ON OFF ON ON ON ON ON ON ON ON ON SENSE1 ON ON ON OFF OFF VCM POWER AMPLIFIER VOLTAGE GENERATOR THERMAL SHUTDOWN SLEEP FUNCTION OFF OFF(2) OFF ON(3) ON
FUNCTION
VISREF BUFFER
PWM DECODER
VCM enable
ON
VCM Disable
ON
Philips Semiconductors
Park
ON
Sleep
OFF
POR LOW
OFF
Table 6
FUNCTION
VOLTAGE 3-STATE LEVEL
Vref OUTPUT BUFFER
VCM enable
ON
ON
VCM disable
ON
ON
Park(1)
ON
ON
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
Sleep
ON
OFF
22
POR LOW
ON
OFF
Notes
1. Park will provide adjustable retract if the spindle brake is on, or if the spindle brake is enabled.
2. If disable SP is OFF.
3. Requires disable SP and VCM disable to be ON.
Product specification
TDA5147K
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
TDA5147K
dbook, full pagewidth
Vref(o) R R R
46 47 48 PWM DEC BUFFER
49
R1
Vref(o) 33 R R
36 ICOIL 42 R5 voice coil motor
M
R2
R4 V1 44 V1
0.5 VCCV R
43 40
R R4 Vref(o)
MBH022
Fig.8 Transconductance model.
1996 Jul 26
23
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
EQUATIONS Gain from VFLTINP to VFLTOUT V FLTOUT - V ref ( o ) ---------------------------------------------- = 2 V FLTINP - V ref ( o ) Gain from VFLTOUT to VISENS1 (under closed loop VCMINP = Vref(o)) V FLTOUT - V ref ( o ) R1 V FLTOUT - V ref ( o ) V ISENS1 - V ref ( o ) ---------------------------------------------- = --------------------------------------------- or ---------------------------------------------- = -----R1 R2 V SENS1 - V ref ( o ) R2 Gain of VISENS1 relative to Vs (voltage across Rs) V1 - V ref ( o ) V ISENH V1 - V SENS1 V ISENL HAVE ------------------------------ = ------------------ -------------------------------- = ----------------R 4R 4R R 1 - V ref ( o ) V ISENL - V ISENH V s V SENS1 - V ref ( o ) SUB -------------------------- = ------------------------------------------- = --------- or ------------------------------------------- = 4 V s 4R R R Transconductance Equation I COIL V s 1 G m = ----------------------------------------- = --------- x -------------------------------------------V FLINP - V ref ( o ) R s V FLINTP - V ref ( o ) V s From equation (1) G m = --------Rs 2 -------------------------------------------V FTOUT - V ref ( o )
TDA5147K
(1)
(2)
(3)
(4)
(5)
V s R2 From equation (2) G m = --------- x 2 x ------ ( V SENS1 - V ref ( o ) ) R1 Rs R2 1 1 R2 11 From equation (3) and (4) G m = ------ x -- x 2 x ------ = -- x ------ x -------R1 2 R s R1 Rs 4
1996 Jul 26
24
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
APPLICATION INFORMATION
TDA5147K
andbook, full pagewidth
12 V 0.47 F
5V CAPFLT CAPCP
VCMN 50 n.c. 37 22 26 15 5 41 8 18 17 39 13 1 20 25 21 7 6 4 48 44 49 33 42 43 40 CPOR n.c. n.c.
M
voice coil motor
(1)
TDA5147K
38 digital circuit 46 47 35 10 11 14 3 30 45 34 28 52 51 29 19 23
36 9 27 31 2 16 spindle motor
(1) (1)
12 24
Rs (1)
32
Cclamp
MBH025
(1) Optional.
Fig.9 Application diagram.
1996 Jul 26
25
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
PACKAGE OUTLINES PLCC52: plastic leaded chip carrier; 52 leads
TDA5147K
SOT238-2
eD y 46 X 34 ZE A
eE
47
33
bp b1 wM E pin 1 index A e A4 A1 (A 3) 7 21 k 1 Lp detail X vM A HE
52 1
k
8 e D HD 0
20 ZD B
vMB 5 scale 10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT
mm
A
4.57 4.19
A1 min.
0.51
A3
0.25
A4 max.
3.05
bp
0.53 0.33
b1
0.81 0.66
D (1)
E (1)
e
eD
eE
HD
HE
k
k1 max.
0.51
Lp
1.44 1.02
v
0.18
w
0.18
y
0.10
Z D(1) Z E (1) max. max.
2.16 2.16
19.15 19.15 18.54 18.54 20.19 20.19 1.22 1.27 19.05 19.05 17.53 17.53 19.94 19.94 1.07
45 o
0.180 inches 0.020 0.01 0.165
0.057 0.730 0.730 0.795 0.795 0.048 0.021 0.032 0.754 0.754 0.020 0.05 0.007 0.007 0.004 0.085 0.085 0.12 0.040 0.690 0.690 0.785 0.785 0.042 0.013 0.026 0.750 0.750
Note 1. Plastic or metal protrusions of 0.01 inches maximum per side are not included. OUTLINE VERSION SOT238-2 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 92-10-08 95-02-25
1996 Jul 26
26
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). Reflow soldering Reflow soldering techniques are suitable for all PLCC packages. The choice of heating method may be influenced by larger PLCC packages (44 leads, or more). If infrared or vapour phase heating is used and the large packages are not absolutely dry (less than 0.1% moisture content by weight), vaporization of the small amount of moisture in them can cause cracking of the plastic body. For more information, refer to the Drypack chapter in our "Quality Reference Handbook" (order code 9397 750 00192). Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. Wave soldering
TDA5147K
Wave soldering techniques can be used for all PLCC packages if the following conditions are observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Repairing soldered joints Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
1996 Jul 26
27
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
TDA5147K
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1996 Jul 26
28
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
NOTES
TDA5147K
1996 Jul 26
29
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
NOTES
TDA5147K
1996 Jul 26
30
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and spindle motor drive combination chip
NOTES
TDA5147K
1996 Jul 26
31
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 1949 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 615 800, Fax. +358 615 80920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS, Tel. +30 1 4894 339/911, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Shivsagar Estate, A Block, Dr. Annie Besant Rd. Worli, MUMBAI 400 018, Tel. +91 22 4938 541, Fax. +91 22 4938 722 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 926 5361, Fax. +7 095 564 8323 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: PHILIPS TAIWAN Ltd., 23-30F, 66, Chung Hsiao West Road, Sec. 1, P.O. Box 22978, TAIPEI 100, Tel. +886 2 382 4443, Fax. +886 2 382 4444 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 825 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1996
Internet: http://www.semiconductors.philips.com (1) TDA5147K_1 July 18, 1996 12:44 pm SCA51
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands
397021/1200/01/pp32 Date of release: 1996 Jul 26 Document order number: 9397 750 00988


▲Up To Search▲   

 
Price & Availability of TDA5147K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X