Part Number Hot Search : 
STE471Y SC547 2SC6045G GP602 400VDC NTD80N02 RP100X 2SC6045G
Product Description
Full Text Search
 

To Download SL13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL12 THRU SL14
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere
FEATURES l l l l l l l l l l Plastic package has Underwriters Laboratory Flammability Classification 94V-O For surface mounted applications Low profile package Built-in strain relief Metal to silicon rectifier majority carrier conduction Low power loss, High efficiency High current capability, low VF High surge capacity For use in low voltage high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 260 J /10 seconds at terminals SMA/DO-214AC
MECHANICAL DATA Case: JEDEC DO-214AC molded plastic Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode Standard packaging: 12mm tape (EIA-481) Weight: 0.002 ounce, 0.064 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 J ambient temperature unless otherwise specified. Resistive or inductive load.
SYMBOLS SL12 20 14 20 SL13 30 21 30 SL14 40 28 40 UNITS Volts Volts Volts
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL (See Figure 1) Peak Forward Surge Current 8.3ms single half sinewave superimposed on rated load(JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A (Note 1) Maximum DC Reverse Current TA=25 J (Note 1) At Rated DC Blocking Voltage TA=100 J Maximum Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range NOTES: 1. Pulse Test with PW=300 g sec, 1% Duty Cycle.
VRRM VRMS VDC I(AV) IFSM VF IR R KJL R KJA TJ TSTG
1.0 30.0 0.38 0.38 0.5 20.0 28 88 -50 to +125 -50 to +150 0.40
Amps Amps Volts mA J /W J J
2. Mounted on P.C.Board with 5.0mm (.013mm thick) copper pad areas.
2
RATING AND CHARACTERISTIC CURVES SL12 THRU SL14
20
VERAGE FORWARD CURRENT AMPERES
INSTANTANEOUS FORWARD CURRENT AMPERES
10
1.0
0.75
SINELE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD P.C.B MOUNTED ON 0.2x0.2"(5.0x5.0mm) COPPER PAD AREAS
0.50
1.0
TJ = 25 J PULSE WIDTH = 300gs 1% DUTY CYCLE
0.25
0 0 20 40 60 80 100 120 140
0.1 .1 .2 .3 .4 .5 .6 .7 .9 1.0
LEAD TEMPERATURE, J
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 1-FORWARD CURRENT DERATING CURVEE
Fig. 2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
30
PEAK FORWARD SURGE CURRENT, AMPERES
25 20 15 10 5 8.3ms SINGLE HALF SINE WAVE JEDEC METHOD
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
Fig. 3-MAXIMUM NON-REPETITIVE SURGE CURRENT
400
CAPACTANCE, pF
200 TJ = 25 J 100 80 60 40 20 10 0.1 0.4 1.0 4 10 40 60 100 120
REVERSE VOLTAGE ,VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE


▲Up To Search▲   

 
Price & Availability of SL13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X