Part Number Hot Search : 
LGU2A RE46C P2N20 MBT2222A SMS9GE3 IRF9620 UPD7003C HP41C
Product Description
Full Text Search
 

To Download SEE-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC CONVERTER
(PIN)
SEE-16
OUTLINE /
1. This is small size and high efficient up-down converter transformer which is 2 in 1 construction. (ex. SEPIC converter) 2. It is possible to output the high voltage which is hard to obtain with an ordinary inductor with sufficient accuracy. 3. It is available for a white LED back light drive. 1. 2inSEPIC, ZETA 2. 3. LED
DIMENSIONS (mm)
SEE-16
17.0MAX.
CONSTRUCTION
16.0MAX.
4.0
4-3.3
1 5 .0 M A X .
o 0 .6
Specifications
Max. Operating frequency 300kHz Max. Operating Power 4.0W @ 100kHz 12.0W @ 300kHz
300kHz
1 1 .0
4.0W @ 100kHz 12.0W @ 300kHz
Application
1. Driving transformer for Switching regulator 2. EL Inverter
1. 2. EL
North America Tel:(1) 847 545-6700 Fax:(1) 847 545-6720 E-mail: sales@us.sumida.com h tt p :/ /www.sumida.com
Japan Tel:(81) 03 3667-3302 Fax:(81) 03 3667-3408 E-mail: sales@jp.sumida.com
Hong Kong Tel:(852) 2880-6688 Fax:(852) 2565-9600 E-mail: sales@hk.sumida.com
Taiwan Tel:(886) 2 2726-2177 Fax:(886) 2 2728-2726 E-mail: sales@tw.sumida.com
Singapore Tel:(65) 6296-3388 Fax:(65) 6296-3390 E-mail: sales@sg.sumida.com
Europe Tel:(32) 2673-9565 Fax:(32) 2672-0454 E-mail: sales@eu.sumida.com
Rev1.0 09/2004


▲Up To Search▲   

 
Price & Availability of SEE-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X