Part Number Hot Search : 
OMA541SK 6KE120AP TM100 RE5RL38A AN77L05 AN4210 HC406 D9244
Product Description
Full Text Search
 

To Download RK12SD3FNAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rocker Switches
O23 mm Round illuminated Rocker Switches
2.00
RK12 Series
O 23.00
15.80
LOAD 7.60
CIRCUIT 7.00 O 19.80
RK12S Single Pole
2.00
3.50
18.20
3B
4B
O 23.00
1A 6.50 CIRCUIT 5.00 8.00
2A
RK12D_ _ _U Double Poles illuminated
9.20
3.50
18.20
2.00
3B
4B
O 23.00
1A 6.50
2A
CIRCUIT 5.00 8.00
RK12D_ _ _N Double Poles non-illuminated
TERMINAL
Q 4.8mm TAB, 0.8mm Thick
9.20
ACTUATOR SHAPE
A D
2.400.10
PANEL SIZE
PANEL CUT-OUT Snap-in mounting
D1 Solder Tag Type 1 OFF D2 Solder Tag Type 2 D3 Solder Tag Type 3 H Thru Hole Straight LO HI ON B E
21.00.10
How to order:
General Specifications:
3 4 5 6 7
FEATURES Round rocker switch Single pole or double pole Illuminated or non-illuminated MATERIALS of RK12S Contact Arm (RK12S): Silver plated copper alloy Movable Contact Arm (RK12D): Phosphorus bronze Movable Contact (RK12D): Silver alloy Terminals: Silver plated copper Lamp: Neon for AC; Tungsten bulb for DC Spring: Piano wire MECHANICAL Temperature Range: -20C to +125C ELECTRICAL Electrical Life: 10,000 cycles Rating (RK12S): 20A125VAC, 12A250VAC 10A125VAC / 6A250VAC 6A125VAC / 3A250VAC 6A250VAC 10(4)A250VAC~T125 Rating (RK12D): 12A125VAC, 10A250VAC 10A125VAC / 8A250VAC 10A250VAC 10(4)A250V~T125/55 Initial Contact Resistance: 20m max. Insulation Resistance: 100M min. at 500VDC
RK12
S D 1 2
1
1
2
POLES: Single Pole Double Poles SWITCHING: ON - OFF ON - ON (RK12S Only) TERMINAL (See above drawings): Quick Connect Solder Tag Type 1 Solder Tag Type 2 Solder Tag Type 3 Thru Hole Straight ACTUATOR MARKING: See above drawings See above drawings See above drawings See above drawings See above drawings See above drawings
N T U A H B A H B C F D G E
7 6
5
2
ILLUMINATION: No Illuminated (Standard) No Illuminated with transparent Rocker Illuminated BASE COLOR: Black Grey White ACTUATOR COLOR: Black Grey White Red Green Orange Blue (RK12S Only) Yellow (RK12D Only)
Q D1 D2 D3 H
4
3
A B C D E F
sales@greatecs.com
www.greatecs.com
O 20.0 + 0.10/-0
B12
Rocker Switches
1
2
3


▲Up To Search▲   

 
Price & Availability of RK12SD3FNAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X