Part Number Hot Search : 
AQY22 ILC6382 2SC411 AK4116 10200 153JR ADR366B 140SA1
Product Description
Full Text Search
 

To Download PD20010-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD20010-E
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
www..com
Features

Excellent thermal stability Common source configuration POUT = 10 W with 11 dB gain @ 2 GHz / 13.6 V Plastic package ESD protection In compliance with the 2002/95/EC european directive
PowerSO-10RF (formed lead)
Description
The PD20010-E is a common source N-Channel, enhancement-mode lateral Field-Effect RF power transistor. It is designed for high gain, broadband commercial and industrial applications. It operates at 13.6 V in common source mode at frequencies of up to 1 GHz. PD20010-E boasts the excellent gain, linearity and reliability of ST's latest LDMOS technology mounted in the first true SMD plastic RF power package, PowerSO-10RF. PD20010-E's superior linearity performance makes it an ideal solution for car mobile radio. The PowerSO-10 plastic package, designed to offer high reliability, is the first ST JEDEC approved, high power SMD package. It has been specially optimized for RF needs and offers excellent RF performances and ease of assembly. Mounting recommendations are available in www.st.com/rf/ (look for application note AN1294).
PowerSO-10RF (straight lead)
Figure 1.
Pin connection Source
Gate
Drain
Table 1.
Device summary
Order codes PD20010-E PD20010S-E PD20010TR-E PD20010STR-E Packages PowerSO-10RF (formed lead) PowerSO-10RF (straight lead) PowerSO-10RF (formed lead) PowerSO-10RF (straight lead) Rev 1 Packing Tube Tube Tape and reel Tape and reel 1/12
www.st.com 12
March 2009
Contents
PD20010-E
Contents
1
www..com
Electrical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1 1.2 Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 2.2 2.3 2.4 Static . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Dynamic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 ESD protection characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Moisture sensitivity level . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3 4 5
Typical performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
2/12
PD20010-E
Electrical data
1
1.1
www..com
Electrical data
Maximum ratings
TCASE = 25 C Table 2.
Symbol V(BR)DSS VGS ID PDISS TJ TSTG
Absolute maximum ratings
Parameter Drain-source voltage Gate-source voltage Drain current Power dissipation (@ TC = 70 C) Max. operating junction temperature Storage temperature Value 40 -0.5 to +15 5 59 165 -65 to +150 Unit V V A W C C
1.2
Thermal data
Table 3.
Symbol RthJC
Thermal data
Parameter Junction - case thermal resistance Value 1.6 Unit C/W
3/12
Electrical characteristics
PD20010-E
2
Electrical characteristics
TCASE = + 25 C
www..com
2.1
Static
Table 4.
Symbol IDSS IGSS VGS(Q) VDS(ON) CISS COSS CRSS VGS = 0V VGS = 5 V VDS = 10 V VGS = 10 V VGS = 0V VGS = 0V VGS = 0V
Static
Test conditions VDS = 25 V VDS = 0 V ID = 150 mA ID = 1 A VDS = 12.5 V VDS = 12.5 V VDS = 12.5 V f = 1 MHz f = 1 MHz f = 1 MHz 3.4 0.34 45 36 1.2 Min. Typ. Max. 1 1 Unit A A V V pF pF pF
2.2
Dynamic
Table 5.
Symbol P3dB GP hD
Dynamic
Test conditions VDD = 13.6 V, IDQ = 150 mA f = 2000 MHz Min. 10 10 45 20:1 Typ. 15 11 53 Max. Unit W dB % VSWR
VDD = 13.6 V, IDQ = 150 mA, POUT = 10 W, f = 2000 MHz VDD = 13.6 V, IDQ = 150 mA, POUT = P3dB, f = 2000 MHz
Load VDD = 15.5 V, IDQ = 300 mA, POUT = 10 W, f = 2000 MHz mismatch All phase angles
2.3
ESD protection characteristics
Table 6. ESD protection characteristics
Test conditions Human body model Machine model Class 2 M3
2.4
Moisture sensitivity level
Table 7. Moisture sensitivity level
Test conditions J-STD-020B Rating MSL 3
4/12
PD20010-E
Typical performance
3
Typical performance
Figure 2. Drain current vs. gate voltage Figure 3. DC output characteristics
www..com
Figure 4.
90 80
Capacitances vs. drain voltage
Coss 70 Capacitances (pF) 60 50 40 30 20 10 0 0 5 10
Crss
Ciss
15
20
25
30
Drain voltage (V)
5/12
Package mechanical data
PD20010-E
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK(R) packages, depending on their level of environmental compliance. ECOPACK(R) specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark.
www..com
6/12
PD20010-E Table 8.
Dim. Min. A1
www..com
Package mechanical data PowerSO-10RF formed lead (gull wing) mechanical data
mm. Typ. 0.05 3.5 1.3 0.2 0.2 5.4 0.23 9.4 7.4 13.85 9.3 7.3 5.9 5.53 0.27 9.5 7.5 14.1 9.4 7.4 6.1 0.5 1.2 0.8 1 0.8 2 deg 5 deg 6 deg 10 deg 8 deg 2 deg 1.1 0.25 0.031 5 deg 6 deg 10 deg 8 deg 0.030 5.65 0.32 9.6 7.6 14.35 9.5 7.5 6.3 0.212 0.008 0.370 0.290 0.544 0.365 0.286 0.231 Max. 0.1 3.6 1.4 0.25 Min. 0. 0.134 0.046 0.005 Inch. Typ. 0.0019 0.137 0.05 0.007 0.007 0.217 0.01 0.374 0.295 0.555 0.37 0.292 0.24 0.019 0.047 0.039 0.042 0.01 0.221 0.012 0.377 0.298 0.565 0.375 0.294 0.247 Max. 0.0038 0.142 0.054 0.009
0 3.4 1.2 0.15
A2 A3 A4 a b c D D1 E E1 E2 E3 F G L R1 R2 T T1 T2
Note:
Resin protrusions not included (max value: 0.15 mm per side) Figure 5. Package dimensions
Critical dimensions: - Stand-off (A1) - Overall width (L)
7/12
Package mechanical data Table 9.
Dim. Min. A1
www..com
PD20010-E
PowerSO-10RF straight lead mechanical data
mm. Typ. 1.67 3.5 1.3 0.2 0.2 5.4 0.23 9.4 7.4 15.15 9.3 7.3 5.9 5.53 0.27 9.5 7.5 15.4 9.4 7.4 6.1 0.5 1.2 0.25 0.8 6 deg 10 deg 0.031 6 deg 10 deg 5.65 0.32 9.6 7.6 15.65 9.5 7.5 6.3 0.212 0.008 0.370 0.290 0.595 0.365 0.286 0.231 Max. 1.72 3.6 1.4 0.25 Min. 0.064 0.134 0.046 0.005 Inch. Typ. 0.065 0.137 0.05 0.007 0.007 0.217 0.01 0.374 0.295 0.606 0.37 0.292 0.24 0.019 0.047 0.01 0.221 0.012 0.377 0.298 0.615 0.375 0.294 0.247 Max. 0.068 0.142 0.054 0.009
1.62 3.4 1.2 0.15
A2 A3 A4 a b c D D1 E E1 E2 E3 F G R1 R2 T1 T2
Note:
Resin protrusions not included (max value: 0.15 mm per side) Figure 6. Package dimensions
CRITICAL DIMENSIONS: - Overall width (L)
8/12
PD20010-E Figure 7. Tube information
Package mechanical data
www..com
9/12
Package mechanical data Figure 8. Reel information
PD20010-E
www..com
10/12
PD20010-E
Revision history
5
Revision history
Table 10. Document revision history
Revision 1 Initial release Changes
www..com
Date 24-Mar-2009
11/12
PD20010-E
www..com
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2009 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of PD20010-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X