|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NTE930 Linear Integrated Circuit BiMOS Operational Amp Description: The NTE930 is an integrated circuit operational amplifier in an 8-Lead Metal Can type package that combines the advantages of both COS/MOS and bipolar transistors on a monolithic chip. Gate-protected P-channel MOS/FET (PMOS) transistors are used in the input circuit to provide very-high-input impedance, very-low-input current and exceptional speed performance. The use of PMOS field-effect transistors in the input stage results in common-mode input-voltage capability down to 0.5V below the negative-supply terminal, an important attribute in single-supply applications. A complementary-symmetry MOS (COS/MOS) transistor pair, capable of swinging the output voltage to within 10mV of either supply-voltage terminal (at very high values of load impedance), is employed as the output circuit. The NTE930 operates at supply voltages ranging from 5 to 16 volts, or 2.5 to 8 volts when using split supplies. They can be phase compensated with a single external capacitor, and have terminals for adjustment of offset voltage for applications requiring offset-null capability. Terminal provision are also made to permit strobing of the output stage. Features: D Wide BW: 15MHz typ (unity-gain crossover) D High SR: 10V/s typ (unity-gain follower) D High Output Current (IO): 20mA typ D Compensations with single external capacitor Applications: D Ground-Referenced Single-Supply Amplifiers D Fast Smaple-Hold Amplifiers D Long-Duration Timers/Monostables D High-Input-Impedance Comparators (ideal interface with digital COS/MOS) D High-Input-Impedance Wideband Amplifiers D Voltage Followers (for single-supply D/A converter) D Voltage Regulators (permits control of output voltage down to zero volts) D Peak Detectors D Single-Supply Full-Wave Precision Rectifiers D Photo-Diode Sensor Amplifiers Absolute Maximum Ratings: DC Supply Voltage (Between V+ & V- Terminals) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16V Differential Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V Common Mode DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (V+ +8V) to (V- -0.5V) Input Terminal Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA Device Dissipation (without Heat Sink, up to +55C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 630mW Derate Linearly Above +55C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.67mW/C Device Dissipation (with Heat Sink, up to +90C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W Derate Linearly Above +90C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.67mW/C Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Output Short Circuit Duration (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite Lead Temperature (During Soldering, 1/16" 1/32" from Case for 10sec Max), TL . . . . . . . . +265C Note 1. Short circuit may be applied to ground or to either supply Electrical Characteristics: (TA = +25C, V+ = 15V, V- = 0V unless otherwise specified) Parameter Input Offset Voltage Input Offset Current Input Current Large-Signal Voltage Gain Symbol |VIO| |IIO| II AOL V+ V V+ V Test Conditions V = 7.5V = 5V = 7.5V = 5V = 7.5V Min - - - - - - 50k 94 - - 70 V+ Common-Mode Input Voltage Range Power-Supply Rejection Ratio Maximum Output Voltage VICR V+ VIO/V VOM+ VOM- Maximum Output Current, Source Maximum Output Current, Sink Supply Current IOM+ IOM- I+ V V+ = 5V = 7.5V = 5V = 5V - 0 - - - 12.0 14.99 - - 12 12 - - - - - Typ 8 8 0.5 0.1 5 2 320k 110 100k 100 90 80 -0.5 to 12 0 to 2.8 32 200 13.3 15.0 0.002 0 22 20 2 500 300 10 10 Max 15 - 30 - 50 - - - - - - - 10 - 320 - - - 0.01 0.01 45 45 3 - - - - Unit mV mV pA pA pA pA V/V dB V/V dB dB dB V V V/V V/V V V V V mA mA mA A A mA V/C V+ = 5V VO = 10VP-P, RL = 2k V+ = 5V, VO = 4VP-P, RL = 5k Common-Mode Rejection Ratio CMRR RL = 2k RL = RL = 2k RL = VO = 0V VO = 15V VO = 0V, RL = VO = 2.5V, RL = VO = 5V, RL = VO = 7.5V, RL = Input Offset Voltage Temp. Drift VIO/T Pin Connection Diagram (Top View) Output Offset Null 5 6 4 V-/Case V+ 7 Phase Comp/ 8 Strobe 2 3 Non-Invert Input Invert Input 1 Phase Comp/Offset Null .370 (9.39) Dia Max .335 (8.52) Dia Max .177 (4.5) Max .492 (12.5) Min .018 (0.45) Dia Typ 3 4 5 7 6 .200 (5.06) Dia 2 1 45 8 .032 (0.82) |
Price & Availability of NTE930 |