Part Number Hot Search : 
2H025 LBN10006 APM9424K BU4523DF C4082 EN25B32 TFC561D T9435
Product Description
Full Text Search
 

To Download NMH0505D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NMH SERIES
Isolated 2W Dual Output DC-DC Converters
SELECTION GUIDE
Nominal Input Voltage
Output Voltage
Output Current
Input Current at Rated Load
MTTF 1
Order Code
NMH0505S NMH0509S NMH0512S NMH0515S NMH1205S NMH1209S
FEATURES s Wide Temperature performance at full 2 Watt load, -40C to 85C s Dual Output from a Single Input Rail s Industry Standard Pinout s Power Sharing on Output s 1kVDC Isolation s Efficiency to 86% s Power Density up to 1.44W/cm3 s 5V, 12V, 24V & 48V Input s 5V, 9V,12V and 15V Output s Footprint from 1.46cm 2 s UL 94V-0 Package Material s No Heatsink Required s Internal SMD Construction s Toroidal Magnetics s Fully Encapsulated s No External Components Required s MTTF up to 2.0 Million hours s Custom Solutions Available s No Electrolytic or Tantalum Capacitors DESCRIPTION
The NMH series of industrial temperature range DC-DC converters are the standard building blocks for on-board point-of-use power systems. They are ideally suited for providing dual rail supplies on single rail boards with the added benefit of galvanic isolation to reduce circuit noise. All of the rated power may be drawn from a single pin provided the total load does not exceed 2W. Pin compatibility with the NMA 1 watt series ensures minimal effort in upgrading distributed power systems.
NMH1212S NMH1215S NMH2405S NMH2409S NMH2412S NMH2415S NMH4805S NMH4809S NMH4812S NMH4815S
(V) 5 5 5 5 12 12 12 12 24 24 24 24 48 48 48 48
(V) 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15
(mA) 200 111 83 67 200 111 83 67 200 111 83 67 200 111 83 67
(mA) 500 494 488 476 208 201 198 198 103 98 97 97 51 51 49 49
(%) 80 81 82 84 80 83 84 84 81 85 86 86 82 82 85 85
(pF) 24 28 30 33 35 55 63 66 41 75 95 104 45 74 90 112
kHrs 1574 663 338 187 490 343 229 148 318 249 183 127 235 195 152 112
SIP
SIP
SIP
SIP
When operated with additional external load capacitance the rise time of the input voltage will determine the maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the greater the maximum value of the additional external capacitance for reliable start up.
INPUT CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Continuous operation, 5V input types 4.5 Continuous operation, 12V input types 10.8 Voltage Range Continuous operation, 24V input types 21.6 Continuous operation, 48V input types 43.2 5V input types 12V input types Reflected Ripple Current 24V input types 48V input types
5 12 24 48 50 70 130 200
5.5 13.2 26.4 52.8
V
mA p-p
OUTPUT CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
TA= -40C to 85C NMH0505 All other types High V IN to low V IN 10% load to rated load, 5V output types 10% load to rated load, 9V output types Load Regulation 10% load to rated load, 12V output types 10% load to rated load, 15V output types BW=DC to 20MHz, 5V output types BW=DC to 20MHz, 9V output types Ripple & Noise BW=DC to 20MHz, 12V output types BW=DC to 20MHz, 15V output types
Rated Power2 Output Voltage Accuracy Line Regulation
-5 -5 1.0 5 3 150 100 80 70
2 7.5 5 1.2 10 10 200 150 150 150
W % %/% %
mV p-p
ABSOLUTE MAXIMUM RATINGS
Short circuit duration 3 Internal power dissipation Lead temperature 1.5mm from case for 10 seconds Input voltage V IN , NMH05 types Input voltage V IN , NMH12 types Input voltage V IN , NMH24 types Input voltage V IN , NMH48 types 1second 300mW 300C 7V 15V 28V 54V
www.dc-dc.com
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load. 2 See derating curve 3 Supply voltage must be discontinued at the end of the short circuit duration. 4 Replace suffix "S" with "D" for DIP package style. All specifications typical at TA=25C, nominal input voltage and rated output current unless otherwise specified.
NMH SERIES
Isolated 2W Dual Output DC-DC Converters
ISOLATION CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
PIN CONNECTIONS
1000 1 VDC G 14 Pin DIP PIN 1 GND 7 NC 8 0V 9 +V 11 -V 14 VIN 7 Pin SIP PIN 1 VIN 2 GND 4 -V 5 0V 6 +V
Isolation Test Voltage Resistance
Flash tested for 1 second Viso=500V
10
GENERAL CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Switching Frequency
5V input types 12V input types 24 & 48V input types
95 90 80
kHz
TEMPERATURE CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Specification Storage Case Temperature Above Ambient Cooling
All output types 5V output types 12V output types Free air convection
-40 -50 30 25
85 130
C C C
PERFORMANCE CHARACTERISTICS
tolerance envelope +10%
+5% V nominal
4 +2.5% -2.5% - 7.5% 2 1 0 3
temperature derating graph
85C
Safe Operating Area
10
50 Output Load Cur rent (%)
100
-40
0 50 100 Ambient Temperature (C)
150
MECHANICAL DIMENSIONS
14 Pin DIP
Weight: 2.85g
19.50
2.13
15.24
1.09
NMH0505D
9.80
1
7.70 7.62
7
0.30 0.20
XYYWWi
4.60 3.60 0.55 0.45 2.54
14
1 1
9
8
7 Pin SIP
Weight: 2.76g
19.50
1.880.50
7.50
NMH0505S
10.0 1 .25
XYYWWi
12.70
0.30 0.20
4.60 3.60
12
4
2.54
5
6
0.55 0.45
All dimensions in mm XX.XX 0.25mm. All pins on a 2.54mm pitch and within 0.25mm of true position.
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please check with your supplier or visit our web site to ensure that you have the current and complete specification for your product before use. (c) C&D Technologies (NCL) Limited 2001 NDC NMH.3 No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies (NCL) Limited. Instructions for use are available from www.dc-dc.com
C&D Technologies (NCL) Ltd Tanners Drive, Blakelands North Milton Keynes MK14 5BU, England Tel: +44 (0)1908 615232 Fax:+44 (0)1908 617545 email: info@cdtechno-ncl.com www: http://www.dc-dc.com
C&D Technologies (NCL), Inc. 5816 Creedmoor Road, Raleigh NC 27612, USA Tel: +1 (919) 571-9405 Fax: +1 (919) 571-9262 email: info@us.cdtechno-ncl.com


▲Up To Search▲   

 
Price & Availability of NMH0505D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X