Part Number Hot Search : 
FC130 APC78169 SB20100 M5454 1N4802A PKD43A SMDJ100 ADM691A
Product Description
Full Text Search
 

To Download MMBD4148W06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
MMBD4148W
Pb
SURFACE MOUNT FAST SWITCHING DIODE
Features
! ! ! ! !
High Conductance Fast Switching Surface Mount Package Ideally Suited for Automatic Insertion For General Purpose and Switching Plastic Material - UL Recognition Flammability Classification 94V-O A
L
B
C M E H D
Dim A B C D E G H J K L M SOT-323 Min Max 0.30 0.40 1.15 1.35 2.00 2.20 0.65 Nominal 0.30 0.40 1.20 1.40 1.80 2.20 -- 0.10 0.90 1.10 0.25 -- 0.05 0.15
Mechanical Data
! ! ! ! ! ! ! Case: SOT-323, Molded Plastic K Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 0.006 grams (approx.) Mounting Position: Any Marking: A2 Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4 J G
TOP VIEW
All Dimensions in mm
Maximum Ratings @TA=25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Peak Forward Surge Current (Note 1) Power Dissipation (Note 1) Typical Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 1.0s Symbol VRM VRRM VRWM VR IF IO IFSM Pd RJA Tj, TSTG Value 100 75 300 200 2.0 200 625 -65 to +150 Unit V V mA mA A mW C/W C
Electrical Characteristics @TA=25C unless otherwise specified
Characteristic Forward Voltage Reverse Leakage Current Junction Capacitance Reverse Recovery Time Symbol VF IR Cj trr Min -- -- -- -- -- Max 0.855 1.0 2.5 2.0 4.0 Unit V A pF nS Test Condition @ IF = 10mA @ IF = 50mA @ VR = 75V VR = 0V, f = 1.0MHz IF = IR = 10mA, IRR = 0.1 x IR, RL = 100
Note: 1. Device mounted on fiberglass substrate 40 x 40 x 1.5mm.
MMBD4148W
1 of 4
(c) 2006 Won-Top Electronics
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
10,000
IR, LEAKAGE CURRENT (nA)
100
1000
10
100
1.0
10
0.1
VR = 20V
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
1
0
100
200
Tj, JUNCTION TEMPERATURE (C) Fig. 2 Leakage Current vs Junction Temperature
MMBD4148W
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
0.035 (0.90)
A2
A2 = Device Code
0.035 (0.90)
0.075 (1.90)
0.028 (0.70)
0.025 (0.64)
inches(mm)
PACKAGING INFORMATION
TAPE & REEL
Inspection Hole Direction of Unreeling
4mm 178mm 8mm
4mm 8mm Product ID Label 1.6mm
Reel Diameter (mm) 178
Quantity (PCS) 3,000
Inner Box Size L x W x H (mm) 187 x 187 x 65
Quantity (PCS) 15,000
Carton Size L x W x H (mm) 390 x 240 x 420
Quantity (PCS) 150,000
Approx. Gross Weight (KG) 10.0
Note: 1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment. 2. Components are packed in accordance with EIA standard 481-1 and 481-2.
MMBD4148W
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
MMBD4148W-T1
1. 2.
Package Type
SOT-323
Shipping Quantity
3000/Tape & Reel
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, MMBD4148W-T1-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
MMBD4148W
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of MMBD4148W06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X