Part Number Hot Search : 
VSYTSF FA221 VJ1210Y8 FIN1025 T8502 FIN1025 12030 61005
Product Description
Full Text Search
 

To Download MCO-1500A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com TTL/HCMOS CRYSTAL OSCILLATORS
MCO-1500A / MCO-1500B (HALF SIZE)
SPECIFICATIONS
Model Package Frequency Range (Fo) Frequency Stability (f/fo) Operating TemperatureRange (TOPR) Storage TempRange (TOPR) Power Supply Voltage (Vdd) Aging (at25C ) 5Vdc0.5Vdc 5ppm/year Max. 1.000MHz to 23.999MHz 20mA Max. 24.000MHz to 50.000MHz 30mAMax. Supply Current (Idd) 50.000MHz to70.000MHz 40mA Max. 70.000MHz to100.000MHz 60mAMax Output Symmetry (At50% Vdd) Rise and Fall Time(Tr,Tf) 10% to 90% of Waveform W/Hcmos Load Output Voltage Logic High(Voh) Output Voltage Logic Low(Vol) 4.5V min 0.5Vdc max 1.000MHz to 23.999MHz 10mA Max. 24.000MHz to 50.000MHz 20mA Max. MCO-1500A 8Pin Dip(Half Size) 1.000MHz to 100.000MHz MCO-1500B 8Pin Dip(Half Size) 1.000MHz to70.000MHz
A=25ppm,B=50ppm,C=100ppm 0C to 70C,-40C to 85C(Available) -55C to 125C 3.3Vdc0.3Vdc
40 to 60%Normal,45 to 55%Tight
5ns Max.
2.7Vdc minimum 0.4Vdc max
Output Load
pin 1 Tri-Stateri Input Voltage
2TTL Load or 15pF 1.000MHz 10TTL Load or 50pF 1.000MHz HCMOS Load to 40.000MHz to 24.000MHz HCMOS Load Max 40.000MHz to 10TTL Load or 15pF 24.000MHz 15pFHCMOSLoadMax HCMOS Load 1000.000MHz to70.000MHz No Connection to No Connection Enables Output Vih Vih 2.2V dc Minimum to Enable Output 0.8Vdc Max.to disable Out@ut
DIMENSIONS
TEL: +86-755-83476790
FAX: +86-755-83383601
E-mail: szglt@public.szptt.net.cn
Http//www.szgreat.com


▲Up To Search▲   

 
Price & Availability of MCO-1500A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X