Part Number Hot Search : 
E003750 1803DFX CLT130 C4382 FDN336P 1N6340 C5750X7 PB0126SS
Product Description
Full Text Search
 

To Download JCS10N60BT-O-B-N-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
N N-CHANNEL MOSFET
JCS10N60BT
MAIN CHARACTERISTICS
Package
ID VDSS Rdson @Vgs=10V Qg
UPS
9.5 A 600 V 0.75 34 nC
APPLICATIONS
High efficiency switch mode power supplies Electronic lamp ballasts based on half bridge UPS FEATURES Low gate charge Low Crss (typical20pF ) Fast switching 100% avalanche tested Improved dv/dt capability RoHS product
Crss ( 20pF) dv/dt RoHS
ORDER MESSAGE
Order codes JCS10N60BT-O-B-N-B Halogen Free NO Device Weight 1.71 g(typ) Marking JCS10N60BT Package TO-262 Packaging Tube
201012A
1/9
R
JCS10N60BT
ABSOLUTE RATINGS (Tc=25)
Unit V A A A V mJ A mJ V/ns W Value JCS10N60BT 600 9.5* 6.0* 40* 30 713 9.5 17.8 4.5 178
Parameter Drain-Source Voltage Drain Current
Symbol VDSS ID T=25 T=100 IDM VGSS
-continuous
1 Drain Current - pulse note 1 Gate-Source Voltage
2 EAS Single Pulsed Avalanche Energy note 2 1 Avalanche Currentnote 1 1 Repetitive Avalanche Currentnote 1 IAR EAR
3 dv/dt Peak Diode Recovery dv/dtnote 3 PD TC=25 -Derate above 25 TJTSTG
Power Dissipation
1.43
W/
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purposes
-55+150
TL
300
* *Drain current limited by maximum junction temperature
201012A
2/9
R
JCS10N60BT
Tests conditions Min Parameter Symbol Typ Max Units
ELECTRICAL CHARACTERISTICS
Off -Characteristics Drain-Source Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-body leakage current, forward Gate-body leakage current, reverse On-Characteristics Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Dynamic Characteristics Input capacitance Output capacitance Reverse transfer capacitance Ciss Coss Crss VDS=25V, VGS =0V, f=1.0MHZ 1610 2065 156 20 210 26 pF pF pF VGS(th) VDS = VGS , ID=250A 3.0 5.0 V BVDSS ID=250A, VGS=0V 600 V
BVDSS/ ID=250A, referenced to 25 TJ VDS=600V,VGS=0V, TC=25 VDS=480V, IGSSF VDS=0V, TC=125
-
0.68
-
V/
IDSS
-
-
1 10 100
A A nA
VGS =30V
IGSSR
VDS=0V,
VGS =-30V
-
-
-100
nA
RDS(ON)
VGS =10V , ID=4.75A VDS = 40V, ID=4.75Anote 4
-
0.66 0.75
gfs
-
8.2
-
S
201012A
3/9
R
JCS10N60BT
td(on) tr td(off) tf Qg Qgs Qgd VDS =480V , ID=9.5A VGS =10V note 45 VDD=300V,ID=9.5A,RG=25 note 45 68 91 ns ns ns ns nC nC nC
ELECTRICAL CHARACTERISTICS
Switching Characteristics Turn-On delay time Turn-On rise time Turn-Off delay time Turn-Off Fall time Total Gate Charge Gate-Source charge Gate-Drain charge 109 150 214 300 85 165 34 6.9 12 45 -
Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain -Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Reverse recovery time Reverse recovery charge VSD IS 9.5 A
ISM
-
-
38
A
VGS=0V,
IS=9.5A
-
1.05
-
V
trr Qrr
VGS=0V, IS=9.5A (note 4) dIF/dt=100A/s
-
425 4.31
-
ns C
THERMAL CHARACTERISTIC
Max JCS10N60BT 0.7 62.5 Parameter Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
1 2L=14.2mH, IAS=9.5A, VDD=50V, RG=25 , TJ=25 3ISD 10A,di/dt 300A/s,VDDBVDSS, TJ=25 4300s,2 5
Symbol Rth(j-c) Rth(j-A)
Unit /W /W
Notes: 1 Pulse width limited by maximum junction temperature 2L=14.2mH, IAS=9.5A, VDD=50V, RG=25 ,Starting TJ=25 3 ISD 10A,di/dt 300A/s,VDDBVDSS, Starting TJ=25 4Pulse TestPulse Width 300s,Duty Cycle2 5Essentially independent of operating temperature
201012A
4/9
R
JCS10N60BT
ELECTRICAL CHARACTERISTICS (curves) Transfer Characteristics
On-Region Characteristics
VGS 15V 10V 9V 8V 7V 6.5V 6V 5.5V Bottom 5V Top
10
25
10
ID [A]
ID [A]
150
1
1
Notes 1. 250s pulse test 2. TC=25
0.1
Notes 1.250s pulse test 2.VDS=40V
2 4 6 8 10
1
10
VDS [V]
VGS [V]
On-Resistance Variation vs. Drain Current and Gate Voltage
1.00 0.95
Body Diode Forward Voltage Variation vs. Source Current and Temperature
10
0.90
RDS(on) [ ]
IDR [A]
0.85 0.80 0.75 0.70 0.65 0.60
VGS=10V
25
1
VGS=20V
150
Note Tj=25
0 2 4 6 8 10 12 14 16 18
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
Notes 1. 250s pulse test 2. VGS=0V
1.0 1.1 1.2 1.3
ID [A]
VSD [V]
Capacitance Characteristics
12
Gate Charge Characteristics
VDS=480V
10
VDS=300V VDS=120V
VGS Gate Source Voltage[V]
8
6
4
2
0
0
10
20
30
40
Qg Toltal Gate Charge [nC]
201012A
5/9
R
JCS10N60BT
On-Resistance Variation vs. Temperature
4.0 3.5
ELECTRICAL CHARACTERISTICS (curves) Breakdown Voltage Variation vs. Temperature
1.2
BVDS(Normalized)
1.1
3.0
RD(on)(Normalized)
2.5 2.0 1.5 1.0 0.5 0.0 -75
1.0
0.9
Notes 1. VGS=0V 2. ID=250A
-50 -25 0 25 50 75 100 125 150
Notes 1. VGS=10V 2. ID=5A
-50 -25 0 25 50 75 100 125 150
0.8 -75
T j [ ]
Tj [ ]
Maximum Safe Operating Area For JCS10N60BT
10
2
Operation in This Area is Limited by RDS(ON)
10s 100s
ID Drain Current [A]
10
1
1ms 10ms
10
0
10
-1
Note: 1 TC=25 2 TJ=150 3 Single Pulse
0
100ms DC
10
VDS Drain-Source Voltage [V]
10
1
10
2
10
3
Maximum Drain Current vs. Case Temperature
10
ID Drain Current [A]
8
6
4
2
0 25
50
75
100
125
150
TC Case Temperature []
201012A
6/9
R
JCS10N60BT
Transient Thermal Response Curve For JCS10N60BT
D = 0 .5
ELECTRICAL CHARACTERISTICS (curves)
(t) Thermal Response
1
0 .2 0 .1 0 .0 5 0 .0 2 0 .0 1
N 1 2 3 o te s : Z J C (t)= 0 .7 /W M a x D u ty F a c to r , D = t1 /t2 T J M -T c = P D M * Z J C(t)
0 .1
JC
P
Z
DM
0 .0 1
s in g le p u ls e
t1 t2
1 E -5
1 E -4
1 E -3
0 .0 1
0 .1
1
10
t1 S q u a r e W a v e P u ls e D u r a tio n [s e c ]
201012A
7/9
R
JCS10N60BT
Unitmm
PACKAGE MECHANICAL DATA TO-262
201012A
8/9
R
JCS10N60BT
1. 2.
NOTE
1. Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice.
3. 4.
99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel 86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533
201012A
9/9


▲Up To Search▲   

 
Price & Availability of JCS10N60BT-O-B-N-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X