Part Number Hot Search : 
4ACT2 PTVS12V HCS40 HCS40 425FX6FM EL5325A TS612 CG2800
Product Description
Full Text Search
 

To Download IRF530L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91352A
IRF530NS/L
HEXFET(R) Power MOSFET
l l l l l l
Advanced Process Technology Surface Mount (IRF530NS) Low-profile through-hole (IRF530NL) 175C Operating Temperature Fast Switching Fully Avalanche Rated
D
VDSS =100V
G S
RDS(on) = 0.11 ID = 17A
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRF530NL) is available for low-profile applications.
D 2 P ak
T O -2 6 2
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current*9.0 Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
17 12 60 3.8 79 0.53 20 150 A 7.9 5.0 -55 to + 175 300 (1.6mm from case )
Units
A W W W/C V mJ mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient ( PCB Mounted,steady-state)**
Typ.
--- ---
Max.
1.9 40
Units
C/W
www.irf.com
1
5/13/98
IRF530NS/L
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage DV(BR)DSS/DTJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage gfs Forward Transconductance V(BR)DSS IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LS Ciss Coss Crss Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 100 --- --- 2.0 6.4 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 0.12 --- --- --- --- --- --- --- --- --- --- 6.4 27 37 25 Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.11 VGS = 10V, ID = 9.0A 4.0 V VDS = VGS, ID = 250A --- S VDS = 50V, ID = 9.0A 25 VDS = 100V, VGS = 0V A 250 VDS = 80V, VGS = 0V, T J = 150C 100 VGS = 20V nA -100 VGS = -20V 44 ID = 9.0A 6.2 nC VDS = 80V 21 VGS = 10V, See Fig. 6 and 13 --- VDD = 50V --- ID = 9.0A ns --- RG = 12 --- RD = 5.5, See Fig. 10 Between lead, 7.5 --- nH and center of die contact 640 --- VGS = 0V 160 --- pF VDS = 25V 88 --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 17 showing the A G integral reverse --- --- 60 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 9.0A, VGS = 0V --- 130 190 ns TJ = 25C, I F = 9.0A --- 650 970 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Pulse width 300s; duty cycle 2%.
Uses IRF530N data and test conditions
Starting TJ = 25C, L = 3.1mH
RG = 25W, IAS = 9.0A. (See Figure 12)
ISD 9.0A, di/dt 180A/s, VDD V(BR)DSS,
TJ 175C ** When mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended soldering techniques refer to application note #AN-994.
2
www.irf.com
IRF530NS/L
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
I , D rain-to-S ource C urrent (A ) D
10
I , D rain-to-S ource C urrent (A ) D
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
10
4 .5 V
4.5 V
1 0.1 1
20 s P U LS E W ID TH T J = 2 5C
10 100
A
1 0.1 1
2 0 s P U L S E W ID T H T J = 17 5C
10 100
A
V D S , D rain-to-S ourc e V oltage (V )
V DS , D rain-to-S ource V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
3.0
R D S (on ) , D rain-to-S ource O n R esistance (N orm alized)
I D = 1 5A
I D , D rain-to-So urce C urren t (A )
2.5
T J = 2 5 C T J = 1 75 C
2.0
10
1.5
1.0
0.5
1 4 5 6 7
V DS = 5 0V 2 0 s P U L S E W ID TH
8 9 10
A
0.0 -60 -40 -20 0 20 40 60 80
V G S = 10 V
100 120 140 160 180
A
V G S , G ate-to -So urce Voltag e (V)
T J , Junction T em perature (C )
Fig 3. Typical Transfer Characteristics
www.irf.com
Fig 4. Normalized On-Resistance Vs. Temperature
3
IRF530NS/L
1200
1000
C , Capacitance (pF)
C iss
800
600
C oss
400
V G S , G ate-to-S ource V oltage (V )
V GS C iss C rs s C o ss
= = = =
0V , f = 1MHz C g s + C g d , C d s S H O R TE D C gd C ds + C g d
20
I D = 9.0 A V D S = 80 V V D S = 50 V V D S = 20 V
16
12
8
C rss
200
4
0 1 10 100
A
0 0 5 10 15 20
FO R TE S T C IR C U IT S E E FIG U R E 1 3
25 30 35 40 45
A
V D S , D rain-to-S ourc e V oltage (V )
Q G , T otal G ate C harge (nC )
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
I S D , Reverse D rain C urrent (A)
O P E R A T IO N IN T H IS A R E A L IM ITE D B Y R D S (o n)
I D , D rain Current (A )
100
T J = 1 75 C
10
10 s
T J = 25 C
10
100 s
1 0.4 0.6 0.8 1.0 1.2
V G S = 0V
1.4
A
1 1
T C = 25 C T J = 17 5C S ing le P u lse
10
1m s 10m s 100
1.6
A
1000
V S D , S ourc e-to-D rain V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 7. Typical Source-Drain Diode Forward Voltage
4
Fig 8. Maximum Safe Operating Area
www.irf.com
IRF530NS/L
VDS
20
RD
VGS RG
D.U.T.
+
I D , Drain Current (A)
15
-VDD
10V
Pulse Width 1 s Duty Factor 0.1 %
10
Fig 10a. Switching Time Test Circuit
5
VDS 90%
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
10
Fig 10b. Switching Time Waveforms
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 0.05 P DM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.1
0.02 0.01
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com 5
IRF530NS/L
L
E A S , S ingle P ulse A valanche E nergy (m J)
VDS D.U.T. RG + V - DD
10 V
350
TO P
300
B O TTO M
250
ID 3.7 A 6.4A 9 .0 A
IAS tp
0.01
200
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp VDD VDS
150
100
50
0
V D D = 25 V
25 50 75 100 125 150
A
175
S tarting T J , J unc tion T em perature (C )
IAS
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
IG
ID
Charge
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRF530NS/L
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com 7
IRF530NS/L
D2Pak Package Outline
1 0.54 (.4 15) 1 0.29 (.4 05) 1.4 0 (.055 ) M AX. -A2
4.69 (.1 85) 4.20 (.1 65)
-B 1.3 2 (.05 2) 1.2 2 (.04 8)
1 0.16 (.4 00 ) RE F.
6.47 (.2 55 ) 6.18 (.2 43 ) 15 .4 9 (.6 10) 14 .7 3 (.5 80) 5 .28 (.20 8) 4 .78 (.18 8) 2.7 9 (.110 ) 2.2 9 (.090 ) 2.61 (.1 03 ) 2.32 (.0 91 ) 1.3 9 (.0 5 5) 1.1 4 (.0 4 5) 8.8 9 (.3 50 ) R E F.
1.7 8 (.07 0) 1.2 7 (.05 0)
1
3
3X
1.40 (.0 55) 1.14 (.0 45) 3X 5 .08 (.20 0)
0 .93 (.03 7 ) 0 .69 (.02 7 ) 0 .25 (.01 0 ) M BAM
0.5 5 (.022 ) 0.4 6 (.018 )
M IN IM U M R E CO M M E ND E D F O O TP R IN T 1 1.43 (.4 50 )
NO TE S: 1 D IM EN S IO N S A FTER SO L D ER D IP. 2 D IM EN S IO N IN G & TO LE RA N C IN G PE R A N S I Y1 4.5M , 198 2. 3 C O N TRO L LIN G D IM EN SIO N : IN C H . 4 H E ATSINK & L EA D D IM EN S IO N S D O N O T IN C LU D E B UR R S.
LE A D A SS IG N M E N TS 1 - G A TE 2 - D R AIN 3 - S O U RC E
8.89 (.3 50 ) 17 .78 (.70 0)
3 .8 1 (.15 0) 2 .08 (.08 2) 2X 2.5 4 (.100 ) 2X
Part Marking Information
D2Pak
IN TE R N A TIO N A L R E C T IF IE R LO G O A S S E M B LY LO T C O D E
PART NUM BER F530S 9 24 6 9B 1M
A
DATE CODE (Y YW W ) YY = Y E A R W W = W EEK
8
www.irf.com
IRF530NS/L
Package Outline
TO-262 Outline
Part Marking Information
TO-262
www.irf.com
9
IRF530NS/L
Tape & Reel Information
D2Pak
TR R
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 4 .1 0 (.1 6 1 ) 3 .9 0 (.1 5 3 )
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 0 .3 6 8 (.0 1 4 5 ) 0 .3 4 2 (.0 1 3 5 )
F E E D D IRE CTIO N 1 .8 5 (.0 7 3 )
1 .6 5 (.0 6 5 )
1 1.6 0 (.4 57 ) 1 1.4 0 (.4 49 )
1 5.4 2 (.6 0 9 ) 1 5.2 2 (.6 0 1 )
2 4 .3 0 (.9 5 7 ) 2 3 .9 0 (.9 4 1 )
TR L
1 0.9 0 (.4 2 9 ) 1 0.7 0 (.4 2 1 ) 1 .7 5 (.0 6 9 ) 1 .2 5 (.0 4 9 ) 1 6 .1 0 (.6 3 4 ) 1 5 .9 0 (.6 2 6 ) 4 .7 2 (.1 3 6) 4 .5 2 (.1 7 8)
F E E D D IRE CTIO N
13 .5 0 (.53 2) 12 .8 0 (.50 4)
27 .40 (1.0 79) 23 .90 (.94 1)
4
3 30 .0 0 (14.1 73) MAX.
60.00 (2.3 62) M IN .
NO TES : 1. C O M F O R M S T O E IA-4 18. 2. C O N TR O LL IN G D IM E N S IO N : M IL LIM E T E R . 3. D IM E N S IO N M E A SU R E D @ H U B . 4. IN C LU D E S F L AN G E D IS T O R T IO N @ O U TE R E D G E.
26 .40 (1 .03 9) 24 .40 (.9 61 ) 3
30 .40 (1.19 7) MAX. 4
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 5/98
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF530L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X