Part Number Hot Search : 
00SCM 00SCM EW6018 HV552207 5A372ML 4VHCT1 106KA AM504
Product Description
Full Text Search
 

To Download IL766-1X007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
IL766/ ILD766
Vishay Semiconductors
Optocoupler, Photodarlington Output, AC Input, Internal RBE
A/C 1 C/A 2 NC 3
6B 5C 4E
Features
* * * * * * * Internal RBE for Better Stability BVCEO > 60 V AC or Polarity Insensitive Inputs Built-In Reverse Polarity Input Protection Industry Standard DIP Package Lead-free component Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
A/C 1 C/A 2 A/C 3 C/A 4
i179039
8E 7C 6C 5E
e3
Agency Approvals
* UL1577, File No. E52744 System Code H or J, Double Protection * CSA 93751 * BSI IEC60950 IEC60065
Pb
Pb-free
The IL766 is single channel optocouplers. The ILD766 has two isolated channels in a single DIP package.
Order Information
Part Remarks CTR > 500 @ IF = 2.0 mA, DIP-8 CTR > 500 @ IF = 1.0 mA, DIP-8 CTR > 500 @ IF = 2.0 mA, DIP-6 CTR > 500 @ IF = 1.0 mA, DIP-6 CTR > 500 @ IF = 2.0 mA, SMD-6 (option 7) ILD766-1 ILD766-2 IL766-1 IL766-2 IL766-1X007
Applications
Designed for applications requiring detection or monitoring of AC signals.
Description
The IL766/ ILD766 are bidirectional input optically coupled isolators. They consist of two Gallium Arsenide infrared emitting diodes coupled to a silicon NPN photodarlington per channel.
For additional information on the available options refer to Option Information.
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Each Channel Parameter Forward continuous current Power dissipation, single channel Power dissipation, dual channel Derate linearly from 25 C, single channel Derate linearly from 25 C, dual channel Test condition Symbol IF Pdiss Pdiss Value 60 200 90 2.6 1.2 Unit mA mW mW mW/C mW/C
Document Number 83643 Rev. 1.4, 26-Oct-04
www.vishay.com 1
IL766/ ILD766
Vishay Semiconductors Output
Each Channel Parameter Collector-emitter breakdown voltage Collector-base breakdown voltage Power dissipation Derate linearly from 25 C Test condition Symbol BVCEO BVCBO Pdiss Value 60 70 100 1.33
VISHAY
Unit V V mW mW/C
Coupler
Parameter Isolation test voltage Isolation resistance Test condition t = 1.0 sec. Tamb = 25 C Tamb = 100 C Total power dissipation (LED plus detector), single channel Total power dissipation (LED plus detector), dual channel Derate linearly from 25 C, single channel Derate linearly from 25 C, dual channel Creepage Clearance Comparative tracking index per DIN IEC 112/VDE0303, part 1 Storage temperature Operating temperature Lead soldering time at 260 C Tstg Tamb Tsld Symbol VISO RIO RIO Ptot Ptot Value 5300 1012 1011 250 400 3.3 5.3 7.0 7.0 175 - 55 to + 150 - 55 to +100 10 C C sec. Unit VRMS mW mW mW/C mW/C mm mm
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter Forward voltage Test condition IF = 10 mA Symbol VF Min Typ. 1.2 Max 1.5 Unit V
Output
Parameter Collector-emitter breakdown voltage Collector-base breakdown voltage Collector-emitter leakage current Test condition IC = 1.0 mA IC = 10 A VCE = 10 V Symbol BVCEO BVCBO ICEO Min 60 60 Typ. 75 90 10 100 Max Unit V V nA
Coupler
Parameter Saturation voltage, collector-emitter Test condition IF = 10 mA, IC = 10 mA Symbol VCEsat Min Typ. Max 1.0 Unit V
www.vishay.com 2
Document Number 83643 Rev. 1.4, 26-Oct-04
VISHAY
Current Transfer Ratio
Parameter DC Current Transfer Ratio Test condition VCE = 5.0 V, IF = 2.0 mA, Symbol CTRDC Min 500
IL766/ ILD766
Vishay Semiconductors
Typ.
Max
Unit %
Switching Characteristics
Parameter Rise time, fall time Test condition VCC = 10 V, IF = 2.0 mA, RL = 100 Symbol tr , tf Min Typ. 100 Max Unit s
Typical Characteristics (Tamb = 25 C unless otherwise specified)
60
IC Collector Current (mA) Input Current - IF (mA)
200 180 160 140 120 100 80 60 40 20 0 0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VCE Collector Voltage (V)
40 20 0 -20 -40 -60 -2.0
iil766_01
-1.0 0 Input Voltage - VF (V)
1.0
2.0
iil766_03
iil766_03
Figure 1. Input Characteristics
Figure 3. Transistor Output Current vs. Voltage
100 90
IC Collector Current (mA) ID Dark Current (nA)
10
4
80 70 60 50 40 30 20 10 0
3 10 10 2
10 1 1
0
10
il766_02
iil766_02
20 30 40 50 60 70 80 Collector Voltage (V)
90 100
l766_04
0
25
50
75
100
125
iil766_04
Temperature (C)
Figure 2. Transistor Current vs. Voltage
Figure 4. ICEO at VCE = 10 V vs. Temperature
Document Number 83643 Rev. 1.4, 26-Oct-04
www.vishay.com 3
IL766/ ILD766
Vishay Semiconductors
VISHAY
10
NCTRce - Normalized CTR
600 Normalized @ I F = 10 mA TA = 25C 500 V CE = 5 V
Tfall (s)
R L = 10k
1
400 300 200
.1 V CE = 1 V
R L = 1k 100 0
.01 .1
iil766_05
1
10
100
iil766_08
1 I F - LED Current - mA
10
I F - LED Current - mA
Figure 5. Normalized CTR vs. Forward Current
Figure 8. tfall vs. Forward Current
30
20 R L = 1k
Trise (s)
20
RL = 1k
Tphl (s)
10 R L = 10k
10
RL = 10k
.0 1
iil766_06
0
10 IF - LED Current - mA
Figure 6. tr vs. Forward Current
iil766_09
1
I F - LED Current - mA
10
Figure 9. ton vs. Forward Current
700 600
IF VCC =10 V
R L = 10k 500
Toff (s)
VO
tD tR tPLH VTH=1.5 V tF
F=10 KHz, RL DF=50% VO
400 300 200 100 0 R L = 1k
IF =2 mA
tPHL
tS
iil766_07 iil766_10
1
I F - LED Current - mA
10
Figure 7. Saturated Switching Characteristics MeasurementsSchematic and Waveform
Figure 10. toff vs. Forward Current
www.vishay.com 4
Document Number 83643 Rev. 1.4, 26-Oct-04
VISHAY
IL766/ ILD766
Vishay Semiconductors
30
400
R L = 1k
Tplh (s)
300 R L = 10k 200
20
Ton (s)
R L = 10k 10
100 R L = 1k 0 1
iil766_11
0 10 I F - LED Current - mA
iil766_12
1
I F - LED Current - mA
10
Figure 11. tphl vs. Forward Current
Figure 12. tplh vs. Forward Current
Package Dimensions in Inches (mm)
pin one ID
3 .248 (6.30) .256 (6.50) 4
2
1
5
6
ISO Method A
.335 (8.50) .343 (8.70) .039 (1.00) Min. 4 typ. .018 (0.45) .022 (0.55)
i178004
.048 (0.45) .022 (0.55) .130 (3.30) .150 (3.81)
.300 (7.62) typ.
18 .031 (0.80) min. .031 (0.80) .035 (0.90) .100 (2.54) typ. 3-9 .010 (.25) typ. .300-.347 (7.62-8.81)
.114 (2.90) .130 (3.0)
Document Number 83643 Rev. 1.4, 26-Oct-04
www.vishay.com 5
IL766/ ILD766
Vishay Semiconductors Package Dimensions in Inches (mm)
pin one ID 4 .255 (6.48) .268 (6.81) 5 6 7 8
ISO Method A
VISHAY
3
2
1
.379 (9.63) .390 (9.91) .030 (0.76) .045 (1.14) 4 typ. .031 (0.79) .130 (3.30) .150 (3.81) .050 (1.27) .018 (.46) .022 (.56)
i178006
.300 (7.62) typ.
10 .020 (.51 ) .035 (.89 ) .100 (2.54) typ. 3-9 .008 (.20) .012 (.30)
.230(5.84) .110 (2.79) .250(6.35) .130 (3.30)
Option 7
.300 (7.62) TYP . .255 (6.5) .248 (6.3) .028 (0.7) MIN.
.180 (4.6) .160 (4.1) .315 (8.0) MIN. .331 (8.4) MIN. .406 (10.3) MAX.
18447
www.vishay.com 6
Document Number 83643 Rev. 1.4, 26-Oct-04
VISHAY
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
IL766/ ILD766
Vishay Semiconductors
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
Document Number 83643 Rev. 1.4, 26-Oct-04
www.vishay.com 7


▲Up To Search▲   

 
Price & Availability of IL766-1X007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X