Part Number Hot Search : 
KBJ6J 1010A CEE125 HMC55010 Z8D64U 1N4148 KS0678 T24C0
Product Description
Full Text Search
 

To Download HYB25L128160AC-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HYB/E 25L128160AC 128-MBit Mobile-RAM
128-MBit Synchronous Low-Power DRAM in Chipsize Packages Datasheet (Rev. 2003-02)
High Performance:
* Automatic and Controlled Precharge Command -8 125 8 6 9.5 6 Units MHz ns ns ns ns * Programmable Burst Length: 1, 2, 4, 8 and full page * Programmable Power Reduction Feature by partial array activation during Self-Refresh * Data Mask for byte control * Auto Refresh (CBR) * 4096 Refresh Cycles / 64ms * Self Refresh with programmble refresh period * Power Down and Clock Suspend Mode * Random Column Address every CLK (1-N Rule) * 54-FBGA , with 9 x 6 ball array with 3 depopulated rows, 9 x 8 mm * Operating Temperature Range Commerical ( 00 to 700C) Extended ( -25oC to +85oC)
-7.5
fCK,MAX tCK3,MIN tAC3,MAX tCK2,MIN tAC2,MAX
133 7.5 5.4 9.5 6
* 8Mbit x 16 organisation * VDD = 2.5V, VDDQ = 1.8V / 2.5V * Fully Synchronous to Positive Clock Edge * Four Banks controlled by BA0 & BA1 * Programmable CAS Latency: 1, 2, 3 * Programmable Wrap Sequence: Sequential or Interleave * Deep Power Down Mode
The HYB/E 25L128160AC Mobile-RAMs are a new generation of low power, four bank Synchronous DRAM's organized as 4 banks x 2Mbit x16 with additional features for mobile applications. These synchronous Mobile-RAMs achieve high speed data transfer rates by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock. The chip is fabricated using the Infineon advanced process technology. The device adds new features to the industry standards set for synchronous DRAM products. Parts of the memory array can be selected for Self-Refresh and the refresh period during SelfRefresh is programmable in 4 steps which drastically reduces the self refresh current, depending on the case temperature of the components in the system application. In addition a "Deep Power Down Mode" is available. Operating the four memory banks in an interleave fashion allows random access operation to occur at higher rate. A sequential and gapless data rate is possible depending on burst length, CAS latency and speed grade of the device. The device operates from a 2.5V power supply for the core and 1.8V for the bus interface. The Mobile-RAM is housed in a FBGA "chip-size" package. The Mobile-RAM is available in the commercial (00 to 700C) and Extended ( -25oC to +85oC) temperature range.
INFINEON Technologies
1
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
Ordering Information Type HYB 25L128160AC-7.5 HYB 25L128160AC-8 HYE 25L128160AC-7.5 HYE 25L128160AC-8 Function Code Package PC133-333-522 BGA-BOC PC100-222-620 BGA-BOC PC133-333-522 BGA-BOC PC100-222-620 BGA-BOC Description
133 MHz 4B x 2M x16 LP-SDRAM 100 MHz 4B x 2M x16 LP-SDRAM 133 MHz 4B x 2M x16 LP-SDRAM 100 MHz 4B x 2M x16 LP-SDRAM
Commercial temperature range:
Extended temperature range:
Pin Definitions and Functions
CLK CKE CS RAS CAS WE A0 - A11, A0 - A8 BA0, BA1
Clock Input Clock Enable Chip Select Row Address Strobe Column Address Strobe Write Enable Row Addresses Column Addresses Bank Select
DQ LDQM, UDQM
Data Input/Output Data Mask Power (+ 2.5V) Ground Power for DQ's (+1.8 V) Ground for DQ's Not connected
9DD 9SS 9DDQ 9SSQ
N.C.
INFINEON Technologies
2
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
Pin Configuration for x16 devices:
1
2
3 A B C D E F G H J
7
8
9 VDD DQ1 DQ3 DQ5
VSS DQ15 VSSQ DQ14 DQ13 VDDQ DQ12 DQ11 VSSQ DQ10 DQ9 VDDQ DQ8 NC VSS CKE A9 A6 A4
VDDQ DQ0 VSSQ DQ2 VDDQ DQ4 VSSQ DQ6
VDD LDQM DQ7 CAS BA0 A0 A3 RAS BA1 A1 A2 WE CS A10 VDD
UDQM CLK NC A8 VSS A11 A7 A5
< Top-view >
INFINEON Technologies
3
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
Functional Block Diagrams
Column Addresses A0 - A8, AP, BA0, BA1
Row Addresses A0 - A11, BA0, BA1
Column Address Counter
Column Address Buffer
Row Address Buffer
Refresh Counter
Row Decoder
Row Decoder
Row Decoder
Row Decoder
Column Decoder Sense amplifier & I(O) Bus
Column Decoder Sense amplifier & I(O) Bus
Column Decoder Sense amplifier & I(O) Bus
Memory Array
Memory Array
Memory Array
Column Decoder Sense amplifier & I(O) Bus
Memory Array
Bank 0 4096 x 512 x 16 Bit
Bank 1 4096 x 512 x 16 Bit
Bank 2 4096 x 512 x 16 Bit
Bank 3 4096 x 512 x 16 Bit
Input Buffer
Output Buffer
Control Logic & Timing Generator
DQ0 - DQ15
Block Diagram: 8Mb x16 SDRAM (12 / 9 / 2 addressing)
INFINEON Technologies
4
CLK CKE CS RAS CAS WE DQMU DQML
SPB04124
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
Signal Pin Description Pin CLK CKE Type Input Input Signal Polarity Function Pulse Level Positive The system clock input. All of the SDRAM inputs are Edge sampled on the rising edge of the clock. Active High Activates the CLK signal when high and deactivates the CLK signal when low, thereby initiates either the Power Down mode, Suspend mode, or the Self Refresh mode.
CS
Input
Pulse
Active Low
CS enables the command decoder when low and disables the command decoder when high. When the command decoder is disabled, new commands are ignored but previous operations continue. When sampled at the positive rising edge of the clock, CAS, RAS, and WE define the command to be executed by the SDRAM.
During a Bank Activate command cycle, A0 - A11 define the row address (RA0 - RA11) when sampled at the rising clock edge. During a Read or Write command cycle, A0-A8 define the column address (CA0 - CA8) when sampled at the rising clock edge. In addition to the column address, A10 (= AP) is used to invoke autoprecharge operation at the end of the burst read or write cycle. If A10 is high, autoprecharge is selected and BA0, BA1 defines the bank to be precharged. If A10 is low, autoprecharge is disabled. During a Precharge command cycle, A10 (= AP) is used in conjunction with BA0 and BA1 to control which bank(s) to precharge. If A10 is high, all four banks will be precharged regardless of the state of BA0 and BA1. If A10 is low, then BA0 and BA1 are used to define which bank to precharge.
RAS CAS WE
A0 - A11
Input
Pulse
Active Low
-
Input
Level
BA0, BA1 Input DQx
Level
- -
Bank Select Inputs. Selects which bank is to be active. Data Input/Output pins operate in the same manner as on conventional DRAMs.
Input Level Output
INFINEON Technologies
5
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
Pin LDQM UDQM,
Type Input
Signal Polarity Function Pulse Active High The Data Input/Output mask places the DQ buffers in a high impedance state when sampled high. In Read mode, DQM has a latency of two clock cycles and controls the output buffers like an output enable. In Write mode, DQMx has a latency of zero and operates as a word mask by allowing input data to be written if it is low but blocks the write operation if DQM is high. LDQM and UDQM controls the lower and upper bytes in x16 SDRAM. Power and ground for the input buffers and the core logic. Isolated power supply and ground for the output buffers to provide improved noise immunity.
VDD VSS VDDQ VSSQ
Supply - Supply -
- -
INFINEON Technologies
6
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
Operation Definition
All of SDRAM operations are defined by states of control signals CS, RAS, CAS, WE, and DQMx at the positive edge of the clock. The following list shows the truth table for the operation commands.
2SHUDWLRQ
Bank Active Bank Precharge Precharge All Write Write with Autoprecharge Read Read with Autoprecharge Mode Register Set No Operation Burst Stop Device Deselect Auto Refresh Self Refresh Entry Self Refresh Exit
Device State Idle3 Any Any Active3 Active3 Active3 Active3 Idle Any Active Any Idle Idle Idle (Self Refr.) Idle
CKE n-1 H H H H H H H H H H H H H L
CKE n X X X X X X X X X X X H L H
DQM X X X X X X X X X X X X X X
BA0 BA1 V V X V V V V V X X X X X X
AP= A10 V L H L H L H V X X X X X X
Addr V X X V V V V V X X X X X X
CS L L L L L L L L L L H L L H L H
RAS L L L H H H H L H H X L L X H X H
X H X X H X
CAS H H H L L L L L H H X L L X H X H
X H X X H X
WE H L L L L H H L H L X H H X X X H
X L X X L X
Power Down Entry (Precharge or active standby)
Power Down Exit
H Active4
Any (Power Down) Active L H H H L
L
X
X
X
X L
H
H X X L H
X L H X X
X X X X X
X X X X X
X X X X X
L X X L X
Data Write/Output Enable
Data Write/Output Disable Active Deep Power Down Entry Deep Power Down Exit Idle Deep5 Power Down
Notes:
1. V = Valid, x = Don't Care, L = Low Level, H = High Level. 2. CKEn signal is input level when commands are provided, CKEn-1 signal is input level one clock before the commands are provided. 3. This is the state of the banks designated by BA0, BA1 signals. 4. Power Down Mode can not entry in the burst cycle. Address Input for Mode Set (Mode Register Operation) 5. After Deep Power Down mode exit a full new initialisation of the memory device is mandatory.
INFINEON Technologies
7
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
BA1 BA0 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0 Address Bus (Ax)
0*)
0*)
Operation Mode
CAS Latency
BT
Burst Length
Mode Register (Mx)
Operation Mode BA1 BA0 M11 M10 M9 0 0 0 0 0 0 0 0 0 1 M8 M7 0 0 0 0 Mode Burst Read/ Burst Write Burst Read/ Single Write
Burst Type M3 0 1 T ype Sequential Interleave
CAS Latency M6 0 0 0 0 1 1 1 1 M5 0 0 1 1 0 0 1 1 M4 0 1 0 1 0 1 0 1 Reserved Latency Reserved 1 2 3 Reserved
Burst Length M2 0 0 0 0 1 1 1 1 M1 0 0 1 1 0 0 1 1 M0 0 1 0 1 0 1 0 1 full page 1 2 4 8 Reserved Reserved Length Sequential Interleave 1 2 4 8
*) BA0 and BA1 must be 0, 0 to select the Mode Register (Vs. the Extended Mode Register)
HqrASrtvrAUhiyr
INFINEON Technologies
8
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
QrAPAhqADvvhyvhv
The default power on state of the mode register is supplier specific and may be undefined. The following power on and initialization sequence guarantees the device is preconditioned to each users specific needs. Like a conventional DRAM, the Synchronous DRAM must be powered up and initialized in a predefined manner. 9DD must be applied before or at the same time as 9DDQ to the specified voltage when the input signals are held in the "NOP" or "DESELECT" state. The power on voltage must not exceed 9DD + 0.3 V on any of the input pins or VDD supplies. The CLK signal must be started at the same time. After power on, an initial pause of 200 s is required followed by a precharge of all banks using the precharge command. To prevent data contention on the DQ bus during power on, it is required that the DQM and CKE pins be held high during the initial pause period. Once all banks have been precharged, the Mode Register Set Command must be issued to initialize the Mode Register. A minimum of eight Auto Refresh cycles (CBR) are also required.These may be done before or after programming the Mode Register. Failure to follow these steps may lead to unpredictable start-up modes.
QthvtAurAHqrASrtvr
The Mode Register designates the operation mode at the read or write cycle. This register is divided into 4 fields. A Burst Length Field to set the length of the burst, an Addressing Selection bit to program the column access sequence in a burst cycle (interleaved or sequential), a CAS Latency Field to set the access time at clock cycle and a Operation mode field to differentiate between normal operation (Burst read and burst write) and a special Burst Read and Single Write mode. The mode set operation must be done before any activate command after the initial power up. Any content of the mode register can be altered by re-executing the mode set command. All banks must be in precharged state and CKE must be high at least one clock before the mode set operation. After the mode register is set, a Standby or NOP command is required. Low signals of RAS, CAS, and WE at the positive edge of the clock activate the mode set operation. Address input data at this timing defines parameters to be set as shown in the previous table. BA0 and BA1 have to be set to "0" to enter the Mode Register.
@rqrqAHqrASrtvr
The Extended Mode Register controls functions beyond those controlled by the Mode Register. These additional functions are unique to Mobile RAMs and includes a Refresh Period field (TCR) for temperature compensated self-refresh and a Partial-Array Self Refresh field (PASR). The PASR field is used to specify whether only one quarter (bank 0), one half (banks 0 + 1) or all banks of the SDRAM array are enabled. Disabled banks will not be refreshed in Self-Refresh mode and written data will get lost. When only bank 0 is selected, it is possible to partially select only half or one quarter of bank 0. The TCR field has four entries to set Refresh Period during self-refresh depending on the case temperature of the Mobile RAM devices. The Extended Mode Register is programmed via the Mode Register Set command (with BA0 = 0 and BA1 = 1) and retains the stored information until it is programmed again or the device loses power. The Extended mode Register must be loaded when all banks are idle, and the controller must wait the specified time before initiating any subsequent operation. Violating either these requirements result in unspecified operation. Unused bit A5 to A11 have to be programmed to "0".
INFINEON Technologies
9
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
@rqrqAHqrASrtvrAUhiyr
BA1 BA0 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Bus (Ax)
1*)
0*)
all have to be set to "0"
TCR
PASR
Mode Register (Mx)
Temperature-Compensated Self-Refresh: max. case temp. 70 0C 45 0C 15 C 85 C
0 0
Partial-Array Self Refresh: M2 0 0 0 0 1 1 1 1 M1 0 0 1 1 0 0 1 1 M0 0 1 0 1 0 1 0 1 banks to be self-refreshed all banks 1/2 array (BA1=0) 1/4 array (BA1=0, BA0=0) Reserved Reserved 1/8 array (BA1=BA0=0, RA11=0) 1/16 array (BA1=BA0=0,
RA11=RA10=0)
M4 0 0 1 1
M3 0 1 0 1
Reserved
*)BA1 and BA0 must be 1, 0 to select the Extended Mode Register (Vs. the Mode Register)
SrhqAhqAXvrAPrhv
When RAS is low and both CAS and WE are high at the positive edge of the clock, a RAS cycle starts. According to address data, a word line of the selected bank is activated and all of sense amplifiers associated to the wordline are set. A CAS cycle is triggered by setting RAS high and CAS low at a clock timing after a necessary delay, WRCD, from the RAS timing. WE is used to define either a read (WE = H) or a write (WE = L) at this stage. SDRAM provides a wide variety of fast access modes. In a single CAS cycle, serial data read or write operations are allowed at up to a 133 MHz data rate. The numbers of serial data bits are the burst length programmed at the mode set operation, i.e., one of 1, 2, 4, 8 and full page. Column addresses are segmented by the burst length and serial data accesses are done within this boundary. The first column address to be accessed is supplied at the CAS timing and the subsequent addresses are generated automatically by the programmed burst length and its sequence. For example, in a burst length of 8 with interleave sequence, if the first address is `2', then the rest of the burst sequence is 3, 0, 1, 6, 7, 4, and 5. Full page burst operation is only possible using the sequential burst type and page length is a function of the I/O organisation and column addressing. Full page burst operation does not self terminate once the burst length has been reached. In other words, unlike burst length of 2, 4 and 8, full page burst continues until it is terminated using another command.
INFINEON Technologies
10
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
Similar to the page mode of conventional DRAM's, burst read or write accesses on any column address are possible once the RAS cycle latches the sense amplifiers. The maximum WRAS or the refresh interval time limits the number of random column accesses. A new burst access can be done even before the previous burst ends. The interrupt operation at every clock cycle is supported. When the previous burst is interrupted, the remaining addresses are overridden by the new address with the full burst length. An interrupt which accompanies an operation change from a read to a write is possible by exploiting DQM to avoid bus contention. When two or more banks are activated sequentially, interleaved bank read or write operations are possible. With the programmed burst length, alternate access and precharge operations on two or more banks can realize fast serial data access modes among many different pages. Once two or more banks are activated, column to column interleave operation can be performed between different pages. When the partial array activation is set, data will get lost when self-refresh is used in all non activated banks.
Burst Length and Sequence Burst Length 2 4 Starting Address (A2 A1 A0) xx0 xx1 x00 x01 x10 x11 000 001 010 011 100 101 110 111 nnn 0 1 2 3 4 5 6 7 1 2 3 4 5 6 7 0 2 3 4 5 6 7 0 1 Sequential Burst Addressing (decimal) 0, 1 1, 0 0, 1, 2, 3 1, 2, 3, 0 2, 3, 0, 1 3, 0, 1, 2 3 4 5 6 7 0 1 2 4 5 6 7 0 1 2 3 5 6 7 0 1 2 3 4 6 7 0 1 2 3 4 5 7 0 1 2 3 4 5 6 0 1 2 3 4 5 6 7 1 0 3 2 5 4 7 6 2 3 0 1 6 7 4 5 Interleave Burst Addressing (decimal) 0, 1 1, 0 0, 1, 2, 3 1, 0, 3, 2 2, 3, 0, 1 3, 2, 1, 0 3 2 1 0 7 6 5 4 4 5 6 7 0 1 2 3 5 4 7 6 1 0 3 2 6 7 4 5 2 3 0 1 7 6 5 4 3 2 1 0
8
Full Page
SrsruAHqr
Cn, Cn+1, Cn+2
not supported
Mobile-RAM has two refresh modes, Auto Refresh and Self Refresh.
6Srsru
Auto Refresh is similar to the CAS -before-RAS refresh of earlier DRAMs. All banks must be precharged before applying any refresh mode. An on-chip address counter increments the word and the bank addresses. No bank information is required for both refresh modes.
INFINEON Technologies
11
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
The chip enters the Auto Refresh mode, when RAS and CAS are held low and CKE and WE are held high at a clock edge. The mode restores word line after the refresh and no external precharge command is necessary. A minimum WRC time is required between two automatic refreshes in a burst refresh mode. The same rule applies to any access command after the automatic refresh operation. In Auto-Refresh mode all banks are refreshed, independendly of the fact that the partial array selfrefresh has been set or not.
TrysSrsru)
The chip has an on-chip timer that is used when the Self Refresh mode is entered. The self-refresh command is asserted with RAS, CAS, and CKE low and WE high at a clock edge. All external control signals including the clock are disabled. Returning CKE to high enables the clock and initiates the refresh exit operation. After the exit command, at least one WRC delay is required prior to any access command. Low Power SDRAMs have the possibility to program the refresh period of the on-chip timer with the use of an appropriate extended MRS command, depending on the maximum operation case temperature in the application. In partial array self-refresh mode only the selected banks will be refreshed. Data written to the non activated banks will get lost after a period defined by tref.
9RHAApv
DQMx has two functions for data I/O read and write operations. During reads, when it turns to "high" at a clock edge, data outputs are disabled and become high impedance after two clock periods (DQM Data Disable Latency WDQZ). It also provides a data mask function for writes. When DQM is activated, the write operation at the next clock is prohibited (DQM Write Mask Latency WDQW = zero clocks).
TrqAHqr
During normal access, CKE is held high enabling the clock. When CKE is low, it freezes the internal clock and extends data read and write operations. One clock delay is required for mode entry and exit (Clock Suspend Latency tCSL).
QrA9
In order to reduce standby power consumption, a power down mode is available. All banks must be precharged before the Mobile-RAM can enter the Power Down mode. Once the Power Down mode is initiated by holding CKE low, all receiver circuits except for CLK and CKE are gated off. The Power Down mode does not perform any refresh operations, therefore the device can't remain in Power Down mode longer than the Refresh period (WREF) of the device. Exit from this mode is performed by taking CKE "high". One clock delay is required for power down mode entry and exit.
9rrAQrA9AHqr
The Deep Power Down Mode is an unique function on Mobile RAMs with very low standby currents. All internal voltage generators inside the Mobile RAMs are stopped and all memory data is lost in this mode. To enter the Deep Power Down mode all banks must be precharged.
INFINEON Technologies
12
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
6AQrpuhtr
Two methods are available to precharge Mobile-RAMs. In an automatic precharge mode, the CAS timing accepts one extra address, CA10, to determine whether the chip restores or not after the operation. If CA10 is high when a Read Command is issued, the Read with Auto-Precharge function is initiated. If CA10 is high when a Write Command is issued, the Write with Auto-Precharge function is initiated. The Mobile-RAM automatically enters the precharge operation after WWR (Write recovery time) following the last data in.
QrpuhtrA8hq
There is also a separate precharge command available. When RAS and WE are low and CAS is high at a clock edge, it triggers the precharge operation. Three address bits, BA0, BA1 and A10 are used to define banks as shown in the following list. The precharge command can be imposed one clock before the last data out for CAS latency = 2 and two clocks before the last data out for CAS latency = 3. Writes require a time delay WWR from the last data out to apply the precharge command.
7hxATryrpvAiA6qqrA7v)
A10 0 0 0 0 1
BA0 0 0 1 1 x
BA1 0 1 0 1 x Bank 0 Bank 1 Bank 2 Bank 3 all Banks
7AUrvhv
Once a burst read or write operation has been initiated, there are several methods used to terminate the burst operation prematurely. These methods include using another Read or Write Command to interrupt an existing burst operation, using a Precharge Command to interrupt a burst cycle and close the active bank, or using the Burst Stop Command to terminate the existing burst operation but leave the bank open for future Read or Write Commands to the same page of the active bank. When interrupting a burst with another Read or Write Command care must be taken to avoid DQ contention. The Burst Stop Command, however, has the fewest restrictions making it the easiest method to use when terminating a burst operation before it has been completed. If a Burst Stop command is issued during a burst write operation, then any residual data from the burst write cycle will be ignored. Data that is presented on the DQ pins before the Burst Stop Command is registered will be written to the memory.
INFINEON Technologies
13
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
@yrpvphyA8uhhprvvp
6iyrAHhvAShvt
Operating Case Temperature Range (commercial).........................................................0 to + 70C Operating Case Temperature Range (extended) ........................................................ -25 to + 85C Storage Temperature Range ................................................................................... - 55 to + 150C Power Supply Voltage 9DD ...................................................................................... - 0.3 to + 3.6 V Power Dissipation .................................................................................................................... 0.7 W Data out Current (short circuit) ............................................................................................... 50 mA
Ir) TrrA hirA urA yvrqA qrA 6iyrA HhvA ShvtA hA phrA rhr qhhtrA sA urA qrvprA @rA A hiyrA hvA hvtA pqvvA sA rrqrq rvqAhAhssrpAqrvprAryvhivyvA
Input/Output Voltage ......................................................................................... - 0.3 to 9DD + 0.3 V
Recommended Operation and DC Characteristics TCASE = 0 to 70C (commercial) / -25 to 85oC (Extended); VSS = 0 V; VDD = 2.5 V nominal, VDDQ = 1.8V / 2.5V nominal Parameter DRAM Core Supply Voltage I/O Supply Voltage Input High Voltage (CMD, Addr.) Input Low Voltage (CMD, Addr.) Data Input High (Logic 1) Voltage Data Input Low (Logic 0) Voltage Data Output High (Logic 1) Voltage (IOH=-0.1mA) Date Output Low (Logic 0) Voltage (IOL=+0.1mA) Input Leakage Current, any input (0 V < VIN < VDDQ, all other inputs = 0 V) Output Leakage Current (DQ is disabled, 0 V < VOUT < VDD)
Ir
Symbol min.
Limit Values max. 2.9 2.9 2.3 1.65 0.8 x VDDQ - 0.3 0.8 x VDDQ - 0.3
Unit Notes V V V V V V V V
1, 2 1, 2
VDD VDDQ VIH VIL VIH VIL VOH VOL II(L) IO(L)
VDDQ + 0.3
+ 0.3
VDDQ + 0.3
+ 0.3 - 0.2 5 5
VDDQ - 0.2
- -5 -5
A A
1. All voltages are referenced to WSS. 2. WIH may overshoot to WDD + 0.8V for pulse width of < 4 ns with 2.5V.AWIL may undershoot to - 0.8 V for pulse width < 4.0 ns with 2.5V. Pulse width measured at 50% points with amplitude measured peak to DC reference.
INFINEON Technologies
14
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
Capacitance : TCASE = 0 to 70 C (commercial) / -25 to 85oC (Extended); VDD = 2.5 V nominal,VDDQ = 1.8 V nominal, f = 1 MHz Parameter Input Capacitance (CLK) Input Capacitance (A0 - A11, BA0, BA1, RAS, CAS, WE, CS, CKE, DQM) Input/Output Capacitance (DQ) Symbol Values min. max. 3.5 3.8 6.0 pF pF pF Unit
CI1 CI2 CIO
Operating Currents
TCASE = 0 to 70 C (commercial) / -25 to 85oC (Extended); VDD = 2.5 V nominal, VDDQ = 1.8 V nominal
(Recommended Operating Conditions unless otherwise noted) Parameter & Test Condition Operating current - Symb. -7.5 -8 Unit Note
ICC1
70 65 0.4 mA mA
tCK = tCK(MIN.)
one bank access Precharge standby current in Power Down Mode CS = VIH (MIN.), CKE VIL(MAX.) Precharge standby current in Non Power Down Mode CS = VIH (MIN.), CKE VIH(MIN.) No operating current tCK = min., CS = VIH (MIN.), active state (max. 4 banks) Burst Operating Current tCK = min Read command cycling Auto Refresh Current tCK = min, trc = trcmin. Auto Refresh command cycling Deep Power Down Mode Current
3,4
tCK = min
ICC2P
0.4
3
tCK = min
ICC2N
20
15
mA
3
CKE VIH(MIN.)
ICC3N
35 3
31 3
mA mA
3 3
CKE VIL(MAX.) ICC3P -
ICC4
70 60 150 mA mA
3,4
-
ICC5
160
ICC7
3
A
INFINEON Technologies
15
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
QthhiyrATrysSrsruA8r)
Parameter & Test Condition
Extended Mode Register M[4:3] Tcase [oC] 85oC max. 70oC max. 45 C max. 15oC max. 85oC max. 70 C max. 45oC max. 15oC max. 85 C max. 70oC max. 45 C max. 15oC max.
o o o o
Symb. max.
Unit
Note
Self Refresh Current Self Refresh Mode CKE = 0.2 V, tck=infinity, full array activations, all banks Self Refresh Current Self Refresh Mode CKE = 0.2 V, tck=infinity, half array activations, Bank 0 +1 Self Refresh Current Self Refresh Mode CKE = 0.2 V, tck=infinity, quarter array activation, Bank 0
ICC6
520 350 250 210
A A A A A A A A A A A A
ICC6
380 250 180 160
ICC6
270 180 130 120
Ir)
3. These parameters depend on the frequency. These values are measured at 133 MHz for -7 & -7.5 and at 100 MHz for -8 parts. Input signals are changed once during WCK. If the devices are operating at a frequency less than the maximum operation frequency, these current values are multiplied by 1/ freq, meaning operation at half the maximum frequency reduces these current value by a factor of 2. 4. These parameters are measured with continuous data stream during read access and all DQ toggling. CL = 3 and BL = 4 is assumed and the 9DDQ current is excluded.
INFINEON Technologies
16
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
AC Characteristics
1, 2
TCASE = 0 to 70 C (commercial) / -25 to 85oC (Extended); VSS = 0 V; VDD = 2.5 V nominal, VDDQ = 1.8 V nominal, tT = 1 ns
Parameter Symb. -7.5 min. Clock and Clock Enable Clock Cycle Time CAS Latency = 3 tCK CAS Latency = 2 CAS Latency = 1 Clock frequency CAS Latency = 3 tCK CAS Latency = 2 CAS Latency = 1 Access Time from Clock CAS Latency = 3 tAC CAS Latency = 2 CAS Latency = 1 Clock High Pulse Width Clock Low Pulse Width Transition Time Setup and Hold Times Input Setup Time Input Hold Time CKE Setup Time CKE Hold Time Mode Register Set-up Time Power Down Mode Entry Time Common Parameters Row to Column Delay Time Row Precharge Time Row Active Time Row Cycle Time 7.5 9.5 20 - - - - - - 2.5 2.5 0.3 - - - 133 105 50 5.4 6 19 - - 1.2 8 9.5 20 - - - - - - 3 3 0.5 - - - 125 105 50 6 6 19 - - 1.5 ns ns ns MHz MHz Mhz
2, 3, 6
Unit -8 min. max. max.
Note
ns ns ns ns ns ns
tCH tCL tT
tIS tIH tCKS tCKH tRSC tSB
1.5 0.8 1.5 0.8 2 0
- - - - - 7.5
2 1 2 1 2 0
- - - - - 8
ns ns ns ns CLK ns
4 4 4 4
tRCD tRP tRAS tRC
19 19 45 67
- - 100k -
19 19 48 70
- - 100k -
ns ns ns ns
5 5 5 5
INFINEON Technologies
17
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
AC Characteristics (cont'd)1, 2
TCASE = 0 to 70 C (commercial) / -25 to 85oC (Extended); VSS = 0 V; VDD = 2.5 V nominal, VDDQ = 1.8 V nominal, tT = 1 ns
Parameter Symb. -7.5 min. Activate(a) to Activate(b) Command Period max. - - min. 16 1 -8 max. - - ns CLK
5
Unit
Note
tRRD
15 1
CAS(a) to CAS(b) Command tCCD Period Refresh Cycle Refresh Period (4096 cycles) Self Refresh Exit Time Read Cycle Data Out Hold Time Data Out to Low Impedance Time Data Out to High Impedance Time DQM Data Out Disable Latency Write Cycle Write Recovery Time DQM Write Mask Latency
-
tREF tSREX
- 1
64 -
- 1
64 -
ms CLK
-
tOH tLZ tHZ tDQZ
3 1 3 -
- - 7 2
3 0 3 -
- - 8 2
ns ns ns CLK
2, 5, 6
- - -
tWR tDQW
14 0
- -
14 0
- -
ns CLK
7
-
INFINEON Technologies
18
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
Ir
1. For proper power-up see the operation section of this data sheet. 2. AC timing tests are referenced to the 0.9 V crossover point for VDDQ = 1.8 V components. The transition time is measured between 9IH and 9IL. All AC measurements assume WT = 1 ns with the AC output load circuit (details will be defined later). Specified WAC and WOH parameters are measured with a 30 pF only, without any resistive termination and with a input signal of 1V / ns edge rate.
I/O 30 pF
Measurement conditions for tAC and tOH
3. If clock rising time is longer than 1 ns, a time (WT/2 - 0.5) ns has to be added to this parameter. 4. If WT is longer than 1 ns, a time (WT - 1) ns has to be added to this parameter. 5. These parameter account for the number of clock cycle and depend on the operating frequency of the clock, as follows:
urA irA sA pypxA ppyrA 2A rpvsvrqA hyrA sA vvtA rvqA prqA vA shpvA hA hA uyr ir
6. Access time from clock tac is 4.6 ns for PC133 components with no termination and 0 pF load, Data out hold time toh is 1.8 ns for PC133 components with no termination and 0 pF load. 7. The write recovery time of twr = 14 ns cycles allows the use of one clock cycle for the write recovery time when the memory operation frequency is equal or less than 72MHz. For all memory operation frequencies higher than 72MHz two clock cycles for twr are mandatory. INFINEON recommends to use two clock cylces for the write recovery time in all applications.
INFINEON Technologies
19
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
Package Outlines FBGA-BOC package 54 BGA package with 3 depop. rows
INFINEON Technologies
20
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
7LPLQJ 'LDJUDPV
1. Bank Activate Command Cycle 2. Burst Read Operation 3. Read Interrupted by a Read 4. Read to Write Interval 4.1 Read to Write Interval 4.2 Minimum Read to Write Interval 4.3 Non-Minimum Read to Write Interval 5. Burst Write Operation 6. Write and Read Interrupt 6.1 Write Interrupted by a Write 6.2 Write Interrupted by Read 7. Burst Write & Read with Auto-Precharge 7.1 Burst Write with Auto-Precharge 7.2 Burst Read with Auto-Precharge 8. AC- Parameters 8.1 AC Parameters for a Write Timing 8.2 AC Parameters for a Read Timing 9. Mode Register Set 10. Power on Sequence and Auto Refresh (CBR) 11. Clock Suspension (using CKE) 11. 1 Clock Suspension During Burst Read CAS Latency = 2 11. 2 Clock Suspension During Burst Read CAS Latency = 3 11. 3 Clock Suspension During Burst Write CAS Latency = 2 11. 4 Clock Suspension During Burst Write CAS Latency = 3 12. Power Down Mode and Clock Suspend 13. Self Refresh ( Entry and Exit ) 14. Auto Refresh ( CBR ) 15. Random Column Read ( Page within same Bank) 15.1 CAS Latency = 2 15.2 CAS Latency = 3 16. Random Column Write ( Page within same Bank) 16.1 CAS Latency = 2 16.2 CAS Latency = 3 17. Random Row Read ( Interleaving Banks) with Precharge 17.1 CAS Latency = 2 17.2 CAS Latency = 3 18. Random Row Write ( Interleaving Banks) with Precharge 18.1 CAS Latency = 2 18.2 CAS Latency = 3 19. Precharge Termination of a Burst 20. Deep Power Down Mode 20.1 Deep Power Down Mode Entry 20.2 Deep Power Down Mode Exit
INFINEON Technologies
21
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
%DQN $FWLYDWH &RPPDQG &\FOH
(CAS latency = 3)
T0 CLK T1 T T T T T
Address
Bank B Row Addr.
Bank B Col. Addr.
Bank A Row Addr.
Bank B Row Addr.
t RCD Command
Bank B Activate
t RRD NOP
Write B with Auto Precharge
NOP
Bank A Activate
NOP
Bank B Activate
t RC "H" or "L"
SPT03784
%XUVW 5HDG 2SHUDWLRQ
(Burst Length = 4, CAS latency = 2, 3)
T0 CLK T1 T2 T3 T4 T5 T6 T7 T8
Command
Read A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
CAS latency = 2 t CK2 , DQ's CAS latency = 3 t CK3 , DQ's
DOUT A0 DOUT A1 DOUT A2 DOUT A3
DOUT A0 DOUT A1 DOUT A2 DOUT A3
SPT03712
INFINEON Technologies
22
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
"ASrhqADrrqAiAhASrhq
(Burst Length = 4, CAS latency = 2, 3)
T0 CLK T1 T2 T3 T4 T5 T6 T7 T8
Command
Read A
Read B
NOP
NOP
NOP
NOP
NOP
NOP
NOP
CAS latency = 2 t CK2 , DQ's CAS latency = 3 t CK3 , DQ's
DOUT A0 DOUT B0 DOUT B1 DOUT B2 DOUT B3
DOUT A0 DOUT B0 DOUT B1 DOUT B2 DOUT B3
SPT03713
#ASrhqAAXvrADrhy # ASrhqAAXvrADrhy
(Burst Length = 4, CAS latency = 3)
T0 CLK Minimum delay between the Read and Write Commands = 4 + 1 = 5 cycles DQMx t DQZ Command NOP Read A NOP NOP NOP NOP Write B NOP NOP Write latency t DQW of DQMx T1 T2 T3 T4 T5 T6 T7 T8
DQ's
DOUT A0
DIN B0
DIN B1
DIN B2
Must be Hi-Z before the Write Command "H" or "L"
SPT03787
INFINEON Technologies
23
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
#A!AHvvASrhqAAXvrADrhy
(Burst Length = 4, CAS latency = 2)
T0 CLK T1 T2 T3 T4 T5 T6 T7 T8
DQM t DQZ
t DQW
1 Clk Interval Command NOP NOP
Bank A Activate
NOP
Read A
Write A
NOP
NOP
NOP
CAS latency = 2 t CK2 , DQ's
Must be Hi-Z before the Write Command DIN A0 DIN A1 DIN A2 DIN A3
"H" or "L"
SPT03939
#A"AIHvvASrhqAAXvrADrhy
(Burst Length = 4, CAS latency = 2, 3)
T0 CLK T1 T2 T3 T4 T5 T6 T7 T8
DQM t DQZ Command NOP Read A NOP NOP Read A NOP
t DQW
Write B
NOP
NOP
CAS latency = 2 t CK2 , DQ's CAS latency = 3 t CK3 , DQ's "H" or "L"
Must be Hi-Z before the Write Command DOUT A0 DOUT A1 DIN B0 DIN B1 DIN B2
DOUT A0
DIN B0
DIN B1
DIN B2
SPT03940
INFINEON Technologies
24
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
$A7AXvrAPrhv
(Burst Length = 4, CAS latency = 2, 3)
T0 CLK T1 T2 T3 T4 T5 T6 T7 T8
Command
NOP
Write A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
DQ's
DIN A0
DIN A1
DIN A2
DIN A3
don't care
The first data element and the Write are registered on the same clock edge.
Extra data is ignored after termination of a Burst.
SPT03790
INFINEON Technologies
25
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
%AXvrAhqASrhqADr % AXvrADrrqAiAhAXvr
(Burst Length = 4, CAS latency = 2, 3)
T0 CLK T1 T2 T3 T4 T5 T6 T7 T8
Command
NOP
Write A
Write B
NOP
NOP
NOP
NOP
NOP
NOP
1 Clk Interval DQ's DIN A0 DIN B0 DIN B1 DIN B2 DIN B3
SPT03791
%!AXvrADrrqAiAhASrhq
(Burst Length = 4, CAS latency = 2, 3)
T0 CLK T1 T2 T3 T4 T5 T6 T7 T8
Command
NOP
Write A
Read B
NOP
NOP
NOP
NOP
NOP
NOP
CAS latency = 2 t CK2 , DQ's CAS latency = 3 t CK3 , DQ's
DIN A0
don't care
DOUT B0 DOUT B1 DOUT B2 DOUT B3
DIN A0
don't care
don't care
DOUT B0 DOUT B1 DOUT B2 DOUT B3 Input data must be removed from the DQ's at least one clock cycle before the Read data appears on the outputs to avoid data contention.
SPT03719
Input data for the Write is ignored.
INFINEON Technologies
26
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
&A7AXvrAhqASrhqAvuA6AQrpuhtr & A7AXvrAvuA6 Qrpuhtr
7AGrtuA2A!A86TAyhrpA2A!A"A
T0 CLK
CAS Latency = 2:
T1
T2
T3
T4
T5
T6
T7
T8
Command
Bank A Active
NOP
Write A
Auto Precharge
NOP
NOP t WR
NOP
NOP t RP
Activate
NOP
DQ's
CAS Latency = 3:
DIN A0
DIN A1
*
NOP t WR
Command
Bank A Active
NOP
NOP
Write A
Auto Precharge
NOP
NOP
NOP t RP
NOP
Activate
DQ's
DIN A0
DIN A1
* *
Begin Auto Precharge
Bank can be reactivated after trp
&!A7ASrhqAvuA6Qrpuhtr
(Burst Length = 4, CAS latency = 2, 3)
T0 CLK T1 T2 T3 T4 T5 T6 T7 T8
Command
Read A with AP
NOP
NOP
NOP
NOP
NOP
NOP t RP
NOP
NOP
CAS latency = 2 DQ's CAS latency = 3 DQ's
*
DOUT A0 DOUT A1 DOUT A2 DOUT A3
*
DOUT A0 DOUT A1 DOUT A2
t RP
DOUT A3
* Begin Auto Precharge
Bank can be reactivated after trp
SPT03721_2
INFINEON Technologies
27
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
'A68AQhhrr
'
A68AQhhrrAsAhAXvrAUvvt
Burst Length = 4, CAS Latency = 2 T0 CLK t CH t CL t CK2 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CKE t CKS t CS t CH Begin Auto Precharge Bank A Begin Auto Precharge Bank B t CKH
CS
RAS
CAS
WE
BS t AH AP t AS Addr.
RAx CAx RBx CBx RAy RAy RAz RBy RAx RBx RAy RAz RBy
DQM t RCD t RC Hi-Z DQ Ax0 Ax1 Ax2 Ax3 Bx0 Bx1 Bx2 Bx3 t WR t RP t DS t DH t WR t RP t RRD
Ay0 Ay1 Ay2 Ay3
Activate Command Bank A
Activate Command Bank B Write with Auto Precharge Command Bank B
Activate Write Command Command Bank A Bank A
Precharge Activate Activate Command Command Command Bank A Bank A Bank B
Write with Auto Precharge Command Bank A
SPT03910_2
INFINEON Technologies
28
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
'!A68AQhhrrAsAhASrhqAUvvt
Burst Length = 2, CAS Latency = 2 T0 CLK t CH t CL CKE t CKS t CH CS RAS CAS WE BS t AH AP t AS Addr. RAx CAx t RRD t RAS DQM tAC2 t LZ t RCD DQ Hi-Z t OH t AC2 t HZ Ax1 Bx0 Bx1 t RC RBx RBx RAy RAx RBx RAy t CS t CK2 t CKH Begin Auto Precharge Bank B T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13
t HZ
t RP
Ax0
Activate Command Bank A
Read Command Bank A
Activate Command Bank B
Read with Auto Precharge Command Bank B
Precharge Command Bank A
Activate Command Bank A
SPT03911_2
INFINEON Technologies
29
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
(AHqrASrtvrATr
CAS Latency = 2 T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CLK
CKE
t RSC
CS RAS CAS WE BS AP
Address Key
Addr.
Precharge Command All Banks
Any Command
Mode Register Set Command
SPT03912_2
INFINEON Technologies
30
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
AQrAATrrprAhqA6ASrsruA87S
T0
~ ~
T1
T2
T3
T4
T5
T6
T7
T8
~ ~
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CLK
~ ~
CKE
High Level is required
~ ~
~ ~
Minimum of 8 Refresh Cycles are required
~ ~
2 Clock min.
CS RAS CAS WE BS AP
~ ~ ~ ~ ~ ~ ~~ ~~ ~~ ~~ ~~ ~~ ~~ ~~
~ ~
~~ ~~
~~ ~~
~~ ~~
~~ ~~
Address Key
~ ~ ~~ ~~ ~~ ~~
Addr. DQM
t RP DQ
~ ~ ~ ~
~ ~
t RC
Hi-Z
Precharge Command All Banks Inputs must be stable for 200 s 1st Auto Refresh Command
8th Auto Refresh Command
Mode Register Set Command
Any Command
SPT03913
INFINEON Technologies
31
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
A8ypxATrvAAVvtA8F@
A8ypxATrvA9vtA7ASrhqA86TAGhrpA2A!
Burst Length = 4, CAS Latency = 2 T0 CLK t CK2 CKE CS RAS CAS WE BS AP Addr. DQM t CSL t CSL DQ Hi-Z Ax0 Ax1 Ax2 t CSL Ax3 t HZ
RAx RAx CAx
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
Activate Read Command Command Bank A Bank A
Clock Suspend 1 Cycle
Clock Suspend 2 Cycles
Clock Suspend 3 Cycles
SPT03914
INFINEON Technologies
32
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
!A8ypxATrvA9vtA7ASrhqA86TAGhrpA2A"
Burst Length = 4, CAS Latency = 3 T0 CLK t CK3 CKE CS RAS CAS WE BS AP Addr. DQM
RAx RAx CAx
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
t CSL
t CSL
t CSL t HZ
DQ
Hi-Z
Ax0
Ax1
Ax2
Ax3
Activate Command Bank A
Read Command Bank A
Clock Suspend 1 Cycle
Clock Suspend 2 Cycles
Clock Suspend 3 Cycles
SPT03915
INFINEON Technologies
33
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
"A8ypxATrvA9vtA7AXvrA86TAGhrpA2A!
Burst Length = 4, CAS Latency = 2 T0 CLK t CK2 CKE CS RAS CAS WE BS AP Addr. DQM DQ Hi-Z DAx0 DAx1 DAx2 DAx3
RAx RAx CAx
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
Activate Command Bank A
Clock Suspend 1 Cycle Write Command Bank A
Clock Suspend 2 Cycles
Clock Suspend 3 Cycles
SPT03916
INFINEON Technologies
34
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
#A8ypxATrvA9vtA7AXvrA86TAGhrpA2A"
Burst Length = 4, CAS Latency = 3 T0 CLK t CK3 CKE CS RAS CAS WE BA A8/AP Addr. DQMx DQ Hi-Z DAx0 DAx1 DAx2 DAx3
RAx RAx CAx
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
Activate Command Bank A
Clock Suspend 1 Cycle Write Command Bank A
Clock Suspend 2 Cycles
Clock Suspend 3 Cycles
SPT03917
INFINEON Technologies
35
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
!AQrA9AHqrAhqA8ypxATrq
Burst Length = 4, CAS Latency = 2 T0 CLK t CK2 CKE CS RAS CAS WE BS AP Addr. DQM t HZ DQ Hi-Z Ax0 Ax1 Ax2 Ax3
RAx RAx CAx
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
t CKS
t CKS
Activate Command Bank A
Active Standby
Read Command Bank A
Clock Mask Start
Clock Mask End
Precharge Command Bank A
Precharge Standby
Any Command
Clock Suspend Mode Entry
Clock Suspend Mode Exit
Power Down Mode Entry
Power Down Mode Exit
SPT03918
INFINEON Technologies
36
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
"ATrysASrsruA@AhqA@v
T0 CLK
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
~ ~ ~ ~
CKE
~ ~
t CKS
t CKS
~ ~
CS
~ ~ ~ ~
RAS
~ ~ ~ ~
CAS
~ ~ ~ ~
WE
~ ~ ~ ~
BS
~~ ~~
AP
~ ~ ~ ~
Addr.
~ ~
t SREX t RC*)
DQM
~ ~
Hi-Z DQ
~ ~
Any Command
All Banks must be idle
Self Refresh Entry
Begin Self Refresh Exit Command Self Refresh Exit Command issued Self Refresh Exit
*) minimum RAS cycle
time depends on CAS Latency and trc
SPT03919-2
INFINEON Technologies
37
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
#A6ASrsruA87S
Burst Length = 4, CAS Latency = 2 T0 CLK t CK2 CKE T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CS
RAS
CAS
WE
BS
RAx
AP
Addr. t RC t RP DQM Hi-Z DQ (Minimum Interval) t RC
RAx
CAx
Ax0 Ax1 Ax2 Ax3
Precharge Auto Refresh Command Command All Banks
Auto Refresh Command
Activate Read Command Command Bank A Bank A
SPT03920_2
INFINEON Technologies
38
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
$AShqA8yASrhqAQhtrAvuvAhrA7hx
$
A86 TAGhrpA2A!
Burst Length = 4, CAS Latency = 2 T0 CLK t CK2 CKE CS RAS CAS WE BS AP Addr. DQM DQ Hi Z Aw0 Aw1 Aw2 Aw3 Ax0 Ax1 Ay0 Ay1 Ay2 Ay3 Az0 Az1 Az2 Az3
RAw RAw CAw CAx CAy RAz RAz CAz
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
Activate Command Bank A
Read Command Bank A
Read Command Bank A
Read Command Bank A
Precharge Command Bank A
Activate Command Bank A
Read Command Bank A
SPT03921
INFINEON Technologies
39
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
$!A86 TAGhrpA2A"
Burst Length = 4, CAS Latency = 3 T0 CLK t CK3 CKE CS RAS CAS WE BS AP Addr. DQM DQ Hi Z Aw0 Aw1 Aw2 Aw3 Ax0 Ax1 Ay0 Ay1 Ay2 Ay3
RAw RAw CAw CAx CAy RAz RAz CAz
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
Activate Command Bank A
Read Command Bank A
Read Command Bank A
Read Command Bank A
Precharge Command Bank A
Activate Command Bank A
Read Command Bank A SPT03922
INFINEON Technologies
40
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
%AShqA8yAvrAQhtrAvuvAhrA7hx
%
A86 TAGhrpA2A!
Burst Length = 4, CAS Latency = 2 T0 CLK t CK2 CKE T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CS
RAS
CAS
WE
BS
AP
RBw
RBz
Addr.
RBw
CBw
CBx
CBy
RBz
CBz
DQM Hi Z DQ
DBw0 DBw1 DBw2 DBw3 DBx0 DBx1 DBy0 DBy1 DBy2 DBy3 DBz0 DBz1 DBz2 DBz3
Activate Write Command Command Bank B Bank B
Write Write Command Command Bank B Bank B
Precharge Activate Read Command Command Command Bank B Bank B Bank B
SPT03923_2
INFINEON Technologies
41
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
%!A86TAGhrpA2A"
Burst Length = 4, CAS Latency = 3 T0 CLK t CK3 CKE CS RAS CAS WE BS AP Addr. DQM DQ Hi Z DBw0 DBw1 DBw2 DBw3 DBx0 DBx1 DBy0 DBy1 DBy2 DBy3 DBz0 DBz1
RBz RBz CBz CBx CBy RBz RBz CBz
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
Activate Command Bank B
Write Command Bank B
Write Command Bank B
Write Command Bank B
Precharge Command Bank B
Activate Command Bank B
Write Command Bank B SPT03924
INFINEON Technologies
42
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
&AShqASASrhqADryrhvtA7hxAvuAQrpuhtr
&
A86 TAGhrpA2A!
Burst Length = 8, CAS Latency = 2 T0 CLK t CK2 CKE High T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CS
RAS
CAS
WE
BS
AP
RBx
RAx
RBy
Addr.
RBx
CBx
RAx
CAx
RBy
CBy
t RCD DQM t AC2 Hi-Z DQ
t RP
Bx0 Bx1 Bx2 Bx3 Bx4 Bx5 Bx6 Bx7 Ax0 Ax1 Ax2 Ax3 Ax4 Ax5 Ax6 Ax7
By0 By1
Activate Read Command Command Bank B Bank B
Activate Command Bank A
Precharge Activate Command Command Bank B Bank B Read Command Bank A
Read Command Bank B
SPT03925_2
INFINEON Technologies
43
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
&!A86 TAGhrpA2A"
Burst Length = 8, CAS Latency = 3 T0 CLK t CK3 CKE CS RAS CAS WE BS AP Addr.
RBx RBx CBx RAx RAx CAx RBy RBy CBy
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
High
t RCD DQM DQ Hi-Z
t AC3
t RP
Bx0 Bx1 Bx2 Bx3 Bx4 Bx5 Bx6 Bx7 Ax0 Ax1 Ax2 Ax3 Ax4 Ax5 Ax6 Ax7 By0
Activate Command Bank B
Read Command Bank B
Activate Command Bank A
Read Command Bank A
Precharge Command Bank B
Activate Command Bank B
Read Command Bank B
Precharge Command Bank A
SPT03926
INFINEON Technologies
44
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
'AShqASAXvrADryrhvtA7hxAvuAQrpuhtr
'
A86 TAGhrpA2A!
Burst Length = 8, CAS Latency = 2 T0 CLK t CK2 CKE High T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CS
RAS
CAS
WE
BS
AP
RAx
RBx
RAy
Addr.
RAx
CAx
RBx
CBx
RAy
CAy
t RCD DQM Hi-Z DQ
DAx0 DAx1 DAx2 DAx3 DAx4 DAx5 DAx6 DAx7
t WR
t RP
t WR
DBx0
DBx1 DBx2
DBx3
DBx4
DBx5
DBx6
DBx7
DAy0
DAy1 DAy2
DAy3
DAy4
Activate Write Command Command Bank A Bank A
Write Activate Command Command Bank B Bank B Precharge Command Bank A
Activate Command Bank A
Precharge Command Bank B Write Command Bank A
SPT03927_2
INFINEON Technologies
45
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
'!A86 TAGhrpA2A"
Burst Length = 8, CAS Latency = 3 T0 CLK t CK3 CKE CS RAS CAS WE BS AP Addr.
RAx RAx CAx RBx RBx CBx RAy RAy CAy
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
High
t RCD DQM DQ Hi-Z
t WR
t RP
t WR
DAx0 DAx1 DAx2 DAx3 DAx4 DAx5 DAx6 DAx7 DBx0 DBx1 DBx2 DBx3 DBx4 DBx5 DBx6 DBx7 DAy0 DAy1 DAy2 DAy3
Activate Command Bank A
Write Command Bank A
Activate Command Bank B
Write Command Bank B
Precharge Command Bank A
Activate Command Bank A
Write Command Bank A
Precharge Command Bank B
SPT03928
INFINEON Technologies
46
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
(AQrpuhtrArvhvAsAhA7
(
A86 TAGhrpA2A!
Burst Length = 8 or Full Page, CAS Latency = 2 T0 CLK t CK2 CKE CS RAS CAS WE BS AP Addr.
RAx RAx CAx RAy RAy CAy RAz RAz CAz
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
High
t RP DQM
t RP
t RP
DQ
Hi Z
DAx0 DAx1 DAx2 DAx3
Ay0 Ay1 Ay2
Az0 Az1 Az2
Activate Command Bank A
Write Command Bank A Precharge Termination of a Write Burst. Write Data is masked.
Precharge Command Bank A Activate Command Bank A
Read Command Bank A
Precharge Command Bank A Activate Command Bank A
Read Command Bank A
Precharge Command Bank A
Precharge Termination of a Read Burst.
SPT03933
INFINEON Technologies
47
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
!A9rrAQrA9AHqr
!
A9rrAQrA9AHqrA@
CLK CKE CS WE CAS RAS Addr. DQM DQ input DQ output High-Z
t RP
Precharge Command Deep Power Down Entry
Normal Mode
Deep Power Down Mode
DP1.vsd
The deep power down mode has to be maintained for a minimum of 100s.
INFINEON Technologies
48
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
!!A9rrAQrA9A@v
The deep power down mode is exited by asserting CKE high. After the exit, the following sequence is needed to enter a new command: 1. Maintain NOP input conditions for a minimum of 200 s 2. Issue precharge commands for all banks of the device 3. Issue eight or more autorefresh commands 4. Issue a mode register set command to initialize the mode register 5. Issue an extended mode register set command to initialize the extende mode register
CLK CK E CS RAS CAS WE
200 ms
tRP
tRC
Deep Power Do wn exi t
All banks prec harge
Au to refresh
Auto refresh
Mode Register Set
Exte nded Mode Regis ter Set
New Com mand Accepted Here
INFINEON Technologies
49
2003-02
HYB/E 25L128160AC 128-MBit Mobile-RAM
8uhtrAGv)
12/18/00
First Revision (Target Datasheet)
01/15/01
Various changes after JEDEC Low Power Task Force meeting in San Jose, Jan 9-10. 01: Introduction of a Extended Mode Register for temperature-compensated and partial array Self-Refresh New Deep Power Down Mode New 54 BGA package with 9 x 6 ball locations and 3 depop rows. Truth table for Deep Power Down Mode changed according to latest JEDEC proposal some typos corrected Pin J8 is "A2" Extended Mode Register "half array BA1=0" Extended Mode Register, some clarifications Datasheet changed to "preliminary" Outline dimensions for BGA packages added Electrical pinout for x8 added Full Page Mode added, thruth table clarified Pin Configuration for x8 devices corrected : LDQM wird NC und UDQM wird DQM Deep Power Down Exit waveform changed according to JEDEC ballot Page 10: Change of power-on description to : "9DD must be applied before or at the same time as 9DDQ to the specified voltage when the input signals are held in the "NOP" or "DESELECT" state" Adjusted currents Introduced CAS Latency 1 Solder Ball Diameter changed Adjusted currents Introduced max. package height Jedec conforming package drawings included tRCD and tRP for -7.5 changed Minimum time of deep power down mode added tAC for CAS Latency=1 specified ICC3N (CKE high) changed from 32ma to 35mA for -7.5 and from 28mA to 31mA for -8.0 p.15: values for ICC1 and ICC5 changed
01/22/01
02/12/01
02/19/01
03/07/01 04/02/01
07/02/01
08/23/01
09/18/01
11/14/01
25/03/02 28/02/03
INFINEON Technologies
50
2003-02


▲Up To Search▲   

 
Price & Availability of HYB25L128160AC-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X