Part Number Hot Search : 
Y7C680 302MR Z5232 SX8124 SFBUX16 TPS62260 BAW56W08 XT5008
Product Description
Full Text Search
 

To Download HY62256AJ-55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HY62256A Series
32Kx8bit CMOS SRAM
DESCRIPTION
The HY62256A is a high-speed, low power and 32,786 x 8-bits CMOS Static Random Access Memory fabricated using Hyundai's high performance CMOS process technology. The HY62256A has a data retention mode that guarantees data to remain valid at the minimum power supply voltage of 2.0 volt. Using the CMOS technology, supply voltages from 2.0 to 5.5volt has little effect on supply current in the data retention mode. The HY62256A is suitable for use in low voltage operation and battery back-up application. Product Voltage Speed No. (V) (ns) HY62256A 5.0 55/70/85 Note 1. Current value is max. Operation Current(mA) 50
FEATURES
Fully static operation and Tri-state output TTL compatible inputs and outputs Low power consumption Battery backup(L/LL-part) - 2.0V(min.) data retention * Standard pin configuration - 28 pin 600 mil PDIP - 28 pin 330mil SOP - 28 pin 8x13.4 mm TSOP-I (Standard and Reversed) * * * *
Standby Current(uA) L LL 1mA 100 25
Temperature (C) 0~70(Normal)
PIN CONNECTION
A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O1 I/O2 I/O3 Vss Vcc /WE A13 A8 A9 A11 /OE A10 /CS I/O8 I/O7 I/O6 I/O5 I/O4
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O1 I/O2 I/O3 Vss
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
Vcc /WE A13 A8 A9 A11 /OE A10 /CS I/O8 I/O7 I/O6 I/O5 I/O4
/OE A11 A9 A8 A13 /WE Vcc A14 A12 A7 A6 A5 A4 A3
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
A10 /CS I/O8 I/O7 I/O6 I/O5 I/O4 Vss I/O3 I/O2 I/O1 A0 A1 A2
A3 A4 A5 A6 A7 A12 A14 Vcc /WE A13 A8 A9 A11 /OE
14 13 12 11 10 9 8 7 6 5 4 3 2 1
15 16 17 18 19 20 21 22 23 24 25 26 27 28
A2 A1 A0 I/O1 I/O2 I/O3 Vss I/O4 I/O5 I/O6 I/O7 I/O8 /CS A10
PDIP
SOP
TSOP-I(Standard)
TSOP-I(Reversed)
PIN DESCRIPTION
Pin Name /CS /WE /OE A0 ~ A14 I/O1 ~ I/O8 Vcc Vss Pin Function Chip Select Write Enable Output Enable Address Inputs Data Input/Output Power(+5.0V) Ground
A0
BLOCK DIAGRAM
SENSE AMP ROW DECODER ADD INPUT BUFFER I/O1 OUTPUT BUFFER I/O8
COLUMN DECODER
A14 /CS /OE /WE
This document is a general product description and is subject to change without notice. Hyundai Electronics does not assume any responsibility for use of circuits described. No patent licenses are implied. Rev.02 /Jun.99 Hyundai Semiconductor
CONTROL LOGIC
WRITE DRIVER
MEMORY ARRAY 512x512
HY62256A Series
ORDERING INFORMATION
Part No. HY62256AP HY62256ALP HY62256ALLP HY62256AJ HY62256ALJ HY62256ALLJ HY62256AT1 HY62256ALT1 HY62256ALLT1 HY62256AR1 HY62256ALR1 HY62256ALLR1 Speed 55/70/85 55/70/85 55/70/85 55/70/85 55/70/85 55/70/85 55/70/85 55/70/85 55/70/85 55/70/85 55/70/85 55/70/85 Power L-part LL-part L-part LL-part L-part LL-part L-part LL-part Package PDIP PDIP PDIP SOP SOP SOP TSOP-I Standard TSOP-I Standard TSOP-I Standard TSOP-I Reversed TSOP-I Reversed TSOP-I Reversed
ABSOLUTE MAXIMUM RATING (1)
Symbol Vcc, VIN, VOUT TA TSTG PD IOUT TSOLDER Parameter Power Supply, Input/Output Voltage Operating Temperature Storage Temperature Power Dissipation Data Output Current Lead Soldering Temperature & Time Rating -0.5 to 7.0 0 to 70 -65 to 150 1.0 50 260 * 0 Unit V C C W mA C*sec
Note 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is stress rating only and the functional operation of the device under these or any other conditions above those indicated in the operation of this specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
TA=0C to 70C Symbol Parameter Vcc Power Supply Voltage VIH Input High Voltage VIL Input Low Voltage Min. 4.5 2.2 -0.5(1) Typ. 5.0 Max. 5.5 Vcc+0.5 0.8 Unit V V V
Note 1. VIL = -3.0V for pulse width less than 30ns
TRUTH TABLE
/CS H L L L /WE X H H L /OE X H L X MODE Standby Output Disabled Read Write I/O OPERATION High-Z High-Z Data Out Data In
Note : 1. H=VIH, L=VIL, X=Don't Care
Rev.02 /Jun.99
2
HY62256A Series
DC CHARACTERISTICS
Vcc = 5V10%, TA = 0C to 70C (Normal) unless otherwise specified Symbol Parameter Test Condition ILI Input Leakage Current Vss < VIN <.Vcc ILO Output Leakage Current Vss < VOUT < Vcc, /CS = VIH or /OE = VIH or /WE = VIL Icc Operating Power Supply /CS = VIL, Current VIN = VIH or VIL, II/O = 0mA ICC1 Average Operating Current /CS = VIL, Min. Duty Cycle = 100%, II/O = 0mA ISB TTL Standby Current /CS= VIH VIN = VIH or VIL (TTL Inputs) ISB1 CMOS Standby Current /CS > Vcc - 0.2V (CMOS Inputs) VIN < 0.2V or L VIN > Vcc - 0.2V LL VOL Output Low Voltage IOL = 2.1mA VOH Output High Voltage IOH = -1mA Note : Typical values are at Vcc =5.0V, TA = 25C Min. -1 -1 2.4 Typ. 30 40 0.4 2 1 Max. 1 1 50 70 2 1 100 25 0.4 Unit uA uA mA mA mA mA uA uA V V
AC CHARACTERISTICS
Vcc = 5V10%, TA = 0C to 70C (Normal) unless otherwise specified. -55 # Symbol Parameter Min. Max. READ CYCLE 1 TRC Read Cycle Time 55 2 TAA Address Access Time 55 3 TACS Chip Select Access Time 55 4 TOE Output Enable to Output Valid 30 5 TCLZ Chip Select to Output in Low Z 5 6 TOLZ Output Enable to Output in Low Z 5 7 TCHZ Chip Deselection to Output in High Z 0 20 8 TOHZ Out Disable to Output in High Z 0 20 9 TOH Output Hold from Address Change 5 WRITE CYCLE 10 TWC Write Cycle Time 55 11 TCW Chip Selection to End of Write 50 12 TAW Address Valid to End of Write 50 13 TAS Address Set-up Time 0 14 TWP Write Pulse Width 40 15 TWR Write Recovery Time 0 16 TWHZ Write to Output in High Z 0 20 17 TDW Data to Write Time Overlap 25 18 TDH Data Hold from Write Time 0 19 TOW Output Active from End of Write 5 -70 Max. 70 70 35 30 30 30 -85 Max. 85 85 45 30 30 30 -
Min. 70 5 5 0 0 5 70 65 65 0 50 0 0 35 0 5
Min 85 5 5 0 0 5 85 75 75 0 55 0 0 40 0 5
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Rev.02 /Jun.99
3
HY62256A Series
AC TEST CONDITIONS
TA = 0C to 70C (Normal) unless otherwise specified. PARAMETER VALUE Input Pulse Level 0.8V to 2.4V Input Rise and Fall Time 5ns Input and Output Timing Reference Levels 1.5V Output Load 70/85/100ns CL = 100pF + 1TTL Load 55ns CL = 50pF + 1TTL Load
AC TEST LOADS
TTL
CL(1)
Note : Including jig and scope capacitance
CAPACITANCE
TA = 25C, f = 1.0MHz Symbol Parameter CIN Input Capacitance CI/O Input /Output Capacitance Condition VIN = 0V VI/O = 0V Max. 6 8 Unit pF pF
Note : These parameters are sampled and not 100% tested
TIMING DIAGRAM
READ CYCLE 1
tRC ADDR tAA OE tOE tOLZ CS tACS tCLZ Data Out High-Z Data Valid tOHZ tCHZ tOH
Rev.02 /Jun.99
4
HY62256A Series
Note(READ CYCLE): 1. tCHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. At any given temperature and voltage condition, tCHZ max. is less than tCLZ min. both for a given device and from device to device. 3. /WE is high for the read cycle.
READ CYCLE 2
tRC ADDR tAA tOH Data Out Previous Data Data Valid tOH
Note(READ CYCLE): 1. /WE is high for the read cycle. 2. Device is continuously selected /CS= VIL. 3. /OE =VIL.
WRITE CYCLE 1(/OE Clocked)
tWC ADDR
OE tAW tCW CS tAS WE tDW Data In tOHZ
Data Out
tWP
tWR
tDH Data Valid
Rev.02 /Jun.99
5
HY62256A Series
WRITE CYCLE 2 (/OE Low Fixed)
tWC ADDR tAW tCW CS tAS WE tDW Data In tWHZ Data Out tDH Data Valid tOW (7) (8) tWP tWR
Notes(WRITE CYCLE): 1. A write occurs during the overlap of a low /CS and a low /WE. A write begins at the latest transition among /CS going low and /WE going low: A write ends at the earliest transition among /CS going high and /WE going high. tWP is measured from the beginning of write to the end of write. 2. tCW is measured from the later of /CS going low to the end of write . 3. tAS is measured from the address valid to the beginning of write. 4. tWR is measured from the end of write to the address change. tWR is applied in case a write ends as /CS, or /WE going high. 5. If /OE and /WE are in the read mode during this period, and the I/O pins are in the output low-Z state, input of opposite phase of the output must not be applied because bus contention can occur. 6. If /CS goes low simultaneously with /WE going low, or after /WE going low, the outputs remain in high impedance state. 7. DOUT is the same phase of latest written data in this write cycle. 8. DOUT is the read data of the new address.
DATA RETENTION CHARACTERISTIC
Symbol VDR ICCDR tCDR tR Parameter Vcc for Data Retention Data Retention Current Chip Disable to Data Retention Time Operating Recovery Time Test Condition /CS >Vcc-0.2V,Vss Vcc -0.2V VssL LL
Notes 1. Typical values are under the condition of TA = 25C. 2. 3uA max. at TA=0C to 40 C. 3. tRC is read cycle time.
Rev.02 /Jun.99
6
HY62256A Series
Data Retention Timing Diagram
VCC 4.5V tCDR DATA RETENTION MODE tR
2.2V VDR CS>VCC-0.2V CS VSS
RELIABILITY SPEC.
TEST MODE ESD HBM MM LATCH - UP TEST SPEC. >2000V > 250V < -100mA > 100mA
PACKAGE INFORMATION
28pin 600mil Dual In-Line Package(P) *
UNIT : INCH(mm)
MAX. MIN.
1.467(37.262) 1.447(36.754) 0.600(15.240)BSC 0.090(2.286) 0.070(1.778) 0.065(1.650) 0.050(1.270) 0.155(3.937) 0.145(3.683) 0.035(0.889) 0.020(0.508) 0.550(13.970) 0.530(13.462)
0.140(3.556) 0.021(0.533) 0.100(2.54)BSC 0.015(0.381) 0.120(3.048)
3 deg 11 deg
0.014(0.356) 0.008(0.200)
Rev.02 /Jun.99
7
HY62256A Series
28pin 330mil Small Outline Package(J)
0.346(8.788) 0.338(8.585) 0.480(12.192) 0.460(11.684)
UNIT : INCH(mm)
MAX . MIN.
0.728(18.491) 0.720(18.288)
0.110(2.794) 0.094(2.388) 0.014(0.356) 0.002(0.051) 0.012(0.305) 0.008(0.203) 0.050(1.270) 0.030(0.762)
0.050(1.270)BSC
0.020(0.508) 0.014(0.356)
28pin 8x13.4mm Thin Small Outline Package Standard(T1)
UNIT : INCH(mm)
MAX. MIN.
0.468(11.9) 0.460(11.7) 0.536(13.6) 0.520(13.2)
0.319(8.1) 0.311(7.9)
0.040(1.02) 0.036(0.91) 0.008(0.20) 0.002(0.05)
0.027(0.7) 0.012(0.3)
0.008(0.2) 0.004(0.1)
0.022(0.55 BSC)
Rev.02 /Jun.99
8
HY62256A Series
28pin 8x13.4mm Thin Small Outline Package Reversed(R1)
UNIT : INCH(mm)
MAX. MIN.
0.468(11.9) 0.460(11.7) 0.536(13.6) 0.520(13.2)
0.319(8.1) 0.311(7.9)
0.040(1.02) 0.036(0.91) 0.008(0.20) 0.002(0.05)
0.027(0.7) 0.012(0.3)
0.008(0.2) 0.004(0.1)
0.022(0.55 BSC)
Rev.02 /Jun.99
9


▲Up To Search▲   

 
Price & Availability of HY62256AJ-55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X