Part Number Hot Search : 
BC846B LTC6990 FR207 1206B MCP73811 SDT12SF1 HT82A834 HFM304
Product Description
Full Text Search
 

To Download HER107G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER101G THRU HER107G
Elektronische Bauelemente VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated High Efficiency Rectifier
RoHS Compliant Product A suffix of "-C" specifies halogen-free.
DO-41
FEATURES
. Low Forward Voltage Drop . High Current Capability . High Reliability . High Surge Current Capability . High Speed Switching
.107(2.7) .080(2.0) DIA.
1.0(25.4) MIN.
.205(5.2) .166(4.2)
MECHANICAL DATA
. Case: Molded Plastic . Epoxy: UL 94V-0 Rate Flame Retardant . Lead: Axial Lead, Solder Able per MIL-STD-202,
Method 208 Guaranteed
.034(.9) .028(.7) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
. Polarity: Color Band Denotes Cathode End . Mounting Position: Any . Weight: 0.34 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Tamb = 25 C unless otherwise specified Single phase half-wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%)
Parameter
Max. recurrent peak reverse voltage Max. RMS voltage Max. DC blocking voltage Max. avg. forward rectified current, .375" (9.5mm) lead length at Ta = 55 C Peak forward surge current, 8.3 ms single-half sine-wave superimposed on rated load (JEDEC method) Max. instantaneous forward voltage at 1.0A Max. DC reverse current Ta = 25 C at rated DC blocking voltage Ta =100 C Max. reverse recovery time (Note 1) Typical junction capacitance (Note 2) Operating temperature range TJ Storage temperature range TSTG
HER101G
HER102G
HER103G
HER104G
HER105G
HER106G
HER107G
Units
V V V A A
50 35 50
100 70 100
200 140 200
400 280 400 1.0
600 420 600
800 560 800
1000 700 1000
30 1.0 1.3 5.0 100 50 20 -65~+150 -65~+150 1.7
V A ns pF C C
75 15
Notes: 1. Reverse Recovery Time Test condition: IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A 2. Measured at 1 MHz and applied reverse voltage of 4.0V D.C.
http://www.SeCoSGmbH.com/
01-Jun-2006 Rev. B
Any changing of specification will not be informed individual
Page 1 of 2
HER101G THRU HER107G
Elektronische Bauelemente VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated High Efficiency Rectifier
RATING AND CHARACTERISTIC CURVES ( HER101G THRU HER107G )
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A) 1.2 1.0 0.8 0.6
Single Phase
FIG.1-TYPICAL FORWARD CHARACTERISTICS 10
R1 04 G
R1 05 G
HE
INSTANTANEOUS FORWARD CURRENT,(A)
01 G~
HE
H ER
1.0
R1
10
6G ~H
HE
ER 10
7G
0.4 0.2 0 0
Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length
.1
Tj=25 C Pulse Width 300us 1% Duty Cycle
25
50
75
100
125
150
175
AMBIENT TEMPERATURE ( C)
.01
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
30
.001 .4
.6
.8
1.0
1.2
1.4
1.6
1.8
24
FORWARD VOLT AGE,(V)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50 NONINDUCTIVE 10 NONINDUCTIVE
18
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
12
6
(+) 25Vdc (approx.) () 1 NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.5-TYPICAL JUNCTION CAPACITANCE
70
trr +0.5A
| | | | | | | |
JUNCTION CAPACITANCE,(pF)
60 50 40 30 20 10
HER 101G ~HER
0 -0.25A
105G
HER1
06G~ HER1
07G
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
0 .01 .05 .1 .5 1 5 10 50 100
REVERSE VOLTAGE,(V)
http://www.SeCoSGmbH.com/
01-Jun-2006 Rev. B
Any changing of specification will not be informed individual
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of HER107G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X