Part Number Hot Search : 
MAX14 MSM7620 B1086 DT54F 24006 FR2504 KIA317FP NGBBN
Product Description
Full Text Search
 

To Download HER107G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER101G
THRU
HER108G
1.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * High speed switching
1.0 Ampere
DO-41
.107(2.7) .080(2.0) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.34 grams
.205(5.2) .166(4.2)
.034(.9) .028(.7) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=55 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
NOTES:
HER101G HER102G HER103G HER104G HER105G HER106G HER107G HER108G
UNITS V V V A A V A A nS pF C C
50 35 50
100 70 100
200 140 200
300 210 300 1.0 30
400 280 400
600 420 600
800 560 800
1000 700 1000
1.0 5.0 100 50 20 -65 -65
1.3
1.7
75 15 +150 +150
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
RATING AND CHARACTERISTIC CURVES (HER101G THRU HER108G)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
1.2 1.0 0.8 0.6
Single Phase
10
04 G~ HE R1 G
G
INSTANTANEOUS FORWARD CURRENT,(A)
05
HE R1
HE
H
ER
1.0
R1
10
6G ~H
01
ER
10
8G
0.4 0.2 0 0
Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length
.1
Tj=25 C Pulse Width 300us 1% Duty Cycle
25
50
75
100
125
150
175
AMBIENT TEMPERATURE ( C)
.01
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
30
.001 .4
.6
.8
1.0
1.2
1.4
1.6
1.8
24
FORWARD VOLT AGE,(V)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50W NONINDUCTIVE 10W NONINDUCTIVE
18
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
12
6
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.5-TYPICAL JUNCTION CAPACITANCE
70
trr +0.5A
| | | | | | | |
JUNCTION CAPACITANCE,(pF)
60 50 40 30 20 10
HER 101G
0 -0.25A
~HER
105G
HER1
06G~
HER1
08G
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
0 .01 .05 .1 .5 1 5 10 50 100
REVERSE VOLTAGE,(V)


▲Up To Search▲   

 
Price & Availability of HER107G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X