Part Number Hot Search : 
2SC5358 265V10 FCH20A LMA443 4512C 265V10 C5000 07910
Product Description
Full Text Search
 

To Download HER107G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER101G thru HER108G
GLASS HIGH EFFICIENCY RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.0 Amperes DO- 41
FEATURES
Low cost Diffused junction Ultra fast switching for high efficiency Low reverse leakage current Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0
1.0(25.4) MIN
.034(0.9) DIA .028(0.7)
.205(5.2) MAX .107(2.7) DIA .080(2.0) 1.0(25.4) MIN
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic Polarity: Color band denotes cathode Weight: 0.012 ounces , 0.34 grams Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 1.0A DC(Note1) Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA=55
SYMBOL VRRM VRMS VDC I(AV)
HER 101G 50 35 50
HER 102G 100 70 100
HER 103G 200 140 200
HER 104G 300 210 300 1.0
HER 105G 400 280 400
HER 106G 600 420 600
HER 107G 800 580 800
HER 108G 1000 700 1000
UNIT V V V A
IFSM VF IR TRR CJ RJA TJ TSTG 50 20 1.0
30 1.3 5.0 100 75 10 25 -50 to +150 -50 to +150 1.7
A V uA nS pF /W
Maximum Reverse Recovery Time(Note 1) Tyical Junction Capacitance (Note2) Tyical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction of ambient.
~ 99 ~
RATING AND CHARACTERTIC CURVES HER101G thru HER108G
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES 1.0 AVERAGE FORWARD CURRENT AMPERES 40
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
0.8 0.6
30
20
0.4
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
10
0.2 0 25
PULSE WIDTH 3.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 1 2 5 10 20 50 100
50
75
100
125
150
175
AMBIENT TEMPERATURE ()
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT, (A) 10
FIG.4-TYPICAL FORWARD CHARACTERISTICS
HER101G -HER104G HER105G
CAPACITANCE, (pF)
HER101G - HER105G
1.0
10
HER106G - HER108G
0.1
HER106G-HER108G TJ = 25C
TJ = 25C f = 1 MHz 1 1 4 10 100
0.01 0 0.2 0.4 0.6 0.8
PULSE WIDTH 300us
1.0
1.2
1.4
1.6
1.8
REVERSE VOLTAGE ,VOLTS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 100 ~


▲Up To Search▲   

 
Price & Availability of HER107G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X