Part Number Hot Search : 
MPC563 LC040 2SDXX N121D M57762 1H821 28F160 2SC3459
Product Description
Full Text Search
 

To Download HER107G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER101G THRU HER108G
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Low forward voltage drop * High current capability * High reliability * Low power loss, high effciency * Glass passivated junction * High speed switching * Low leakage
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
DO-41
0.107(2.7) 0.080(2.0) DIA.
1.0(25.4) MIN.
Mechanical Data
* Case : JEDEC DO-41 molded plastic body * Epoxy : UL94V-0 rate flame retardant * Lead : Plated axial lead solderable per MIL-STR-750, method 2026 * Polarity : Color band denotes cathode end * Mounting Position : Any * Weight : 0.012 ounce, 0.33 gram
0.205(5.2) 0.166(4.2)
0.034(0.9) 0.028(0.7) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length @ at TA=55E Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current at rated DC blocking voltage TA=25E Maximum DC reverse current at rated DC blocking voltage TA=125E Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Operating junction and storage temperature range IR VRRM VRMS VDC I(AV) IFSM VF
HER HER HER HER HER HER HER HER 101G 102G 103G 104G 105G 106G 107G 108G
50 35 50 100 70 100 200 140 200 300 210 300 1.0 30.0 1.0 1.3 5.0 1.7 400 280 400 600 420 600 800 560 800 1000 700 1000
Units
Volts Volts Volts Amp Amps Volts
i A 100
Trr CJ TJ TSTG
50 20 -65 to +150
75 15
ns pF E
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A. (2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
RATINGS AND CHARACTERISTIC CURVES HER101G THRU HER108G
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50W NON INDUCTIVE 10W NON INDUCTIVE
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Trr
+0.5A
AVERAGE FORWARD CURRENT(A)
2.0
(+) 50Vdc (APPROX) ( )
D.U.T.
PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE1)
0 -0.25A
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.375"(9.5mm) LEAD LENGTH
1.0
1W NON INDUCTIVE
NOTES : 1.Rise Time=7ns max. input impedance=1 megohm 22pF 2.Rise Time=10ns max. source impedance = 50 ohms
-1.0A
1cm
0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE ( E )
SET TIME BASE FOR 10/20 ns/cm
FIG.3-TYPICAL FORWARD CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT(AMPERES)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
1000 INSTANTANEOUS REVERSE CURRENT (mA)
TA=125E
ER 10 4G
HE R1 01 G -H
05 G
-H ER
10
6G
1
100
HE R1
R1 08 G
HE
0.1
R1 07 GHE
10
1.0
TA=25E
0.01
TA=25E PULSE WIDTH=300mS 1% DUTY CYCLE
0.1 1.6 1.8
0.001 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
FIG.5-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
40
TA=25E 8.3m SINGLE HALF SINE WAVE (JEDEC Method)
FIG6-TYPICAL JUNCTION CAPACITANCE
70 JUNCTION CAPACITANCE(pF) 60 50 40 30 20 10 0 0.1 0.5 1 2 5 10 20 50 100 200 1000 REVERSE VOLTAGE. (V)
HER107G-HER108G HER101G-HER106G
35 PEAK FORWARD SURGE CURRENT(AMPERES) 30 25 20 15 10 5 1 5 10 50 100 NUMBER OF CYCLES AT 60Hz
TJ=25E


▲Up To Search▲   

 
Price & Availability of HER107G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X