Part Number Hot Search : 
DDZ10ASF UP1G125 24C16 20150 11120 SXXXXC R12KE 2SC328
Product Description
Full Text Search
 

To Download GSBAW56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CORPORATION
G S B AW 5 6
Description
ISSUED DATE :2005/12/23 REVISED DATE :
S U R F A C E M O U N T, S W I T C H I N G D I O D E
The GSBAW56 consists of two high-speed switching diodes with common anodes, fabricated in planar technology, and encapsulated in a small SOT-323 plastic SMD package.
Package Dimensions
3
1 REF. A A1 A2 D E HE Millimeter Min. Max. 0.80 1.10 0 0.10 0.80 1.00 1.80 2.20 1.15 1.35 1.80 2.40 REF. L1 L b c e Q1
2 Millimeter Min. Max. 0.42 REF. 0.15 0.35 0.25 0.40 0.10 0.25 0.65 REF. 0.15 BSC.
Absolute Maximum Ratings at TA = 25 :
Parameter Junction Temperature Storage Temperature Repetitive Peak Reverse Voltage Continuous Reverse Voltage Continuous Forward Current Repetitive Peak Forward Current Non-Repetitive Peak Forward Current (1ms) Total Power Dissipation Notes: 1. Device mounted on an FR4 printed-circuit board. single diode loaded (note1) double diode loaded (note1) Symbol Tj Tstg VRRM VR IF IFRM IFSM PD Ratings +125 -65 ~ +150 85 75 150 130 500 1 250 Unit : : V V mA mA A mW
Electrical Characteristics (at TA = 25 : unless otherwise noted)
Parameter Reverse Voltage Symbol VR VF(1) Forward Voltage VF(2) VF(3) VF(4) Reverse Current Diode Capacitance Reverse Recovery Time IR CD Trr Min. 85 Max. 715 855 1000 1250 1 2 4 Unit V mV mV mV mV uA pF nS IR=100uA IF=1mA IF=10mA IF=50mA IF=150mA VR=80V VR=0, f=1MHz IF=IR=10mA, RL=100 measured at IR=1mA Test Conditions
GSBAW56
Page: 1/2
CORPORATION
Characteristics Curve
ISSUED DATE :2005/12/23 REVISED DATE :
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
GSBAW56
Page: 2/2


▲Up To Search▲   

 
Price & Availability of GSBAW56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X