Part Number Hot Search : 
11N451 PBPC801 DRC4143E SFBUX18 1E101 LTC17 D42C1 D3FK60
Product Description
Full Text Search
 

To Download G2N5401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CORPORATION
G2N5401
Description Features
P NP EP ITAX I AL PL ANAR TANSI STOR
ISSUED DATE :2004/06/09 REVISED DATE :2004/11/29B
The G2N5401 is designed for general purpose applications requiring high breakdown voltages.
*Complementary to NPN Type G2N5551 *High Collector-Emitter Breakdown Voltage (VCEO=150V@IC=1mA))
Package Dimensions
D
E S1
TO-92
A
b1 S E A T IN G PLANE
L
REF. A S1 b b1 C
e1
e
b
C
Millimeter Min. Max. 4.45 4.7 1.02 0.36 0.51 0.36 0.76 0.36 0.51
REF. D E L e1 e
Millimeter Min. Max. 4.44 4.7 3.30 3.81 12.70 1.150 1.390 2.42 2.66
Absolute Maximum Ratings at Ta = 25 :
Parameter Junction Temperature Storage Temperature Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation Symbol Tj Tstg VCBO VCEO VEBO IC PD Ratings +150 -55 ~ +150 -160 -150 -5 -600 625 Max. -50 -50 -0.2 -0.5 -1 -1 400 300 6 Unit V V V nA nA V mV V V Test Conditions IC=-100uA,IE=0 IC=-1mA,IB=0 IE=-10uA,IC=0 VCB=-120V, IE=0 VEB=-3V, IC=0 IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA VCE=-5V, IB=-1mA VCE=-5V, IC=-10mA VCE=-5V, IC=-50mA VCE=-10V, IC=-10mA, f=100MHz VCB=-10V, f=1MHz, IE=0
* Pulse Test: Pulse Width 380us, Duty Cycle 2%
Unit
V V V mA mW
Characteristics
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 *hFE1 *hFE2 *hFE3 fT Cob
at Ta = 25 :
Min. -160 -150 -5 50 80 50 100 Typ. 160 -
MHz pF
Classification Of hFE2
Rank Range A 80-200 N 100-240 C 160-400
G2N5401
Page: 1/3
CORPORATION
Characteristics Curve
ISSUED DATE :2004/06/09 REVISED DATE :2004/11/29B
G2N5401
Page: 2/3
CORPORATION
ISSUED DATE :2004/06/09 REVISED DATE :2004/11/29B
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
G2N5401
Page: 3/3


▲Up To Search▲   

 
Price & Availability of G2N5401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X