Part Number Hot Search : 
CS1018 MSZ522 N900SL M85049 MA795WA 1N5279 CLS4006 CS1018
Product Description
Full Text Search
 

To Download FM4005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FAST RECOVER RECTIFIER
M1 THRU M7
Glass passivated
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy M olding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current.
SMA-L
0.205(5.2) 0.189(4.8)
0.012(0.3) Typ.
0.110(2.8) 0.094(2.4)
0.181(4.6) 0.165(4.2)
0.075(1.9) 0.067(1.7)
0.040(1.0) Typ.
0.040 (1.0) Typ.
Mechanical data
Case : Molded plastic, JEDEC DO-214AC Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.0015 ounce, 0.05 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current See Fig.2 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = Reverse current Thermal resistance Diode junction capacitance Storage temperature 25 C
o o
CONDITIONS
Symbol IO IFSM
MIN.
TYP.
MAX. 1.0 30 5.0
UNIT A A uA uA
o
IR 50 RqJA CJ TSTG -55 50 15 +150 C/w pF
o
VR = VRRM TA = 100 C Junction to ambient f=1MHz and applied 4vDC reverse voltage
C
SYMBOLS
MARKING CODE A1 A2 A3 A4 A5 A6 A7
V RRM
*1
V RMS
*2
VR
*3
VF
*4
Operating temperature ( C)
o
(V) FM4001 FM4002 FM4003 FM4004 FM4005 FM4006 FM4007 50 100 200 400 600 800 1000
(V) 35 70 140 280 420 560 700
(V) 50 100 200 400 600 800 1000
(V)
1.1
-55 to +150
*1 Repetitive peak reverse voltage *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage
Web Site: WWW.PS-PFS.COM
FAST RECOVER RECTIFIER
M1 THRU M7
RATING
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load
50
INSTANTANEOUS FORWARD CURRENT,(A)
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
AMBIENT TEMPERATURE ( C) FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
50
0.1
.01
.6
.7
.8
.9
1.0
1.1
1.2
1.3
FORWARD VOLT AGE,(V)
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
FIG.3 - TYPICAL REVERSE CHARACTERISTICS 100
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
10
REVERSE LEAKAGE CURRENT, (mA)
35
Tj=100 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE,(pF)
30 25 20 15 10 5 0
1.0
.1
Tj=25 C
.01 0
.01
.05
.1
.5
1
5
10
50
100
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENTAGE RATED PEAK REVERSE VOL TAGE
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of FM4005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X