Part Number Hot Search : 
A5941 S595TRW ST9435A CY8C2 MUR110 16A60FC KBPC3 IDT713
Product Description
Full Text Search
 

To Download EL240A5-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EL Series
* Ratings of 5A, 10A and 20A @ 24-280 VAC * UL Recognized, CE and RoHS Compliant * 5, 12 and 24VDC control * Zero-crossing (resistive loads) or random-fire (inductive loads) output
PRODUCT SELECTION
Control Voltage
4-8 VDC 10-14 VDC 21-27 VDC
5A
EL240A5-05 EL240A5-12 EL240A5-24
10A
EL240A10-05 EL240A10-12 EL240A10-24
20A
EL240A20-05 EL240A20-12 EL240A20-24
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms] Maximum Load Current [Arms] (2) Minimum Load Current [mArms] Transient Overvoltage [Vpk] Maximum Surge Current (50/60Hz, 1 Cycle) [Apk] Maximum I t for Fusing (50/60Hz, 1/2 cycle) [A sec] Minimum Off-State dv/dt @ Maximum Rated Voltage [V/sec] (3) Maximum Off-State Leakage Current @ Rated Voltage [mArms] Thermal Resistance Junction to Case (Rjc) [C/W] Maximum On-State Voltage Drop @ Rated Current [Vpk] Minimum Power Factor (with Maximum Load)
5A
24-280 5 150 600 115/120 65/60 500 0.1 6.0 1.3 0.5
10A
24-280 10 150 600 145/150 100/95 500 0.1 4.0 1.3 0.5
20A
24-280 20 250 600 240/250 285/260 500 0.1 2.0 1.3 0.5
INPUT SPECIFICATIONS (1)
Description
Control Voltage Range Minimum Turn-On Voltage Minimum Turn-Off Voltage Typical Input Current @ nominal turn-on voltage Nominal Input Impedance [Ohms] Maximum Turn-On Time [msec] (4) Maximum Turn-Off Time [msec]
EL240Axx-05
4-8 VDC 4.0 VDC 1.0 VDC 8.5 mA 470 1/2 Cycle 1/2 Cycle
EL240Axx-12
10-14 VDC 10 VDC 1.0 VDC 9.2 mA 1.2k 1/2 Cycle 1/2 Cycle
EL240Axx-24
21-27 VDC 21 VDC 1.0 VDC 5.9 mA 3.9k 1/2 Cycle 1/2 Cycle
GENERAL SPECIFICATIONS
Description
Dielectric Strength, Input to Output (50/60Hz) Dielectric Strength, Output to Baseplate (50/60Hz) Maximum Capacitance, Input/Output Ambient Operating Temperature Range Ambient Storage Temperature Range Weight (typical) Terminals
Parameters
3750 Vrms 2500 Vrms 8 pF -30 to 80 C -30 to 125 C 0.5 oz (14.4g) 3/16" input, 1/4" output QC
GENERAL NOTES
1) All parameters at 25C unless otherwise specified. 2) When mounted to the proper size heat sink (see derating curves) 3) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 4) Turn-on time for Random turn-on versions is 0.02 msec (DC Control Models)
WIRING DIAGRAM
MECHANICAL SPECIFICATIONS
THERMAL DERATE INFORMATION
AGENCY APPROVALS
Rev. 111810
ANNEX - ENVIROMENTAL INFORMATION


▲Up To Search▲   

 
Price & Availability of EL240A5-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X