Part Number Hot Search : 
2SC23 LTC2442 BR254 2SA733 74LCX16 0100S 25020 CXD3204R
Product Description
Full Text Search
 

To Download DA05N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05001
Only One Name Means ProTek'TionTM
DA05N - DA24CP
HigH PoweReD multi-liNe tvs ARRAy DesCRiPtioN
The DA16 Series are high powered multi-line TVS arrays available in a 16 pin DIP package. This series is designed to protect monitoring and industrial equipment from the damaging effects of ESD, EFT and secondary transient threats. The DA16 Series has a peak pulse power rating of 800 Watts for an 8/20s waveshape. This devices meets the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
16 PiN DiP PACkAge FeAtuRes
* Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV * Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns * Compatible with IEC 61000-4-5 (Surge): 24A, 8/20s - Level 2(LineGnd) & Level 3(Line-Line) * 800 Watts Peak Pulse Power per Line (tp = 8/20s) * Unidirectional & Bidirectional Configurations * ESD Protection > 25 kilovolts * Available in Multiple Voltages * Protects 8 to 12 Lines * RoHS Compliant * REACH Compliant
APPliCAtioNs
* * * * * Low Frequency I/O Ports RS-232 & RS-423 Data Lines Power Bus Lines Monitoring & Industrial Signal & Data Ports Microprocessor Based Equipment
meCHANiCAl CHARACteRistiCs
* * * * Molded 16 Pin Dual-In-Line (DIP) Package Approximate Weight: 1.2 grams Lead-Free Pure-Tin Plating (Annealed) Solder Reflow Temperature: Pure-Tin - Sn, 100: 260-270C * Flammability Rating UL 94V-0
PiN CoNFiguRAtioNs
UNIDIRECTIONAL DAxxN Series 16 15 14 13 12 11 10 9 16 15 14 BIDIRECTIONAL DAxxCN Series 13 12 11 10 9
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
DAxxP Series 16 15 14 13 12 11 10 9 16 15 14
DAxxCP Series 13 12 11 10 9
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
05001.R10 11/10
Page 1
www.protekdevices.com
05001
Only One Name Means ProTek'TionTM
DA05N - DA24CP
tyPiCAl DeviCe CHARACteRistiCs
mAXimum RAtiNgs @ 25C unless otherwise specified
PARAmeteR
Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature Forward Surge Rating
symBol
PPP TL TSTG IF
vAlue
800 -55 to 150 -55 to 150 10
uNits
Watts C C Amps
eleCtRiCAl CHARACteRistiCs PeR liNe @ 25C unless otherwise specified
PARt NumBeR (Note 1) RAteD stAND-oFF voltAge miNimum BReAkDowN voltAge @1mA v(BR) volts
6.0 6.0 6.0 6.0 13.3 13.3 13.3 13.3 16.7 16.7 16.7 16.7 26.7 26.7 26.7 26.7
mAXimum ClAmPiNg voltAge (Fig. 2) @ iP = 10A vC volts
12.5 12.5 12.5 12.5 26.0 26.0 26.0 26.0 33.0 33.0 33.0 33.0 52.1 52.1 52.1 52.1
mAXimum ClAmPiNg voltAge (Fig. 2) @ 8/20s vC @ i PP
24.6V @ 45.0A 24.6V @ 45.0A 24.6V @ 45.0A 24.6V @ 45.0A 32.9V @ 34.0A 32.9V @ 34.0A 32.9V @ 34.0A 32.9V @ 34.0A 37.7V @ 27.0A 37.7V @ 27.0A 37.7V @ 27.0A 37.7V @ 27.0A 53.0V @ 20.0A 53.0V @ 20.0A 53.0V @ 20.0A 53.0V @ 20.0A
mAXimum leAkAge CuRReNt @v wm iD A
200 200 200 200 2 2 2 2 2 2 2 2 2 2 2 2
tyPiCAl CAPACitANCe
vwm volts
DA05N DA05P DA05CN DA05CP DA12N DA12P DA12CN DA12CP DA15N DA15P DA15CN DA15CP DA24N DA24P DA24CN DA24CP Notes 5.0 5.0 5.0 5.0 12.0 12.0 12.0 12.0 15.0 15.0 15.0 15.0 24.0 24.0 24.0 24.0
@0v, 1mHz C pF
880 880 500 500 440 440 385 385 400 400 300 300 275 275 200 200
1. The "C" suffix denotes a bidirectional device, such as DA05CN.
05001.R10 11/10
Page 2
www.protekdevices.com
05001
Only One Name Means ProTek'TionTM
DA05N - DA24CP
tyPiCAl DeviCe CHARACteRistiCs
FiguRe 1 PeAk Pulse PoweR vs Pulse time
100
PPP - Peak Pulse Power - kilowatts
10
800W, 8/20s Waveform
1
0.1
0.1
1
10 100 td - Pulse Duration - s
1,000
10,000
120
iPP - Peak Pulse Current - % of iPP
FiguRe 2 Pulse wAve FoRm
tf Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
100 80
% of Rated Power
FiguRe 3 PoweR DeRAtiNg CuRve
Peak Pulse Power 8/20s
100 80 60 40 20 0
0 5
e-t
60 40 20 0
Average Power
td = t/(IPP/2)
10
15 t - time - s
20
25
30
0
25 50 75 100 125 tA - Ambient temperature - C
150
05001.R10 11/10
Page 3
www.protekdevices.com
05001
Only One Name Means ProTek'TionTM
DA05N - DA24CP
16 PiN DiP PACkAge iNFoRmAtioN
outliNe DimeNsioNs
Dim
A B C D E F G H I J K L Notes
A
millimeteRs miN
18.80 6.35 7.50 0.21 0 0.51 3.69 2.80 1.02 1.27 0.39 2.54
iNCHes miN
0.740 0.250 0.295 0.008 0 0.020 0.145 0.110 0.040 0.050 0.015 0.100
mAX
19.55 6.85 7.74 0.38 10 1.01 4.44 3.30 1.77 1.27 0.53 2.54
mAX
0.770 0.270 0.305 0.015 10 0.040 0.175 0.130 0.070 0.050 0.021 0.100
D 16 Places E G H L J 12 Places K 16 Places B C I 12 Places F Orientation Dot (Pin #1)
1. Dimensions are exclusive of mold flash and metal burrs. 2. Dimensions "J" and "L" are between centers.
oRDeRiNg iNFoRmAtioN
BAse PARt NumBeR (xx = voltage)
DAxxN DAxxP DAxxCN DAxxCP Notes
leADFRee suFFiX
-LF -LF -LF -LF
tAPe suFFiX
n/a n/a n/a n/a
Qty/Reel
n/a n/a n/a n/a
Reel siZe
n/a n/a n/a n/a
tuBe Qty
25 25 25 25
1. Marking on Part - logo, part number, date code and pin one defined by dot on top of package. Package outline per document number 06003.R2 9/09.
05001.R10 11/10
Page 4
www.protekdevices.com
05001
Only One Name Means ProTek'TionTM
DA05N - DA24CP
ComPANy iNFoRmAtioN
ComPANy PRoFile ProTek Devices, based in Tempe, Arizona USA, is a manufacturer of Transient Voltage Suppression (TVS) products designed specifically for the protection of electronic systems from the effects of lightning, Electrostatic Discharge (ESD), Nuclear Electromagnetic Pulse (NEMP), inductive switching and EMI/RFI. With over 25 years of engineering and manufacturing experience, ProTek designs TVS devices that provide application specific protection solutions for all electronic equipment/systems. ProTek Devices Analog Products Division, also manufactures analog interface, control, RF and power management products. CoNtACt us Corporate Headquarters 2929 South Fair Lane Tempe, Arizona 85282 USA By telephone General: 602-431-8101 Sales: 602-414-5109 Customer Service: 602-414-5114 By Fax General: 602-431-2288 By e-mail: Sales: sales@protekdevices.com Customer Service: service@protekdevices.com Technical Support: support@protekdevices.com web www.protekdevices.com www.protekanalog.com
COPYRIGHT (c) ProTek Devices 1998 - This literature is subject to all applicable copyright laws and is not for resale in any manner. SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice. DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance. ProTek assumes no responsibility with respect to the selection or specifications of such products. ProTek makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ProTek assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability without limitation special, consequential or incidental damages. LIFE SUPPORT POLICY: ProTek Devices products are not authorized for use in life support systems without written consent from the factory.
05001.R10 11/10
Page 5
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of DA05N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X