Part Number Hot Search : 
DWR2G LBN14090 LBN14090 EN8737A TC356 2N6520 UPC2776T 8M000
Product Description
Full Text Search
 

To Download CU20029-KTW220A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dot Graphic VFD Module
2 Line of 20 Characters 9mm High High Speed Parallel/TTL Serial Interface Operating Temp -40C to +85C Single 5V Supply High Brightness Blue Green Display ASCII, Katakana & Extended Character Font 16 User Definable Character RAM
CU20029-KTW220A
The module includes the Vacuum Fluorescent Display glass, driver and micro-controller ICs with refresh RAM, character generator and interface logic. The high speed 8 bit parallel interface is 5V CMOS compatible suitable for connection to a host CPU bus. The asynchronous serial interface accepts baud rates up to 19,200 with or without parity. Two character font tables can be hardware or software selected. User defined characters and many control commands are available.
PWR (AMP171825-3)
IDC (16 WAY)
23.6 43.5 47.0
www..com
21.25 152.5 195.0 205.0
9.6 1.75 5.0 16.0 1.6 12.5 Dimensions in mm & subject to tolerances. Mounting slots 3.5mm dia.
ELECTRICAL SPECIFICATION Parameter Symbol Power Supply Voltage VCC Absolute Max VCC VCC (max) Power Supply Current ICC Logic High Input VIH Logic Low Input VIL Absolute Max Logic I/P VI Logic High Output VOH Logic Low Output VOL
CHARACTER FONTS Value 5.0VDC +/- 5% 7.0VDC 600mADC typ. 2.0VDC min. 0.8VDC max. 0.3V to Vcc+0.3V 2.4VDC min. 0.5VDC max. Condition GND=0V GND=0V Vcc=5V VCC=5V VCC=5V IOH = -2.0mA IOL =2.0mA
International Font
Additional Katakana Font
The power on rise time should be less than 100ms.The inrush current at power on can be 2 x ICC.
OPTICAL and ENVIRONMENTAL SPECIFICATIONS Parameter Value Character Size/Pitch (XxY mm) 6.2 x 9.5 / 7.7 x 14.1 Dot Size/Pitch (XxY mm) 1.0 x 1.1 / 1.3 x 1.4 2 2 Luminance 350 cd/m Min. 900 cd/m Typ. Colour of Illumination Blue-Green (Filter for colours) Operating Temperature -40C to +85C Storage Temperature -50C to +85C Operating Humidity (non condensing) 20 to 80% RH @ 25C SOFTWARE COMMANDS Instruction D0-D7 Back Space 08H Horizontal Tab 09H Line Feed 0AH Form Feed 0CH Carriage Return 0DH Clear Display 0EH Increment Write Mode 11H Over-Write Mode 12H Horizontal Scroll Mode 13H Cursor Off 14H Blinking Block Cursor On 15H Cursor Off 16H Cursor Off 17H TIMING PARAMETERS (min) Data Set Up To Write 100ns Write Pulse Width 160ns Hold After Write 10ns Instruction International Font Katakana Font Euro Currency Mark Escape Send User Font Position cursor Software Reset Luminance Flickerless Write Cursor Blink Speed Character Data User Character Data D0-D7 18H 19H 1AH 1BH +43H +48H +49H +4CH +53H +54H 20H-FFH 00H-FFH
International font location ADH (when Euro currency mark is enabled)
PCB JUMPERS (O)PEN (L)INK Baud J3 J2 J1 19200 O O O 9600 O O L 4800 O L O 2400 O L L 1200 L O O Parity J5 J4 EVEN O O ODD O L NONE L L/O Font J6 International O Katakana L 3 PIN POWER CONNECTOR Pin Sig 1 VCC (5V) 2 SIN/TEST 3 GND (0V)
IDC DATA CONNECTOR Pin Sig Pin Sig 1 D7 9 /WR 2 D6 10 /CS 3 D5 11 SIN/TEST 4 D4 12 BUSY 5 D3 13 GND (0V) 6 D2 14 GND (0V) 7 D1 15 VCC (5V) 8 D0 16 VCC (5V) Defaults: 19200, Even parity, International Font. CONTACT
Noritake Sales Office Tel Nos Nagoya Japan: +81 (0)52-561-9867 Canada: +1-416-291-2946 Chicago USA: +1-847-439-9020 Munchen (D): +49 (0)89-3214-290 Itron UK: +44 (0)1493 601144 Rest Europe: +49 (0)61-0520-9220 www.noritake-itron.com
Subject to change without notice. IUK Doc Ref:10805 Iss:2 6 Feb 08
NORITAKE ITRON VFD MODULES
CU20029-KTW220A
Dot Graphic VFD Module
SOFTWARE COMMANDS
Instruction +busy time
Backspace
6us
CU20029-KTW220A
Data Format
08H 09H 0AH 0CH 0DH 0EH 0FH 11H 12H
Description
Moves the cursor left by one character. If the cursor is at the left end of the display no cursor movement is made. Moves the cursor right by one character. If the cursor is at the right end of the display the action depends on the write mode currently selected. In DC1 and DC2 mode no cursor movement is made. In DC3 mode the entire contents of the display is scrolled left by one character, the right end character position is cleared. No cursor movement is made. The display is cleared. No cursor movement is made. Moves the cursor to the left end. Moves the cursor to the left end. Clear all displayed characters. No cursor movement is made. Clear all displayed characters. No cursor movement is made. Specifies automatic carriage return mode. (default) Specifies character overwrite mode. Specifies horizontal scroll mode. The cursor is turned off The cursor is displayed as a blinking full block. The blink rate can be specified using the Blink Speed Control command. The cursor is turned off The cursor is turned off All subsequent characters displayed will be from the International font. This font can also be selected as the default by using the J6 hardware jumper link (OPEN). All subsequent character displayed will be from the KATAKANA font. This font can also be selected as the default by using the J6 hardware jumper link (LINKED). This command enables the Euro currency mark at location ADH in the International font. Sending the International Font command (or after a reset) restores the character at location ADH to a blank (this is the default condition). This will affect any existing ADH characters already on the display. Define a user character. Up to 16 user characters can be defined and stored by the module. The specified character code can be 00H - FFH. Command codes Dot assignment can be overwritten with a UDF so be aware that doing so will disable that command. All UDF's are lost on power off or reset. If more that 16 UDF's are P1 P2 P3 P4 P5 defined the older definitions are overwritten. P6 P7 P8 P9 P10 Bit / Byte assignment P11 P12 P13 P14 P15 7 6 5 4 3 2 1 0 Byte 1 Byte 2 Byte 3 Byte 4 Byte 5 P8 P7 P6 P5 P4 P3 P2 P1 P9 P16 P17 P18 P19 P20 P21 P22 P23 P24 P25 P26 P27 P28 P29 P30 P31 P32 P33 P34 P35 UL P16 P15 P14 P13 P12 P11 P10
Horizontal Tab
6us (20us on scroll)
Line Feed
6us (20us on scroll)
Form Feed
6us
Carriage Return
6us
Clear
65us
Cancel
65us
Auto CR Mode (DC1)
6us
Overwrite Mode (DC2)
6us 6us
Horizontal Scroll Mode (DC3) 13H Cursor Off (DC4)
6us
14H 15H 16H 17H 18H 19H 1AH 1BH + 43H + character code + data byte 1 + data byte 2 + data byte 3 + data byte 4 + data byte 5
www..com Cursor On (DC5)
6us
Cursor Off (DC6)
6us
Cursor Off (DC7)
6us
International Font
6us
KATAKANA Font
6us
Euro Currency Mark
6us
User Defined Font
6us (1BH) 4us (43H) 6us (byte 1) 6us (byte 2) 6us (byte 3) 6us (byte 4) 15us (byte 5)
P24 P23 P22 P21 P20 P19 P18 P17 P32 P31 P30 P29 P28 P27 P26 P25 UL P35 P34 P33
Cursor Moving
6us (1BH) 4us (48H) 4us (position)
1BH + 48H + position
The cursor is moved to the specified position. The relationship between the position value and the display is as follows:Left end 2nd col 3rd col Right end Top Bottom 00H 14H 01H 15H 02H 16H 13H 27H
Luminance
6us (1BH) 4us (4CH) 4us (luminance)
1BH + 4CH + luminance 1BH + 53H 1BH + 54H + speed 1BH + 49H 20H - FFH
Flickerless Writing Mode
6us (1BH) 6us (53H)
Blink Speed Control
6us (1BH) 4us (54H) 6us (speed)
The display luminance can be set to one of 4 levels. luminance = 00H - 3FH specifies 25% luminance = 40H - 7FH specifies 50% luminance = 80H - BFH specifies 75% luminance = C0H - FFH specifies 100% (default) Set flickerless write mode. By default, priority is given to data communication and display flicker can occur if data is sent to the display continuously. If flickerless writing mode is specified, priority is given to display refresh to avoid possible flicker. Command and data busy times will be up to 200us longer when this mode is set. The blink rate of the cursor can be specified. Rate = speed x 30ms. (default=14H)
Initialise
6us (1BH) 40us (49H)
Clear the display, erase any defined characters, set the cursor position to the top left of the display and reset all settings to defaults. Display the specified character from the currently selected font (or UDF is defined) at the current cursor position. After the character is written to the display a horizontal tab automatically follows.
Character Write
7us (20us on scroll)
NORITAKE ITRON VFD MODULES
CU20029-KTW220A
Dot Graphic VFD Module
PARALLEL COMMUNICATION
CU20029-KTW220A
Data on D0-D7 is clocked into the module when /CS is low and a rising edge is detected on /WR. The host must keep the data stable for the time period indicated in the timing diagram. The module busy line can be used to give a sufficient delay between commands.
/CS
HOST SYSTEM
GND VDD
I/O I/O I/O I/O
D0-D7
>160nS
>0nS
CU20029-KTW220A
BUSY /CS /WR VDD GND
/WR
>0nS >100nS Data Valid >2uS <200nS tBUSY >10nS
D0 - D7
BUSY Parallel Interface Timing.
The input lines D0-D7 are internally pulled up.
www..com
NORITAKE ITRON VFD MODULES
CU20029-KTW220A


▲Up To Search▲   

 
Price & Availability of CU20029-KTW220A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X