Part Number Hot Search : 
855969 12VDC 1N5243 3DD130 3DD130 DS016 1N5243 UPG138
Product Description
Full Text Search
 

To Download CS1500-FSZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 May ?$shortyear> CONFIDENTIAL
CS1500
Digital Power Factor Correction IC
Features & Description
Digital EMI Noise Shaping Excellent Efficiency Under All Load Conditions Minimal External Devices Required Optimized Digital Loop Compensation Comprehensive Safety Features
* Undervoltage Lockout (UVLO) * Output Overvoltage Protection * Input Current Limiting * Output Overpower Protection * Input Brownout Protection * Open/short Loop Protection for IAC & FB Pins * Thermal Shutdown
Description
The CS1500 is a high-performance power factor correction (PFC) controller for universal AC input, which uses a proprietary digital algorithm for discontinuous conduction mode (DCM) with variable on-time and variable frequency control, ensuring unity power factor, shaping EMI noise, achieving excellent efficiency especially at light load conditions. The CS1500 incorporates all the safety features necessary for robust and compact PFC stages. In addition, it has burst mode control to lower the light load/standby losses to a minimum. The digital controller optimizes the system stability and transient performance, simplifies the PFC design, reduces the external component count and BOM costs. The simple design and minimum cost makes CS1500 the ideal choice for PFC up to 300 watts.
Pin Assignments
NC STBY IAC FB 1 2 3 4 8 7 6 5 NC VDD GD GND
8-lead SOIC
D1 D2 LB R AC R1a R1b BR1 C1 8 4 2 6 R3 Q1 R FB R2a R2b
1 3 7
NC IAC VDD GND
NC FB STBY GD
C3
AC Mains
C2
Regulated DC Output
5
CS1500
Advance Product Information
Cirrus Logic, Inc. http://www.cirrus.com
This document contains information for a product under development. Cirrus Logic reserves the right to modify this product without notice.
Copyright Cirrus Logic, Inc. 2010 (All Rights Reserved)
MAY `10 DS849A5
May ?$shortyear> CONFIDENTIAL
CS1500
Table 1. Pin Descriptions Pin Name NC STBY Pin # I/O Description NC -- No connections Remote On/Off Control -- A voltage below 0.8 V shuts down the IC (not latched) and brings the device into low power consumption mode. The input has an internal 600 k pull-up resistor to the VDD pin and should be driven with an open-collector device. Rectifier Voltage Sense -- A current proportional to the rectified line voltage (Vrect) is fed into this pin. The current is measured with an A/D converter. Link Voltage Sense -- A current proportional to the output link voltage (Vlink) of the PFC is fed into this pin. The current is measured with an A/D converter. Ground -- Current return for both the input signal portion of the IC and the gate driver. Gate Driver Output -- The totem pole stage is able to drive the power MOSFET with a peak current of 0.5 A source and 1.0 A sink. The high-level voltage of this pin is clamped at VZ to avoid excessive gate voltages. IC Supply Voltage -- Supply voltage of both the input signal portion of the IC and the gate driver.
1, 8 2
IN
IAC
3 4 5 6
IN IN OUT
FB
GND GD
VDD
7
IN
2
DS849A5
May ?$shortyear> CONFIDENTIAL
1. CHARACTERISTICS AND SPECIFICATIONS
1.1 Absolute Maximum Ratings
Pin 7 1,2,3,4,8 3,4 6 6 Symbol VDD VGD IGD PD IC Supply Voltage Analog Input Maximum Voltage Analog Input Maximum Current Gate Drive Output Voltage Gate Drive Output Current Total Power Dissipation @ TA=50 C Junction-to-Ambient Thermal Impedance Operating Ambient Temperature Range1 Junction Temperature Operating Range Storage Temperature Range Parameter Value VZ -0.5 to VZ 50 -0.3 to VZ -1.0 / +0.5 600 107
CS1500
Unit V V mA V A mW C / W C C C
JA
TA TJ TStg
-40 to +125 -40 to +125 -65 to +150
-
1.2 Electrical Characteristics
(TA = 25 C, VDD = 13V, -40 < TJ < +125 C, CL=1nF between pin GD and GND, all voltages are measured with respect to GND; all current are positive when flowing into the IC; unless otherwise specified) Parameter VDD Supply Voltage Turn-on Threshold Voltage Turn-off Threshold Voltage (UVLO) UVLO Hysteresis Zener Voltage VDD Supply Current Start-up Supply Current Standby Supply Current Operating Supply Current PFC Gate Drive Maximum Operating Frequency6 Minimum Operating Frequency6 Maximum Duty Cycle6 Output Source Resistance Output Sink Resistance Rising Time Falling Time Output Voltage Low State Output Voltage High State VDD = 13V VDD = 13V VDD = 13V IGD = 100mA,VDD = 13V IGD = -200mA,VDD = 13V CL=1nF,VDD = 13V CL=1nF,VDD = 13V IGD = -200mA,VDD = 13V IGD = 100mA,VDD = 13V fSW(max) fSW(min) Dmax ROH ROL tr tf Vol Voh 62 20 64 11.3 66 22 66 9 6 32 15 0.9 11.8 70 23 68 45 25 1.3 kHz kHz % ns ns V V VDD = VDD(on) STBY < 0.8 V CL=1nF, fsw=70kHz IST ISB IDD 68 80 1.7 80 95 1.9 A A mA IDD = 20 mA VDD Increasing VDD Decreasing VDD(on) VDD(off) VHys VZ 8.4 7.1 17.0 8.8 7.4 1.3 17.9 9.3 7.9 18.5 V V V V Condition Symbol Min Typ Max Unit
DS849A5
3
May ?$shortyear> CONFIDENTIAL
Parameter Feedback & Protection2,3 IREF 25 C, 115 VAC 25 C, 115 VAC VO(startup) VO(nom) VOVP VOVP(Hy) 25 C, 115 VAC 25 C, 115 VAC 25 C, GDRV turns off 25 C, GDRV turns on VBP(th) VBR TSD TSD(Hy) 415 62 77 129 360 400 418 4 125 100 65 80 Condition Symbol Min Typ
CS1500
Max
Unit A V V V V % % Vrms Vrms
Reference Current Output Voltage at Startup Mode Output Voltage at Normal Mode Overvoltage Protection Threshold Overvoltage Protection Hysteresis Overpower Protection Threshold
2,4
421 68 83
Overpower Protection Recovery 2,4 Input Brownout Protection Threshold Input Brownout Recovery Threshold Thermal Protection 1 Thermal Shutdown Threshold Thermal Shutdown Hysteresis STBY Input
5
-
143 9
-
C C
Logic Threshold Low Logic Threshold High
Vdd-0.8
-
0.8 -
V V
NOTES:
1. 2. Specifications guaranteed by design & characterization and correlation with statistical process controls. Specification are based upon a PFC system configured for AC input of 90-265 VAC (Sine), 45/65 Hz, Vlink= 400 V, RAC = 3 x 1.0 M, RFB = 3 x 1.0 M, C3 = 180 F, LB = 360 H, 90 W. For other Vlink voltages, refer to Section 4 Application Example. Detailed Calculation See Section 4 Application Example. Overpower protection is scaled to rated power. STBY is designed to be driven by an open collector. The input is internally pulled up with a 600 k resistor. Normal operation mode, see Section 3.2.
3. 4. 5. 6.
4
DS849A5
May ?$shortyear> CONFIDENTIAL
2. TYPICAL ELECTRICAL PERFORMANCE
3.5 3 2.5 CL = 1 nF fSW = 70 kHz TA = 25 C
13
CS1500
12
11
IDD (mA)
2
1.5 Rising 1 Falling 0.5 0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
VDD (V)
10
9
Startup
8
UVLO
7 -50
0
50
100
150
VDD (V)
TEMP (o C)
Figure 1. Supply Current vs. Supply Voltage
Figure 2. Start-up & UVLO vs. Temp
2
19 IDD = 20 mA
UVLO Hysteresis (V)
1.5
18.5
VZ (V)
-50 0 50 100 150
1
18
0.5
17.5
0
17
TEMP ( o C)
-50
0
50
100
150
TEMP ( oC)
Figure 3. UVLO Hysteresis vs. Temp
Figure 4. VDD Zener Voltage vs. Temp
DS849A5
5
May ?$shortyear> CONFIDENTIAL
100
1.8 Operating 1.6
CS1500
90 80
Supply Current (mA)
1.4 1.2 1.0 0.8 0.6 0.4 0.2
Start-up
Standby
Frequency (kHz)
VDD = 13 V CL = 1 nF fSW = 70 kHz
70 60 50 40 30 20 10 Min Freq Max Freq
Standby
Start-up
0 -50
0
150
0
50
100
-60
-40
-20
0
20
40
60
80
100
120
140
TEMP ( o C)
TEMP ( oC)
Figure 5. Supply Current (ISB, IST, IDD) vs. Temp
Figure 6. Min/Max Operating Frequency vs. Temp
14 12 Source 10 8 6 Sink 4 2 0 -60
425 420 OVP 415
Zout (Ohm)
Vlink (V)
410 405 400 395 390 385 -50 Normal
VDD = 13 V Isource = 100 mA Isink = 200 mA
-40
-20
0
20
40
60
Gate Resistor (ROH, ROL
) Temp (oC)
80
100
120
140
0
50
100
150
Temperature (C)
Figure 7. Gate Resistance (ROH, ROL) vs. Temp
Figure 8. OVP vs. Temp
6
DS849A5
May ?$shortyear> CONFIDENTIAL
3. INTRODUCTION
NC
CS1500
CS1500
8
Oscillator
2
STBY
IAC VDD FB
3
7
ADC
Processor Logic
Protection
5
GND
4
NC
1
PWM Driver
6
GD
Figure 9. CS1500 Block Diagram The CS1500 digital power factor controller operates in variable on-time, variable frequency, discontinuous conduction mode (DCM). The CS1500 uses a proprietary digital algorithm to maximize the efficiency and reduce the conductive EMI. The analog-to-digital converter (ADC) shown in the CS1500 block diagram in Figure 9 is used to sense the PFC output voltage ( Vlink ) and the rectified AC line voltage ( Vrect ) by measuring currents through their respective resistors. The magnitudes of these currents are measured as a proportion of a reference current (IREF) that functions as the reference for the ADCs. The digital signal is then processed in a control algorithm which determines the behavior of the CS1500 during start-up, normal operation, and under fault conditions, such as brownout, overvoltage, overcurrent, overpower, and over-temperature conditions. * DCM with Variable On-Time, Variable Switching Frequency The CS1500 PFC switching frequency varies with the Vrect on a cycle-by-cycle basis, and its digital algorithm calculates the on-time accordingly for unity power factor. Unlike traditional Critical Conduction Mode (CRM) PFC controller, CS1500 operates at its low switching frequency near the zero-crossing point of the AC input voltage, even no switching at all, and it operates at its high switching frequency at the peak of its AC input voltage (this is the opposite of the switching frequency profile for a CRM PFC controller), thus CS1500 reduces switching losses especially under light-load conditions, spreads conducted EMI energy peaks over a wide frequency band and increases overall system efficiency. * Optimized Digital Loop Compensation The proprietary digital control engine optimizes the feedback error signal using an adaptive control algorithm, improves system stability and transient response. No external feedback error signal compensation components are required. * Overcurrent Mitigation The CS1500s digital controller algorithm limits the ON time of the Power MOSFET by the following equation:
0.001126 T on -----------------------V rect
Where Ton is the max time that the power MOSFET is turned on and Vrect is the rectified line voltage. In the event of a sudden line surge or sporadic, high dv/dt line voltages, this equation may not limit the ON time appropriately. For this type of line disturbance, additional protection mechanisms such as fusible resistors, fast-blow fuses, or other current-limiting devices are recommended. * Over Voltage Protection Under steady-state conditions, the voltage loop keeps PFC output voltage close to its nominal value. Under light load startup or feedback loop open conditions, the output voltage may pass the overvoltage protection threshold. The digital control engine initiates a fast response loop to shut down gate driving signal to reduce the energy delivered to the output for PFC capacitor protection. When the link voltage drop below VOVP-VOVP(Hy), PFC resumes normal operation.
DS849A5
7
May ?$shortyear> CONFIDENTIAL
3.1 PFC Operating Frequency
One key feature of the CS1500 is its operating frequency profile. Figure 10 illustrates how the frequency varies over half cycle of the line voltage in steady-state operation. When power is first applied to the CS1500, it first examines the line voltage and adapts its operating frequency to the exposed line voltage as shown in Figure 11. The operating frequency is varied in about a 2-to-1 ratio from the peak to the trough. During start-up the control algorithm limits the maximum ontime, provides nearly square-wave envelop current within every half line cycle by adjusting the operating frequency for fast startup behavior.
120
Switching Freq. (% of Max.)
CS1500
The CS1500 is designed to function as a DCM (discontinuous conduction mode) controller, however it may operate in a quasi-CRM operation mode near the peak periods. For 90~265VAC main input applications, PFC can be also designed in quasi-CRM at a peak of 90VAC and full load as shown in Figure 12.
DCM Quasi CRM DCM Quasi CRM DCM
Inductor Current
ILB
IAC
100
t [ms]
% of Max
80
Figure 12. DCM and quasi-CRM Operation with CS1500
60 40
Line Voltage (% of Max.)
3.2 Start-up vs. Normal Operation Mode
CS1500 has two discrete operation modes: Start-up and Normal. Start-up mode will be activated when Vlink is less than 90% of nominal value and remains active until Vlink reaches 100% of nominal value, as shown in Figure 13. Startup mode is activated during initial system power-up. Any Vlink drop to less than 90% of nominal value, such as load change, can cause the system to enter Start-up Mode until Vlink is brought back into regulation.
Vlink [V]
Vin < 150 VAC
20 0 0 45 90 135 180 Rectified Line Voltage Phase (Deg.)
Figure 10. Switching Frequency vs. Phase Angle
70
100%
FSW max (kHz)
60 56 50 46 40 Burst Mode
Startup Mode
Vin > 150 VAC
Normal Mode
Startup Mode
90%
Normal Mode
20
t [ms]
0 5 20 40 60 80 100
Figure 13. Start-up and Normal Modes
% PO max
Figure 11. Switching Frequency vs. Output Power Figure 11 illustrates how the operating frequency (as a percentage of maximum frequency) changes with output power and the peak of the line voltage. Burst mode (when Po below 5%) will be discussed in a later section.
3.3 Burst Mode
Burst mode is utilized to improve system efficiency when the system output power (Po) is < 5% of nominal. Burst mode is implemented by intermittently disabling the PFC over a full half-line period cycle under light load conditions, as shown in Figure 14.
8
DS849A5
May ?$shortyear> CONFIDENTIAL
CS1500
Resistor RFB (shown as R2a & R2b in Figure 21) sets the feedback current and is calculated as follows:
Po [W]
Burst Threshold Burst Mode Active
V link - V dd R FB = --------------------------I ref
[Eq.3]
Vlink
t [ms] Vin [V] Vin PFC Disable
IFB RFB
VDD 7
FET Vgs
FB 4
t [ms]
Figure 14. Burst Modes
ADC
3.4 Output Power and PFC Boost Inductor
Maximum output power in normal mode is defined by the following equation:
2 V link - ( V in ( min ) x 2 ) P = x x ( V in ( min ) ) x -------------------------------------------------------o 2 x f max x L B x V link
Figure 15. Feedback Input Pin Model The ADC is used to measure the magnitude of the IFB current through resistor RFB. The magnitude of the IFB current is then compared to an internal reference current, Iref. By using digital loop compensation, the voltage feedback signal does not require an external compensation network. It is recommended that a ceramic capacitor of up to 2.2 nF be placed between the FB pin and the VDD pin to filter noise in the layout.
[Eq.1]
where, Vin(min), Vlink, and LB are user defined based on application requirements and maximum operating switching frequency fmax = 70kHz. is a margin factor to guarantee rated power (Po) against tolerances and transients. is typically set to 0.9. The PFC Boost Inductor (LB in Figure 21) value can be calculated using Equation 1 as follows: V link - ( V in ( min ) x 2 ) L B = x x ( V in ( min ) ) x -------------------------------------------------------2 x f max x P x V link o
2
3.7 IAC Signal
Vrect
IAC
RAC
VDD 7
[Eq.2]
where Vin(min) is volts RMS, Vlink is volts DC, and 0.9.
is set to
IAC
3
ADC
3.5 PFC Output Capacitor
The value of the PFC output capacitor should be chosen based upon voltage ripple and hold-up requirements. This is described in more detail in the application section 4.1.6 PFC Output Capacitor on page 13. To ensure system stability with the digital controller, the recommended value of the capacitor is within the range of 0.5 F / watt to 2.0 F / watt. Figure 16. IAC Input Pin Model A current proportional to the AC input voltage is supplied to the IC on pin IAC and is used by the PFC control algorithm. Resistor RAC (shown as R1a & R1b in Figure 21) sets the IAC current and is calculated as follows: R AC = R FB [Eq.4]
3.6 Output Feedback & Regulation
A current proportional to the PFC output voltage, Vlink, is supplied to the IC on pin FB and is used as a feedback control signal. This current is compared against a fixed-value internal reference current, Iref.
For optimal performance, resistor RAC, RFB should use less than 1% tolerance resistor. Resistors can be separated in two
DS849A5
9
May ?$shortyear> CONFIDENTIAL
or more series elements if voltage breakdown or regulatory compliance is of concern. It is recommended that a ceramic capacitor of up to 2.2 nF be placed between the IAC pin and the VDD pin to filter noise in the layout.
CS1500
protection is asserted, the IC stops gate drive, goes into a lowpower state, and restarts every 3 seconds. In the case of an intermittent or minor fault, the device will continue to regulate the output voltage (Vlink) to its nominal value. If the PFC remains in startup mode for longer than a given time, set by the digital controller, it senses an overload condition and initiates the overpower protection. The CS1500 has the ability to ensure nearly constant overpower constraint over a wide range of line voltages, as shown in Figure 19.
3.8 Brownout Protection
Figure 17 illustrates the brownout protection mechanism whereby the CS1500 enters standby, and upon recovery from brownout, enters normal operation mode. In order to avoid the fault trigger, a digital filter is added for line voltage detection. The measured peak of the line voltage will be clamped to a threshold (128 V) set by the IC within half of a line cycle if it is higher than the threshold. It then decreases the voltage with a slew rate of 5 V / trough (8 ms). The CS1500 initiates a timer when the measured voltage falls below the lower brownout threshold. The IC asserts the brownout protection and stops the gate drive only if the timer reaches more than 56 ms, which is set by the algorithm based on minimum line frequency. During the brownout state, the device continues monitoring the input line voltage. The device exits the brownout state when the input voltage peak value exceeds the brownout upper threshold for at least 56 ms. The maximum response time of the brownout protection normally happens at light load conditions. It can be calculated by the following equation: T Brownout 8 ms = 8 ms + ----------- ( 128 V - V BP ( th ) ) + 56 ms 5V 8 = 8 + -- ( 128 - 95 ) + 56 5 = 116.8 ms In the brownout state, the PFC gate driver will restart every 3 seconds, trying to regulate Vlink to nominal value.
TBrownout Brownout Thresholds Upper Lower Start Timer 56 ms 56 ms
Vlink [V]
100% Overpower 90% Startup Mode Startup Mode Normal Mode Normal Mode Startup Mode Normal Mode
t0
t0 + tovrpwr
t [ms]
Figure 18. Overpower Protection Mechanism
L < LB Po / Po L = LB L = LB /
[Eq.5]
Po(max)
90
265
V AC(rms )
Figure 19. Maximal Output Power vs. Line Voltage
3.10
Exit Standby
Overvoltage Protection
Enter Standby Start Timer
Figure 17. Brownout Sequence
The overvoltage protection will trigger immediately and stop the gate drive when the current into the FB pin (IOVP) exceeds 105% of the reference current value (Iref). The IC resumes gate drive switching when the link voltage drops below VOVP - VOVP(HY).
3.9 Overpower Protection
During normal operation, if the load is increased beyond the overpower threshold, the output voltage starts falling. When the output voltage is below the startup threshold voltage, the CS1500 switches to startup mode and the output voltage will rise back again to the nominal value and will operate in normal mode if the load is reduced to a normal level. Otherwise, the PFC oscillates between startup mode and normal mode and the digital engine declares the overpower condition. When the overpower
3.11 Open/short Loop Protection
If the PFC output sense resistor RFB fails (open or short to GND), the measured output voltage decreases at a slew rate of about 2V / s, which is determined by ADC sampling rate. The IC stops the gate drive when the measured output voltage is lower than the measured line voltage. The IC resumes gate drive switching when the current into the FB pin becomes larger than or equal to the current into the IAC pin and Vlink is
10
DS849A5
May ?$shortyear> CONFIDENTIAL
greater than the peak of the line voltage (Vrect(pk)). The maximum response time of open/short loop protection for RFB is about 150 s in the CS1500. If the PFC input sense resistor RAC fails (open or short to GND), the current reference signal supplied to the IC on pin IAC falls to zero. This failure is equivalent to a brownout condition and will be handled by the brownout protection mechanism described in Section 3.8.
CS1500
shown in Figure 20. Since the pull-up resistor has a high impedance, the user may need to provide a filter capacitor (up to 1000 pF) on this pin.
VDD
3.12 Overcurrent Limiting
Boost inductor saturation is a fatal condition for a PFC converter. To prevent inductor current saturation conditions, the IC utilizes a proprietary digital algorithm that keeps the boost inductor current away from its saturation current. The boost inductor should be designed for full load, minimal line voltage, maximum switching frequency, and with enough margin to prevent saturation in normal operation mode.
600 k
STBY CS1500 <1 nF See Text GND
3.13 Standby (STBY) Function
The standby (STBY) pin provides a means by which an external signal can cause the CS1500 to enter into a nonoperating, low-power state. The STBY input is intended to be driven by an open-collector/open-drain device. Internal to the pin, there is a pull-up resistor connected to the VDD pin as
Figure 20. STBY Pin Connection When the STBY pin is not used, it is recommended that the pin be tied to VDD (pulled high).
DS849A5
11
May ?$shortyear> CONFIDENTIAL
4. APPLICATION EXAMPLE
The following sections describe an example application. The example is based upon the typical connection diagram illustrated in Figure 21.
CS1500
Equations are provided to demonstrate how a user would calculate the values for the components shown in the diagram.
D1 D2 LB R AC R1a R1b BR1 C1 8 4 2 6 R3 Q1 R FB R2a R2b
1 3 7
NC IAC VDD GND
NC FB STBY GD
C3
AC Mains
C2
Regulated DC Output
5
CS1500
Figure 21. CS1500 Basic Application Circuit
4.1 PFC for Power Supply Application
The following design example is for a universal main input, front-end PFC converter with the following parameters: R AC = R FB R AC = 3.0M Maximum power dissipation in each sense resistor is calculated as follows (the equation ignores the voltage drop across RIAC & RIFB): V link P ( R FB ) = -------------R FB 400 P ( R FB ) = -----------------6 3 x 10 P ( R FB ) = 53.3mW [Eq.6] [ V in ( max ) ] P ( R AC )max = ---------------------------R AC 265 P ( R AC )max = -----------------6 3 x 10 P ( R AC )max = 23.4mW
2 2 2 2
[Eq.7]
Vin(min) Vin(max) Vlink Po
90 VAC 265 VAC 400 V 90 W
4.1.1
IAC and IFB Sensing Inputs
[Eq.8]
The rectified AC input voltage (Vrect) and boosted PFC output voltage (Vlink) are sensed as currents into the IC. The sensing currents are set by resistors RAC and RFB, respectively: V link - V dd = --------------------------I ref 400 - 12 = ---------------------------6 129 x 10
R FB R FB
[Eq.9]
R FB = 3.0M
12
DS849A5
May ?$shortyear> CONFIDENTIAL
4.1.2 PFC Input Filter Capacitor 4.1.4 PFC MOSFET
CS1500
To achieve unity power factor, a DCM PFC circuit needs an input filtering circuit to bypass the high-frequency current so that the input current consists of the low-frequency portion only. There are two main factors on PFC input filter capacitor selection: its voltage ripple and phase lag, which both will worsen power factor. The filtering capacitance is proportional to Po and it is suggested as follows: nF -o C 1 3.3 ------ x P W C 1 3.3 x 120 C 1 390nF = 0.39F Use 0.47 F for tolerance. If a PI filter used for suppression of conducted EMI is located on the DC side of the input rectifier, the Vrect sense point has to be moved to the second capacitor. [Eq.10]
In normal mode, the PFC MOSFET peak current is equal to the peak current in the PFC boost inductor: I FET ( pk ) = I LB ( pk ) I FET ( pk ) = 3.3A [Eq.14]
4.1.5
PFC Diode
The PFC diode peak current in normal mode is the equal to the inductor peak current: I D ( pk ) = I LB ( pk ) I D ( pk ) = 3.3A The PFC Diode average current is calculated as follows: Po I D ( avg ) = ----------V link 90I D ( avg ) = --------400 I D ( avg ) = 0.225A [Eq.16] [Eq.15]
4.1.3
PFC Boost Inductor
The value of the inductor in normal mode can be calculated by the following equation, with = 0.9 as a derating factor to ensure the inductor is sized to guarantee DCM operation and provide a slightly higher power than required by the load:
2 V link - ( V in ( min ) x 2 ) L B = x x ( V in ( min ) ) x -------------------------------------------------------2 x f max x P x V link o
[Eq.11]
400 - ( 90 x 2 ) L B = 0.9 x 0.95 x 90 x -----------------------------------------------------------------3 2 x ( 70 x 10 ) x 90 x 400 2 L B = 374H Choose a 360 H inductor. 4 x Po I LB ( pk ) = ---------------------------------------------------- x x V in ( min ) x 2 4 x 90 I LB ( pk ) = ---------------------------------------------------0.9 x 0.95 x 90 x 2 I LB ( pk ) = 3.3A [Eq.12]
4.1.6
PFC Output Capacitor
The value of the output capacitor is determined by several requirements. It must meet the voltage ripple and hold-up time requirements and the RMS current in the capacitor should not exceed its RMS current rating. The following equation defines the size of the output capacitor to meet the output voltage ripple requirements: PO C out ( rip ) = -------------------------------------------------------------------------------------2 x f line ( min ) x V link x V link ( rip ) [Eq.17]
fline(min) is the minimum line frequency the design is required to support, Vlink is the output voltage from the PFC, Vlink(rip), is the output voltage ripple requirement in volts peak-to-peak. The equation will provide the value of the output capacitor needed to meet the ripple requirement. For 10 V of ripple and minimum line frequency of 45 Hz, the equation becomes: 90 C out ( rip ) = ------------------------------------------------ = 80Fuuseu100F 2 x 45 x 400 x 10 A second requirement that the output capacitor may be required to meet is hold-up time. The value of the capacitor
is the efficiency.
The inductor should be designed so that its saturation current meets the following requirement, where 0.001126 is a predefined threshold for the current protection algorithm: 0.001126 I sat -----------------------L where L is the inductance in Henrys. [Eq.13]
DS849A5
13
May ?$shortyear> CONFIDENTIAL
needed to meet the hold-up time required is defined by the following equation: C out ( hold ) 2 x P O x t hold = ----------------------------------------------------------------------------------------V out ( rip ) 2 2 V ------------------------ - ( V link ( min ) ) link - 2 [Eq.18] V ovp = V link x 1.05 V ovp = 400 x 1.05 V ovp = 420V
CS1500
4.1.7
Overvoltage Protection
Overvoltage protection is activated when Vlink exceeds 105% of the nominal value: [Eq.19]
tHOLD is the magnitude of the hold-up time in seconds. For 10 ms of hold-up time and Vlink(min) of 300 V, the equation becomes: 2 x 90 x 0.010 C out ( hold ) = ------------------------------------------------------ = 27F 2 400 - 10 - ( 300 ) 2 ---- 2 Choose a 100 F capacitor.
While in overvoltage protection mode, gate drive output is disabled. GD output is re-enabled when Vlink falls below its nominal value.
14
DS849A5
May ?$shortyear> CONFIDENTIAL
4.1.8 Summary of Component Values
Designator R1a R1b R2a R2b R3 C1 C2 C3 BR1 D1 D2 LB Q1 CS1500 Value 1.5 M 1.5 M 1.5 M 1.5 M 4.7 0.47 F 0.47 F 100 F, 450V 4A, 600V 1 A, 600 V 1 A, 600 V 360 H 12 A, 500 V PFC Controller Description
CS1500
SFR25 axial film res - 0.4W-1% SFR25 axial film res - 0.4W-1% SFR25 axial film res - 0.4W-1% SFR25 axial film res - 0.4W-1% SFR25 axial film res - 0.4W-1% ECQ2W474KH 50V Ceramic cap - X7R LLS2W101MELA GBU4J-BP 1N4005 STTH1R06 Premier Magnetics STP12NM50FP CS1500
DS849A5
15
May ?$shortyear> CONFIDENTIAL
5. PERFORMANCE PLOTS
100
Vin=230V
CS1500
95
Vin=115V
90
Efficiency
85
80
75
70 0 10 20 30 40 50 60 70 80 90 100 110
Load (%)
Figure 22. Efficiency vs. Load, Typical
100 90 80 70
THD(%)
60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100
Vin = 115 Vin = 230
Load (% )
Figure 23. Distortion vs. Load, Typical
16
DS849A5
May ?$shortyear> CONFIDENTIAL
CS1500
1
Vin = 115
0.9
Vin = 230
Power Factor
0.8 0.7 0.6 0.5 0.4 0 10 20 30 40 50 60 70 80 90 100
Load (% )
Figure 24. Power Factor vs. Load, Typical
DS849A5
17
May ?$shortyear> CONFIDENTIAL
CS1500
Figure 25. Load Transient -- 20% to 80% (60 mA to 240 mA), 0.8 A/sec Slew, 90 VAC
Figure 26. Load Transient -- 20% to 80% (60 mA to 240 mA), 0.8 A/sec Slew, 260 VAC
18
DS849A5
May ?$shortyear> CONFIDENTIAL
CS1500
Figure 27. Overload -- 240 mA to 500 mA, 90 VAC
Figure 28. Overload -- 240 mA to 500 mA, 265 VAC
DS849A5
19
May ?$shortyear> CONFIDENTIAL
6. DEFINITIONS
Variable fline(min) IAC IFB IFET(pk) Irms Isat Ist IST LB Po Po(max) RAC RFB Vin(min) Vlink Vlink(min) Vlink(rip) Vrect The efficiency factor. A margin factor to guarantee rated power against tolerances and transients.
The minimum AC line frequency.
CS1500
Definition
The current generated by Vrect that flows into the IAC pin. The current generated by Vlink that flows into the FB pin.
The PFC MOSFET peak current, which is equal to the peak current in the PFC boost inductor.
The magnitude of the RMS current. The boost inductor LB saturation current. The sum of the current into the IAC and FB pins. The startup current of the chip. The PFC boost inductor. The nominal output power from the CS1500 PFC circuit. The maximum value of the output power from the CS1500 PFC circuit. The sense resistor used to measure current into the IAC pin. The sense resistor used to measure current into the FB pin. The minimum specified line voltage for proper operation (volts RMS). The magnitude of the output voltage from the PFC. The magnitude of the output voltage from the PFC.
Vlink(rip), is the output voltage ripple requirement in volts peak-to-peak
The instantaneous value of the rectified line voltage (volts).
20
DS849A5
May ?$shortyear> CONFIDENTIAL
7. PACKAGE DRAWING 8L SOIC (150 MIL BODY) PACKAGE DRAWING
CS1500
E
H
1 b c
D SEATING PLANE e A1
A L
INCHES DIM A A1 B C D E e H L MIN 0.053 0.004 0.013 0.007 0.189 0.150 0.040 0.228 0.016 0 MAX 0.069 0.010 0.020 0.010 0.197 0.157 0.060 0.244 0.050 8 JEDEC # MS-012
MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.33 0.51 0.19 0.25 4.80 5.00 3.80 4.00 1.02 1.52 5.80 6.20 0.40 1.27 0 8
8. ORDERING INFORMATION
Part # CS1500-FSZ Temperature Range -40 C to +125 C Package Description 8-lead SOIC, Lead (Pb) Free
9. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
Model Number CS1500-FSZ Peak Reflow Temp 260 C MSL Ratinga 2 Max Floor Lifeb 365 Days
a. MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. b. Stored at 30 C, 60% relative humidity.
DS849A5
21
May ?$shortyear> CONFIDENTIAL
10.REVISION HISTORY
Revision A1 A2 A3 Date APR 2009 JUN 2009 DEC 2009 Changes Initial Advance Information release.
CS1500
No substantive changes. Document number incremented to avoid confusion among previous, pre-released versions. Revised feature list & product description. Revised electrical characteristics to include brownout & open-loop protection. Modified definition table. Modified data sheet format. Updated to correspond to C1 silicon. Updated performance data.
A4 A5
MAR 2010 MAY 2010
Contacting Cirrus Logic Support
For all product questions and inquiries contact a Cirrus Logic Sales Representative. To find one nearest you go to http://www.cirrus.com
IMPORTANT NOTICE "Advance" product information describes products that are in development and subject to development changes. Cirrus Logic, Inc. and its subsidiaries ("Cirrus") believe that the information contained in this document is accurate and reliable. However, the information is subject to change without notice and is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, including those pertaining to warranty, indemnification, and limitation of liability. No responsibility is assumed by Cirrus for the use of this information, including use of this information as the basis for manufacture or sale of any items, or for infringement of patents or other rights of third parties. This document is the property of Cirrus and by furnishing this information, Cirrus grants no license, express or implied under any patents, mask work rights, copyrights, trademarks, trade secrets or other intellectual property rights. Cirrus owns the copyrights associated with the information contained herein and gives consent for copies to be made of the information only for use within your organization with respect to Cirrus integrated circuits or other products of Cirrus. This consent does not extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale. CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF DEATH, PERSONAL INJURY, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE ("CRITICAL APPLICATIONS"). CIRRUS PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN PRODUCTS SURGICALLY IMPLANTED INTO THE BODY, AUTOMOTIVE SAFETY OR SECURITY DEVICES, LIFE SUPPORT PRODUCTS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF CIRRUS PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE FULLY AT THE CUSTOMER'S RISK AND CIRRUS DISCLAIMS AND MAKES NO WARRANTY, EXPRESS, STATUTORY OR IMPLIED, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR PARTICULAR PURPOSE, WITH REGARD TO ANY CIRRUS PRODUCT THAT IS USED IN SUCH A MANNER. IF THE CUSTOMER OR CUSTOMER'S CUSTOMER USES OR PERMITS THE USE OF CIRRUS PRODUCTS IN CRITICAL APPLICATIONS, CUSTOMER AGREES, BY SUCH USE, TO FULLY INDEMNIFY CIRRUS, ITS OFFICERS, DIRECTORS, EMPLOYEES, DISTRIBUTORS AND OTHER AGENTS FROM ANY AND ALL LIABILITY, INCLUDING ATTORNEYS' FEES AND COSTS, THAT MAY RESULT FROM OR ARISE IN CONNECTION WITH THESE USES. Cirrus Logic, Cirrus, and the Cirrus Logic logo designs are trademarks of Cirrus Logic, Inc. All other brand and product names in this document may be trademarks or service marks of their respective owners.
22
DS849A5


▲Up To Search▲   

 
Price & Availability of CS1500-FSZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X