Part Number Hot Search : 
1N4737 MP450 BAW56TT1 PMF60CA BFR91A AP150 NE461M02 203DH3
Product Description
Full Text Search
 

To Download CMPT540110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPT5401 SURFACE MOUNT PNP SILICON TRANSISTOR
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMPT5401 type is a PNP silicon transistor manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for high voltage amplifier applications. MARKING CODE: C2L
SOT-23 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VCBO VCEO VEBO IC PD TJ, Tstg JA 160 150 5.0 600 350 -65 to +150 357 UNITS V V V mA mW C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN ICBO VCB=120V ICBO VCB=120V, TA=100C IEBO VEB=3.0V BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VBE(SAT) VBE(SAT) hFE hFE hFE fT Cob hfe NF IC=100A IC=1.0mA IE=10A IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA VCE=5.0V, IC=1.0mA VCE=5.0V, IC=10mA VCE=5.0V, IC=50mA VCE=10V, IC=10mA, f=100MHz VCB=10V, IE=0, f=1.0MHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=5.0V, IC=250A, RS=1.0k, f=10Hz to 15.7kHz 50 60 50 100 40 160 150 5.0
MAX 50 50 50
UNITS nA A nA V V V
0.2 0.5 1.0 1.0 240 300 6.0 200 8.0
V V V V
MHz pF
dB
R6 (1-February 2010)
CMPT5401 SURFACE MOUNT PNP SILICON TRANSISTOR
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) Base 2) Emitter 3) Collector MARKING CODE: C2L
R6 (1-February 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMPT540110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X