Part Number Hot Search : 
4051BCP UFPBF T8502 AQV210S 80851 PMX1GG EP910I CSS1013S
Product Description
Full Text Search
 

To Download CHM2I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bussmann(R)
Global Modular Fuseholders
CH Series
The new and improved `CH' line of Modular Fuseholders is designed to accommodate a multitude of fuses from around the world, including North American ClassCC, Midget, Class gR, aR HSF, and IEC Industrial Cylindrical (Class gG and aM) in four physical sizes: 8x32, 10x38, 14x51 and 22x58mm. All products are manufactured in accordance with IEC 60269 and IEC 60947-3. UL and CSA Compliance as indicated in the Selection Table below. Key features and benefits include: * Multiple pole configurations * Finger Safe protection * Optional "open-fuse" indication * 14x51 & 22x58 configurations are available with optional micro-switches for remote "open-fuse" indication, pre-breaking, and fuse presence. * Self-extinguishable UL 94-VO rated polyester material * Multi-phase connections available for ganging poles
Modular Fuseholder Selection Table
Series Size IEC UL CSA Max Voltage & Current Phase Configuration No. of Fuse Holder Part Number 17.5mm Without With Neon Modules Indication Indication* 1 1 1 2 2 3 3 4 4 1 1 1 2 2 3 3 4 4 1 2 3 1.5 1.5 1.5 3 3 4.5 4.5 6 6 6 2 2 2 4 4 6 6 8 8 8 CH081D CH081DNX CH081DNS CH081DN CH082D CH083D CH083DNS CH083DN CH084D CHM1D CHM1DNX CHM1DNS CHM1DN CHM2D CHM3D CHM3DNS CHM3DN CHM4D CHCC1D CHCC2D CHCC3D CH141D CH141DMS CH141DNX CH141DN CH142D CH143D CH143DMS CH143DN CH143DNMS CH144D CH221D CH221DMS CH221DNX CH221DN CH222D CH223D CH223DMS CH223DN CH223DNMS CH224D CH081DI CH081DNSI CH081DNI CH082DI CH083DI CH083DNSI CH083DNI CH084DI CHM1DI CHM1DNSI CHM1DNI CHM2DI CHM3DI CHM3DNSI CHM3DNI CHM4DI CHCC1DI CHCC2DI CHCC3DI CH141DI CH141DNI CH142DI CH143DI CH143DNI CH144DI Not Available with Local Neon Indication (Remote Microswitch only) Box Qty. 12 12 12 6 6 4 4 3 3 12 12 12 6 6 4 4 3 3 12 6 4 6 6 6 3 3 2 2 1 1 1 6 6 6 3 3 2 2 1 1 1 Wire Range 1-16 mm2 (18-8 AWG) Maximum Torque 2.5 Nm (22 lb-in)
IEC 400Vac, 25A
UL/CSA 600Vac/dc, 30A (3 Watt) IEC 690Vac, 32A UL/CSA 600Vac/dc, 30A UL 600Vac/dc, 40A (5 Watt) IEC 690Vac, 50A
UL 600Vac/dc, 100A (9.5 Watt) IEC 690Vac, 125A
1 Pole * 1 Neutral Pole * 1 Pole + Neutral * 1 Pole + Neutral * 2 Pole * 3 Pole * 3 Pole + Neutral * 3 Pole + Neutral * 4 Pole * * * 1 Pole 1 Neutral Pole * 1 Pole + Neutral * 1 Pole + Neutral * * * 2 Pole * * 3 Pole 3 Pole + Neutral * 3 Pole + Neutral * 4 Pole * * 1 Pole * 2 Pole * 3 Pole * 1 Pole 1 Pole + Microswitch * 1 Neutral Pole * 1 Pole + Neutral * 2 Pole * 3 Pole * 3 Pole + Microswitch * 3 Pole + Neutral * 3 Pole + Neutral + Microswitch * 4 Pole * * 1 Pole 1 Pole + Microswitch * 1 Neutral Pole * 1 Pole + Neutral * 2 Pole * 3 Pole * 3 Pole + Microswitch * 3 Pole + Neutral * 3 Pole + Neutral + Microswitch * 4 Pole *
CH08 8X32
1-10 mm2 (18-8 AWG) 2.0 Nm (17.5 lb-in)
1-16 mm2 (18-8 AWG)
2.5 Nm (22 lb-in)
1-16 mm2 (18-8 AWG)
2.5 Nm (22 lb-in)
CHM 10X38 & Midget
1-10 mm2 (18-8 AWG) 2.0 Nm (17.5 lb-in)
1-16 mm2 (18-8 AWG)
2.5 Nm (22 lb-in)
CHCC Class CC
1-16 mm2 (18-8 AWG)
2.5 Nm (22 lb-in)
CH14 14X51
2.5-16 mm2 (14-6 AWG) 3.0 Nm (26 lb-in)
CH22 22X58
2.5-50 mm2 (14-1 AWG) 4.0 Nm (35 lb-in)
UL Recognized UL LIsted *Holder width as compared to standard 17.5mm module. i.e. 1 = 17.5mm 2 = 35mm. Form No. GMF Page 1 of 4 Data Sheet: 2143
6-24-04
SB04179
Bussmann(R)
Global Modular Fuseholders
Recommended Buss(R) Fuse Types: 8x32 IEC Cylindrical - C08 Series 10x38 North American Class CC Fuses - LP-CC, FNQ-R, KTK-R Fuses - FNQ, KTK, AGU, KLM, BAF, BAN, FNM, FWA, FWC, C10 Series 14x51 Fuses - FWX, FWH, FWP & NON, C14 Series 22x58 Fuses - FWP, C22 Series Using High Speed Fuses (Semiconductor Protection) The `CH' range of Modular Fuseholders may be used in conjunction with Class gR and aR High-Speed fuses, offering a touch-safe design with no exposed contacts, according to the following application tables: CHM Series (10x38)
High Speed Fuse FWA-5A10F FWA-10A10F FWA-15A10F FWA-20A10F FWA-25A10F FWA-30A10F Maximum Continuous Fuse Current (amps) 5 10 14 18 20 24 High Speed Fuse FWC-6A10F FWC-8A10F FWC-10A10F FWC-12A10F FWC-16A10F FWC-20A10F FWC-25A10F FWC-32A10F Maximum Continuous Fuse Current (amps) 6 8 10 12 15 16 19 21
CH22 Series (22x58)
High Speed Fuse FWP-20A22F FWP-25A22F FWP-32A22F FWP-40A22F FWP-50A22F FWP-63A22F FWP-80A22F FWP-100A22F Maximum High Continuous Speed Fuse Current Fuse (amps) 5 FWP-32A14F 10 FWP-40A14F 14 FWP-50A14F 18 21 22 Maximum Continuous Fuse Current (amps) 20 25 32 40 50 58 66 78 Maximum Continuous Current (amps) 27 32 38 -
CH14 Series (14x51)
High Speed Fuse FWX-5A14F FWX-10A14F FWX-15A14F FWX-20A14F FWX-25A14F FWX-30A14F Maximum Continuous Fuse Current (amps) 5 10 15 20 24 27 High Speed Fuse FWH-5A14F FWH-10A14F FWH-15A14F FWH-20A14F FWH-25A14F FWH-30A14F Maximum Continuous Fuse Current (amps) 5 10 14 18 21 22 High Speed Fuse FWP-5A14F FWP-10A14F FWP-15A14F FWP-20A14F FWP-25A14F FWP-30A14F
Please contact Cooper Bussmann Application Engineering for more information regarding High-Speed fuse application.
Accessories for use with the new CH Series of Modular Fuseholders
Accessory Multi-Phase Connection Links Multi-Phase Handle Pins For Use with Fuse Holders Part Number AL-D CH810-HP CH14-HP C08NL C10NL, NNB NNB-R C14NL C22NL CH14MS-1D CH14MS-3D No. of Poles 1 3 Box Quantity 12 12
CH08, CHM, CHCC, AND CH14 Series CH08, CHM,& CHCC Series CH14 Series CH08 Series CHM Series Neutral Links CHCC Series CH14 Series CH22 Series CH141 Series Operated-Fuse Micro-Switches CH143 Series Multi-Phase Connection Links Multi-Phase Handle Pins
10
5 2
Neutral Links
Operated-Fuse Micro-Switches
6-24-04
SB04179
Form No. GMF Page 2 of 4 Data Sheet: 2143
Bussmann(R)
Global Modular Fuseholders
Dimensional Data (all dimensions mm ) [inch]
Manual Multi-phase Construction (10x38 & 14x51mm ) Additional poles can be added by using the accessories shown on page 2 of this data sheet. The following components are required for each additional pole, up to a maximum of 4-poles.
Part Number AL-D CH810-HP CH14-HP
Description Multi-phase Connection Link 8x32 & 10x38 Handle Pin 14x51mm Handle Pin
Number Required 2 1 1
6-24-04
SB04179
Form No. GMF Page 3 of 4 Data Sheet: 2143
Bussmann(R)
Global Modular Fuseholders
14x51mm Dimensional Data (all dimensions mm ) [inch]
22x58mm Dimensional Data (all dimensions mm ) [inch]
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
6-24-04
SB04179
CE logo denotes compliance with European Union Low Voltage Directive (50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact Bussmann Application Engineering at 636-527-1270 for more information.
Form No. GMF Page 4 of 4 Data Sheet: 2143


▲Up To Search▲   

 
Price & Availability of CHM2I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X