Part Number Hot Search : 
M67799M DC147 SD2942 C3216 CNX62A ODUCT STTA812 CR100
Product Description
Full Text Search
 

To Download BAT54AW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: BAT54W BAT54AW BAT54CW BAT54SW
Lead-free Green
BAT54W /AW /CW /SW
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SOT-323 Dim
A
Features
* * * * * * * * * * * * * * * *
Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection Lead Free/RoHS Compliant (Note 3) Qualified to AEC-Q101 Standards for High Reliability "Green" Device (Note 4 and 5)
G H K M BC
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
A B C D E G H J K L M a
0.65 Nominal
Mechanical Data
Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 5. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagrams Below Marking: Type Code and Date Code, See Page 3 Type Code: See Diagrams Below Weight: 0.006 grams (approximate)
J
D
E
L
All Dimensions in mm
TOP VIEW
BAT54W Marking: KL5
BAT54AW Marking: KL6 @ TA = 25C unless otherwise specified
BAT54CW Marking: KL7
BAT54SW Marking: KL8
Maximum Ratings
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Repetitive Peak Forward Current (Note 1) Forward Surge Current (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 1.0s
Symbol VRRM VRWM VR IF IFRM IFSM Pd RqJA Tj, TSTG
Value 30 200 300 600 200 625 -65 to +125
Unit V mA mA mA mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2)
@ TA = 25C unless otherwise specified Symbol V(BR)R Min 30 Typ 3/4 Max 3/4 240 320 400 500 1000 2.0 10 5.0 Unit V Test Condition IR = 100mA IF = 0.1mA IF = 1mA IF = 10mA IF = 30mA IF = 100mA VR = 25V VR = 1.0V, f = 1.0MHz IF = 10mA through IR = 10mA to IR = 1.0mA, RL = 100W
Forward Voltage
VF IR CT trr
3/4
3/4
mV
Reverse Leakage Current (Note 2) Total Capacitance Reverse Recovery Time
Notes: 1. 2. 3. 4. 5.
3/4 3/4 3/4
3/4 3/4 3/4
mA pF ns
Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Short duration test pulse used to minimize self-heating effect. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30065 Rev. 9 - 2
1 of 3 www.diodes.com
BAT54W /AW /CW /SW
IF, INSTANTANEOUS FORWARD CURRENT (A)
1
100
TA = 125C
0.1
10
TA = 75C
1
TA = 125C
0.01
TA = 75C
TA = 25C
TA = 25C TA = 0C
0.1
TA = 0C
0.001
0.01
TA = -40C
0.0001 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
12
f = 1.0MHz
0.001 0 5 10 15 20 25 30 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
300
Pd, POWER DISSIPATION (mW)
0 5 10 15 20 25 30
10 CT, TOTAL CAPACITANCE (pF)
250
8
200
6
150
4
100
2
50
0
0 0 25 50 75 100 125 150
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Capacitance vs. Reverse Voltage
TA, AMBIENT TEMPERATURE (C) Fig. 4 Power Derating Curve
DS30065 Rev. 9 - 2
2 of 3 www.diodes.com
BAT54W /AW /CW /SW
Ordering Information (Note 5 and 6)
Device BAT54W-7-F BAT54AW-7-F BAT54CW-7-F BAT54SW-7-F
Notes:
Packaging SOT-323 SOT-323 SOT-323 SOT-323
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
5. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code (See Page 1 Diagrams) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code 2000 L 2001 M 2002 N 2003 P 2004 R 2005 S 2006 T 2007 U 2008 V 2009 W 2010 X 2011 Y 2012 Z
Month Code
Jan 1
Feb 2
March 3
Apr 4
YM
May 5
Jun 6
Jul 7
Aug 8
Sep 9
Oct O
Nov N
Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30065 Rev. 8 - 2
3 of 3 www.diodes.com
BAT54W /AW /CW /SW


▲Up To Search▲   

 
Price & Availability of BAT54AW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X