Part Number Hot Search : 
FMBT1015 P600KG RFM08U9X T85HFL S20H100C 190HOP 2SC2497 LVC4066D
Product Description
Full Text Search
 

To Download APD-240M021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APD-240M021
Vishay Dale
Plasma Panel Display Modules
240 Character Display with Drive Electronics Controller and Parallel Interface
FEATURES
* 240 (6 x 40) alphanumeric characters (5 x 7 dot matrix). * Compatible with IEE 3402-08-240N. * Only + 5 and + 11.5 to 30.0 VDC required. * ASCII character set (optional character sets available). * Efficient parallel interface. * Wide viewing angle (150). * Rugged design/slim profile. * Flicker free refresh. * Editing functions. * High brightness. The APD-240M021 plasma display module consists of a multiplexed DC plasma display, drive circuitry and switching voltage converter mated with an intelligent, microprocessor-based controller board. The resulting assembly interfaces easily to microprocessor-based systems and requires only readily available low voltages for power. Vishay Dale's patented open construction display technology assures a stable flicker free screen. Interfacing is a basic 8 bit parallel ASCII interface with some dedicated control lines and requires minimum handshaking. DEVICE SELECT (CS), ADDRESS (A0), WRITE and READ lines are enabled in accordance with the Function Summary Chart and allow the host system to write or read data from the display. Data bus signals are formatted in accordance with the standard ASCII which allow control functions to be included in the character code matrix table. Functions such as advancing the cursor position or selecting the end-of-line mode are implemented with a single 8 bit control word.
OPTICAL SPECIFICATIONS
Viewing Area: 7.52" [191.01mm] W x 2.15" [54.61mm] H. Number of Characters: 240. Character Size: 0.15" [3.81mm] W x 0.21" [5.33mm] H. Luminance: 100 foot lamberts.
DIMENSIONS in inches [millimeters]
0.200 [5.08] 10.0 [254.0] 7.52 [191.0] 1.0 [25.40] 0.50 [12.70] 2.15 [54.61]
4.30 [109.22] 3.90 [99.06]
STANDARD ELECTRICAL SPECIFICATIONS
MIN. Logic Supply Voltage Logic Supply Current Panel Supply Voltage Panel Supply Current* Logic One Voltage Logic Zero Voltage Logic Zero Input Current *At 12 volt input. + 4.75 -- 11.5 -- 2.4 -- -- TYP. + 5.0 300.0 12.0 600.0 -- -- -- MAX. + 5.25 -- 30.0 1000.0 -- 0.8 - 0.4 UNITS V mA V mA V V mA
9.50 [241.3] 0.470 [11.94] Max.
0.250 [6.35]
0.450 [11.43] J2 Pin #1 Mates with 3M 3399-6026 2.0 [50.80] 4.75 [120.65]
J1 Pin #1 Mates with Molex 09-50-3061
1.90 [48.26] Max.
1.15 [29.21]
ORDERING INFORMATION
DESCRIPTION PART NUMBER Display, Drive Electronics, Controller.......................................................................................................................................... APD-240M021 Parallel Data Connector Kit................................................................................................................................................................280105-01 Power Connector Kit..........................................................................................................................................................................280108-07 Non-Glare Filter (amber circular polarized) other filters available - contact factory............................................................................................................................................... 280109-13
www.vishay.com 2
Document Number: 37017 Revision 05-Dec-00


▲Up To Search▲   

 
Price & Availability of APD-240M021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X