![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PRELIMINARY TECHNICAL DATA a Wideband, 43dB Isolation @ 1GHz, CMOS 1.65 V to 2.75V, Absorptive/Reflective Switches ADG901/ADG902 Preliminary Technical Data FUNCTIONAL BLOCK DIAGRAM ADG901 RF1 RF2 FEATURES Wideband DC to 2GHz ADG901/ADG902 Absorptive/Reflective Switches High Off Isolation (43 dB @ 1 GHz) Low Insertion Loss (1 dB DC to 900 MHz) Single 1.65 to 2.75 V power supply CMOS/LVTTL Control Logic 8 Lead MSOP & Tiny 3 x 3mm CSP Packages Low Power Consumption (5A) APPLICATIONS Wireless Communications General Purpose RF switching Dual Band Applications Filter Selection Antenna Switch Digital Transceiver Front-End Switch IF Switching GENERAL DESCRIPTION 50 CONTROL 50 ADG902 RF1 RF2 CONTROL The ADG901/ADG902 are wideband switches using a CMOS process to provide high isolation and low insertion loss to 1GHz. The ADG901 is an absorptive switch having 50 ohm terminated shunt legs, while the ADG902 is a reflective switch. These devices are designed such that the isolation is high over the DC to 1GHz frequency range. They have on board CMOS control logic, thus eliminating the need for external controlling circuitry. The control inputs are both CMOS and LVTTL compatible. The low power consumption of these CMOS devices makes them ideally suited to wireless applications and general purpose high frequency switching. Table 1. Truth Table CONTROL 0 1 Signal Path RF1 isolated from RF2 RF1 to RF2 Figure 1. Isolation vs Frequency Figure 2. Loss vs Frequency REV. PrC Sept 2002 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P Box 9106, Norwood, MA 02062-9106, U.S.A. .O. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 Analog Devices, Inc., 2002 PRELIMINARY TECHNICAL DATA 1 ADG901/ADG902-SPECIFICATIONSotherwise noted) (V = +1.65 V to +2.75 V, GND = 0 V, All specifications T to T unless DD MIN MAX Parameter AC ELECTRICAL CHARACTERISTICS Operating Frequency Insertion Loss Symbol Conditions Min DC B Version Typ 2 Max 2 Units GHz dB dB dB dB dB dB dB dB dB dB dB dB dB ns ns dBm dBm V V V V A pF pF S21, S12 Isolation - RF1 to RF2 S21, S12 Return Loss (On Channel) ADG901 S11, S22 Return Loss (On Channel) ADG902 S11, S22 On switching Time Off Switching Time 1 dB Compression Third Order Intermodulation intercept DC ELECTRICAL CHARACTERISTICS Input High Voltage Input Low Voltage Input Leakage Current CAPACITANCE3 RF1/RF2 Port On Capacitance Control Input Capacitance POWER REQUIREMENTS VDD Quiescent Power Supply Current tON t OFF P-1dB IP3 VINH VINH VINL VINL II CRF ON C IN DC - 100 MHz 500 MHz 900 MHz 1 MHz 100 MHz 500 MHz 1000 MHz DC - 100 MHz 500 MHz 1000 MHz DC - 100 MHz 500 MHz 1000 MHz 50% Control to 90% RF 50% Control to 10% RF DC to 1000 MHz 900MHz, 5dBm VDD = 2.3 V to 2.75 V VDD = 1.65 V to 1.95 V VDD = 2.3 V to 2.75 V VDD = 1.65 V to 1.95 V 0 VIN 2.75 V f = 1 MHz f = 1 MHz 1.65 1.7 0.65VCC 0.4 0.65 1.0 100 55 43 tbd tbd 26 23 5 4 20 35 0.7 0.35VCC 1 2 2 2.75 5 IDD Digital Inputs = 0 V or VDD 1 V A NOTES 1 Temperature range is as follows: B Version: -40C to +85C. 2 Typical values are at +25C unless otherwise stated. 3 Guaranteed by design, not subject to production test. Specifications subject to change without notice. -2- REV. PrC PRELIMINARY TECHNICAL DATA ADG901/ADG902 ABSOLUTE MAXIMUM RATINGS 1 (T A = +25C unless otherwise noted) PIN CONFIGURATION VDD to GND -0.5 V to +4 V Inputs to GND -0.5 V to VDD + 0.3V Input Power TBD dBm Operating Temperature Range Industrial (B Version) -40C to +85C Storage Temperature Range -65C to +150C Junction Temperature +150C MSOP Package 206C/W JA Thermal Impedance CSP Package TBDC/W JA Thermal Impedance Lead Temperature, Soldering (10seconds) 300C IR Reflow, Peak Temperature (<20 seconds) +235C NOTES 1 Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time. 8-Lead MSOP (RM-8) 3x3mm CSP (CP-8) VDD 1 CONTROL 2 8 RF2 ADG901/ ADG902 7 GND GND 3 RF1 4 6 GND TOP VIEW (Not to Scale) 5 GND ORDERING GUIDE Model ADG901BRM ADG901BCP ADG902BRM ADG902BCP Temperature Range -40C -40C -40C -40C to to to to +85C +85C +85C +85C Package Descriptions MSOP (Micro Small Outline Package) Chip Scale Package MSOP (Micro Small Outline Package) Chip Scale Package Branding Package Options RM-8 CP-8 RM-8 CP-8 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADG901/ADG902 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. REV. PrC -3- PRELIMINARY TECHNICAL DATA ADG901/ADG902 OUTLINE DIMENSIONS Dimensions shown in inches and (mm). MSOP (RM-8) 0.122 (3.10) 0.114 (2.90) 8 5 0.122 (3.10) 0.114 (2.90) 1 4 0.199 (5.05) 0.187 (4.75) PIN 1 0.0256 (0.65) BSC 0.120 (3.05) 0.112 (2.84) 0.006 (0.15) 0.002 (0.05) 0.018 (0.46) SEATING 0.008 (0.20) PLANE 0.043 (1.09) 0.037 (0.94) 0.011 (0.28) 0.003 (0.08) 0.120 (3.05) 0.112 (2.84) 33 27 0.028 (0.71) 0.016 (0.41) Chip Scale Package (CP-8) 3 x 3mm TBD -4- REV. PrC |
Price & Availability of ADG901
![]() |