Part Number Hot Search : 
75N06HD MBR10150 MJD122T4 HSB857J OPB696 ONTROL CT4060 AN7362
Product Description
Full Text Search
 

To Download 7813J-1-051E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL IA NT
Features

Single pole/double throw Compatible with most surface mount manufacturing processes 50 or 2000 cycle rotational life Tape and reel packaged Withstands 245 soldering heat
*R oH S
CO M
RoHS compliant*
7813 SMD 3 mm Square Sealed Rotary Switch
U.S. Patent No. 5043695
Electrical Characteristics Contact Rating Maximum Current ...........100 mA max. Maximum Voltage .........................16 V Contact Timing...................Non-shorting Contact Resistance ............2 ohms max. Insulation Resistance ..............................100 megohms min. Dielectric Strength ....................250 VAC General Characteristics Switch Type ...................................SPDT Operating Temperature Range ................................-55 C to +125 C Storage Temperature Range ................................-55 C to +125 C Seal Test .......................85 C Fluorinert Mechanical Characteristics Positions ...............................................2 Adjustment Torque........... .5 N-cm max. Stop Strength ...................1.8 N-cm min. Environmental Characteristics Shock ..............................................20 G 0.1 ms max. discontinuity Vibration ........................................100 G 0.1 ms max. discontinuity Thermal Shock .........................(5 cycles) -55 C to +125 C Humidity Insulation Resistance ................................10 megohms min. Rotational Life -051 ......................................50 Cycles -023 ..................................2000 Cycles Max. Soldering Heat ...................245 C, 5 seconds Standard Packaging J ...................................1,000 pcs./reel S ......................................200 pcs./reel How to Order Product Dimensions
7813J
C
3.5 (.138)
7813S
3.5 (.138)
ADJUSTMENT SLOT 0.51 WIDE (.020) 1.93 X LONG (.076) CCW
X
0
K
3.02 (.119)
CW
0.51 DEEP (.020)
1.3 (.051) 0.9 (.035) 2 PLCS 0.9 (.035)
0.65 2 PLCS (.026) 2.25 (.089) 2.2 (.087)
1 3 2 ADJUSTMENT SLOT 1.93 0.03 LONG X 0.52 0.03 (.076 .001) (.021 .001) 0.51 0.06 WIDE X DEEP (.020 .002)
2.39 (.094)
0.71 0.20 (.028 .008)
0.61 0.20 (.024 .008) TYP 3.71 (.146)
1.15 TYP (.045)
2.77 (.109)
3.61 (.142)
0.15 (.006)
5.35 (.211)
1.30 (.051)
1.6 (.063) 0.6 (.024) 1.6 (.063) 1.1 (.043)
1.6 (.063) 0.65 (.026) 0.65 (.026) 1.1 (.043) 4.5 (.177)
0.15 0.03 (.006 .001) 2.39 (.094)
1.12 2 PLCS (.044)
1.57 (.062) 3 PLCS
1.57 (.062) RECOMMENDED LAND PATTERN
2.62 (.103)
7813 J - 1 - 051 E
Model Terminal Switch Type 1 = SPDT Rotational Life -051 = 50 Cycles -023 = 2000 Cycles Embossed Tape E = 1000 Pcs./180 mm Reel (J Style) 200 Pcs./180 mm Reel (S Style)
DIMENSIONS ARE:
MM (INCHES)
TOLERANCES: .2 EXCEPT WHERE NOTED.
C 2 CCW 3 1 CW
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex. "Fluorinert" is a registered trademark of 3M Co. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
7813 SMD 3 mm Square Sealed Rotary Switch
Packaging Specifications
7813J
4.0 0.1 (.157 .004)
Reflow Soldering Profile
7813S
5.80 0.10 (.228 .004)
275 225 Temperature (C) 175 125 120 C 75 30-40 Sec. 25 0 20 40 60 10-15 Sec. 80-90 Sec. 35-60 Sec. 240 C 180 C
2.5 0.1 (.098 .004)
0.40 MAX (.016)
.30 0.1 (.012 .004) 5.52 0.18 (.217 .007) 4.0 0.1 (.157 .004)
4.20 0.20 (.165 .008)
5 2
16.00 0.30 (.630 .012) 7.50 0.10 (.295 .004) 1.5 0.20 DIA. (.059 .008)
80 100 120 140 160 180 200 Time (Seconds)
2.0 0.1 (.079 .004) 1.5 0.1 (.059 .004) 1.5 0.2 (.059 .008) 1.75 0.10 (.069 .004) 12.0 0.2 (.472 .008) TAPE
2.00 0.10 (.079 .004) 3.8 0.2 (.150 .008)
12.00 0.10 (.472 .004)
4.00 0.10 (.157 .004)
1.5 + 0.10 DIA. (.059 + .004)
180.0 5 DIA. (7.087 .197)
2.67 .25 (.105 .010)
TAPE 1.78 .254 (0.07 0.01) EQUAL SPACED 3 PLCS. 13.00 5.08 (0.51 0.02) DIA.
4.10 0.20 (.161 .008)
21.01 .787 (0.83 0.03) DIA. 2.67 .254 (0.11 0.01)
EQUAL SPACED 3 PLCS. 1.78 (.070) MIN.
60.0 2.0 (2.362 .079) 59.18 2.03 (2.33 0.08)
13.0 0.51 (.512 .020) DIA.
21.01 0.79 (.827 .031) REEL
12.40 + 2.00/ -.000 (.488 = .079/ -.000) 177.8 2.03 DIA. (7.0 0.08) REEL Meets EIA 481
Meets EIA 481
16.4 + 2.0/ -.00 (0.65 + 0.08/ -00)
REV. 09/04 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 7813J-1-051E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X