Part Number Hot Search : 
ZFUR14A2 RB886Y LTC3106 S7805 T2803 0515D MA2901 N1N2977R
Product Description
Full Text Search
 

To Download 74V1G70CTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74V1G70
SINGLE BUFFER
s s
s
s s
s
s
s
HIGH SPEED: tPD = 3.6ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 1A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = V NIL = 28% VCC (MIN.) POWER DOWN PROTECTION ON INPUT SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8mA (MIN) at VCC = 4.5V BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V IMPROVED LATCH-UP IMMUNITY
SOT23-5L
SOT323-5L
ORDER CODES
PACKAGE SOT23-5L SOT323-5L T&R 74V1G70STR 74V1G70CTR
DESCRIPTION The 74V1G70 is an advanced high-speed CMOS SINGLE BUFFER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. The internal circuit is composed of 2 stages including buffer output, which provide high noise immunity and stable output.
Power down protection is provided on input and 0 to 7V can be accepted on input with no regard to the supply voltage. This device can be used to interface 5V to 3V.
PIN CONNECTION AND IEC LOGIC SYMBOLS
July 2001
1/9
74V1G70
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1 2 4 3 5 SYMBOL NC 1A 1Y GND VCC NAME AND FUNCTION Not Connected Data Input Data Output Ground (0V) Positive Supply Voltage
TRUTH TABLE
A L H Y L H
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 260 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current Tstg Storage Temperature TL Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (note 1) (VCC = 3.3 0.3V) (VCC = 5.0 0.5V) Parameter Value 2 to 5.5 0 to 5.5 0 to VCC -55 to 125 0 to 100 0 to 20 Unit V V V C ns/V ns/V
1) VIN from 30% to 70% of V CC
2/9
74V1G70
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 3.0 to 5.5 2.0 3.0 to 5.5 2.0 3.0 4.5 3.0 4.5 VOL Low Level Output Voltage 2.0 3.0 4.5 3.0 4.5 II ICC Input Leakage Current Quiescent Supply Current 0 to 5.5 5.5 IO=-50 A IO=-50 A IO=-50 A IO=-4 mA IO=-8 mA IO=50 A IO=50 A IO=50 A IO=4 mA IO=8 mA VI = 5.5V or GND VI = VCC or GND TA = 25C Min. 1.5 0.7VCC 0.5 0.3VCC 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.1 1 2.0 3.0 4.5 1.9 2.9 4.4 2.48 3.8 0.1 0.1 0.1 0.44 0.44 1 10 Typ. Max. Value -40 to 85C Min. 1.5 0.7VCC 0.5 0.3VCC 1.9 2.9 4.4 2.4 3.7 0.1 0.1 0.1 0.55 0.55 1 20 A A V V Max. -55 to 125C Min. 1.5 0.7VCC 0.5 0.3VCC V V Max. Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
VOH
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 3.3(*) 3.3(*) 5.0(**) 5.0(**)
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5.0V 0.5V
Value TA = 25C Min. Typ. 4.8 5.3 3.6 4.0 Max. 7.0 8.0 5.5 6.0 -40 to 85C Min. 1.0 1.0 1.0 1.0 Max. 8.0 9.0 6.5 7.0 -55 to 125C Min. 1.0 1.0 1.0 1.0 Max. 9.0 10.0 7.5 8.0 ns Unit
CL (pF) 15 50 15 50
tPLH tPHL Propagation Delay Time
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter Min. CIN CPD Input Capacitance Power Dissipation Capacitance (note 1) TA = 25C Typ. 4 10 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
3/9
74V1G70
TEST CIRCUIT
CL =15/50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
4/9
74V1G70
SOT23-5L MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b C D E E1 e e1 L 0.35 0.90 0.00 0.90 0.35 0.09 2.80 2.60 1.50 0.95 1.9 0.55 13.7 TYP MAX. 1.45 0.15 1.30 0.50 0.20 3.00 3.00 1.75 MIN. 35.4 0.0 35.4 13.7 3.5 110.2 102.3 59.0 37.4 74.8 21.6 TYP. MAX. 57.1 5.9 51.2 19.7 7.8 118.1 118.1 68.8 mils
5/9
74V1G70
SOT323-5L MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b C D E E1 e e1 L 0.10 0.80 0.00 0.80 0.15 0.10 1.80 1.80 1.15 0.65 1.3 0.30 3.9 TYP MAX. 1.10 0.10 1.00 0.30 0.18 2.20 2.40 1.35 MIN. 31.5 0.0 31.5 5.9 3.9 70.9 70.9 45.3 25.6 51.2 11.8 TYP. MAX. 43.3 3.9 39.4 11.8 7.1 86.6 94.5 53.1 mils
6/9
74V1G70
Tape & Reel SOT23-xL MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 3.13 3.07 1.27 3.9 3.9 3.23 3.17 1.37 4.0 4.0 12.8 20.2 60 14.4 3.33 3.27 1.47 4.1 4.1 0.123 0.120 0.050 0.153 0.153 0.127 0.124 0.054 0.157 0.157 13.0 TYP MAX. 180 13.2 0.504 0.795 2.362 0.567 0.131 0.128 0.0.58 0.161 0.161 0.512 MIN. TYP. MAX. 7.086 0.519 inch
7/9
74V1G70
Tape & Reel SOT323-xL MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 3.98 3.98 2.25 2.7 1.2 4 4 4.2 4.2 0.156 0.156 175 12.8 20.2 59.5 60 60.5 14.4 0.088 0.106 0.047 0.157 0.157 0.165 0.165 TYP 180 13 MAX. 185 13.2 MIN. 6.889 0.504 0.795 2.362 0.567 TYP. 7.086 0.512 MAX. 7.283 0.519 inch
8/9
74V1G70
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of 74V1G70CTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X